Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38254M6-330FP Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M38254M6-330FP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38254M6-330FP Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M38254M6-330FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M38254M6-330FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M38254M6-330FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M38254M6-330FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M38254M6-330FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M38254M6-330FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M38254M6-330FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M38254M6-330FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M38254M6-330FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 70 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
3825 Group
2
Package type : GP ........................... 100P6Q-A (100-pin plastic-molded LQFP)
Package type : HP ........................... 100PFB-A (100-pin plastic-molded TQFP)
PIN CONFIGURATION (TOP VIEW)
Fig. 2 Pin configuration of M38258MCMXXXGP, M38258MCMXXXHP
31
32
33
34
35
36
37
38
39
40
41
42
49
50
43
44
45
46
47
48
99
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
83
82
81
100
26
27
28
29
30
P70
XIN
XOUT
VSS
P27
P26
P25
P24
P23
P22
P21
P20
RESET
P80/XCOUT
P81/XCIN
P17
P16
P71
P72
P73
P74
P75
P76
P15/SEG39
P14/SEG38
76
77
78
79
80
VCC
SEG6
SEG7
SEG5
SEG3
SEG4
SEG2
SEG1
SEG0
VREF
AVSS
COM2
COM3
COM1
COM0
VL3
SEG8
SEG9
VL2
C2
C1
VL1
SEG10
SEG11
SEG12
1111
M38258MCMXXXGP
M38258MCMXXXHP


Similar Part No. - M38254M6-330FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38258MCMXXXFP RENESAS-M38258MCMXXXFP Datasheet
1Mb / 71P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38254M6-330FP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com