Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJP02N65 Datasheet(PDF) 2 Page - ZP Semiconductor

Part # CJP02N65
Description  N -Channel Power MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor

CJP02N65 Datasheet(HTML) 2 Page - ZP Semiconductor

  CJP02N65 Datasheet HTML 1Page - ZP Semiconductor CJP02N65 Datasheet HTML 2Page - ZP Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical characteristics (Ta=25
℃ unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Off characteristics
Drain-source breakdown voltage
V(BR)DSS
VGS = 0V, ID =250µA
650
Drain-source diode forward voltage(note2)
VSD
VGS = 0V, IS =2A
1.6
V
Zero gate voltage drain current
IDSS
VDS =600V, VGS =0V
250
µA
Gate-body leakage curren (note2)
IGSS
VDS =0V, VGS =±20V
±
100
nA
On characteristics (note2)
Gate-threshold voltage
VGS(th)
VDS =VGS, ID =250µA
2.0
4.0
V
Static drain-source on-resistance
RDS(on)
VGS =10V, ID =1A
4.4
Dynamic characteristics (note 3)
Input capacitance
Ciss
435
Output capacitance
Coss
56
Reverse transfer capacitance
Crss
VDS =25V,VGS =0V,f =1MHz
9.2
pF
Switching characteristics (note 3)
Total gate charge
Qg
5.0
10
Gate-source charge
Qgs
2.7
Gate-drain charge
Qgd
VDS =480V,VGS =10V,ID =4.0A
2.0
nC
Turn-on delay time (note3)
td(on)
12
Turn-on rise time (note3)
tr
21
Turn-off delay time (note3)
td(off)
30
Turn-off fall time (note3)
tf
VDD=300V, VGS=10V,
RG=18Ω, ID =2A
24
ns
Notes :
1.
L=
64mH, IL=2 A, VDD=50V,,RG=25Ω,Starting TJ=25
℃.
2.
Pulse Test : Pulse width≤300µs, duty cycle ≤2%.
3.
These parameters have no way to verify.
2 of 2
sales@zpsemi.com
www.zpsemi.com
CJP02N65


Similar Part No. - CJP02N65

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
CJP02N65 JIANGSU-CJP02N65 Datasheet
1Mb / 4P
   N-Channel Power MOSFET
More results

Similar Description - CJP02N65

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com