Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

102203880001 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 102203880001
Description  M 2,54 SRC-A, 3-polig
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

102203880001 Datasheet(HTML) 1 Page - ERNI Electronics

  102203880001 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Kontaktbereich vergoldet
Mating Area gold plating
Anschlussbereich verzinnt 4-6 µm
Terminal Area 4-6 µm tin plating
Koplanarität der Anschlüsse 0,1 mm
Coplanarity Area of Termination
Anforderungsstufe 1
Performance Level 1
0,1 mm
Abspulrichtung -
Reel off Direction
330
Tape on Reel Packaging
Verpackungseinheit: 440 Stück
Verpackt in Gurtverpackung
Packaging unit: 440 pcs
a1
10,38
2,54
1,5
2 x 2,54 = 5,08
0,45
1,95
0,9
11,38 ±0,05
5,05
0,75 -0,1
12,88
14,08
e
Index
prior notice.
A3
Class
K
02.11.2015
SRCA
M 2,54 SRC-A, 3-polig
102203880001
3:1
www.ERNI.com
Tolerances
version of this drawing, please
Drawing will not be updated.
Designation
in mm
All Dimensions
Scale
contact one of the ERNI companies
before using.
Subject to modification without
- coding black
All rights reserved.
Only for Information.
To ensure that this is the latest
Information:
Codierung schwarz
Date
Leiterplatten-Layout Vorschlag für SMT
PCB-Layout Proposal for SMT
a1
-0,03
5,08
2 x 2,54 =
1,95
0,4
11,38
1,02
±0,05
2,54
1,6
3,15 ±0,03
a1
20


Similar Part No. - 102203880001

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
102203-1 MACOM-102203-1 Datasheet
249Kb / 2P
   ASSEMBLY, MOD II, HEADER, SINGLE ROW .100 C/L, RIGHT ANGLE, WITH .025 SQ POST
102203-2 MACOM-102203-2 Datasheet
249Kb / 2P
   ASSEMBLY, MOD II, HEADER, SINGLE ROW .100 C/L, RIGHT ANGLE, WITH .025 SQ POST
102203-3 MACOM-102203-3 Datasheet
249Kb / 2P
   ASSEMBLY, MOD II, HEADER, SINGLE ROW .100 C/L, RIGHT ANGLE, WITH .025 SQ POST
102203-4 MACOM-102203-4 Datasheet
249Kb / 2P
   ASSEMBLY, MOD II, HEADER, SINGLE ROW .100 C/L, RIGHT ANGLE, WITH .025 SQ POST
102203-5 MACOM-102203-5 Datasheet
249Kb / 2P
   ASSEMBLY, MOD II, HEADER, SINGLE ROW .100 C/L, RIGHT ANGLE, WITH .025 SQ POST
More results

Similar Description - 102203880001

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
101204240001 ERNI-101204240001 Datasheet
54Kb / 1P
   M 2,54 SRC-A, 3-polig
101004240001 ERNI-101004240001 Datasheet
54Kb / 1P
   M 2,54 SRC-A, 3-polig
224919 ERNI-224919 Datasheet
67Kb / 1P
   M 2,54 SRC-A, 3-polig
100202420001 ERNI-100202420001 Datasheet
54Kb / 1P
   M 2,54 SRC-A, 3-polig
101104240001 ERNI-101104240001 Datasheet
54Kb / 1P
   M 2,54 SRC-A, 3-polig
103304240001 ERNI-103304240001 Datasheet
53Kb / 1P
   M 2,54 SRC-A 3/2-polig
103104240001 ERNI-103104240001 Datasheet
53Kb / 1P
   M 2,54 SRC-A 3/2-polig
103404240001 ERNI-103404240001 Datasheet
53Kb / 1P
   M 2,54 SRC-A 3/2-polig
224984 ERNI-224984 Datasheet
71Kb / 1P
   M 2,54 SRC-P, 3-polig
103802000001 ERNI-103802000001 Datasheet
55Kb / 1P
   M 2,54 SRC-A, 4-polig
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com