Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS64VF25618EC-6.5B2LA3 Datasheet(PDF) 9 Page - Integrated Silicon Solution, Inc

Part # IS64VF25618EC-6.5B2LA3
Description  128K x36/32 and 256K x18 4Mb, ECC, SYNCHRONOUS FLOW-THROUGH SRAM
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS64VF25618EC-6.5B2LA3 Datasheet(HTML) 9 Page - Integrated Silicon Solution, Inc

Back Button IS64VF25618EC-6.5B2LA3 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS64VF25618EC-6.5B2LA3 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS64VF25618EC-6.5B2LA3 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS64VF25618EC-6.5B2LA3 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS64VF25618EC-6.5B2LA3 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS64VF25618EC-6.5B2LA3 Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS64VF25618EC-6.5B2LA3 Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS64VF25618EC-6.5B2LA3 Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS64VF25618EC-6.5B2LA3 Datasheet HTML 13Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
IS61(4)LF12836EC/IS61(4)VF12836EC/IS61(4)LF12832EC
IS61(4)VF12832EC/IS61(4)LF25618EC/IS61(4)VF25618EC
Integrated Silicon Solution, Inc.- www.issi.com
Rev. C1
09/30/2015
9
128K x 36, 100PIN QFP (Top View)
DQPc
1
80
DQPb
DQc
2
79
DQb
DQc
3
78
DQb
VDDQ
4
77
VDDQ
VSS
5
76
VSS
DQc
6
75
DQb
DQc
7
74
DQb
DQc
8
73
DQb
DQc
9
72
DQb
VSS
10
71
VSS
VDDQ
11
70
VDDQ
DQc
12
69
DQb
DQc
13
68
DQb
NC
14
67
VSS
VDD
15
66
NC
NC
16
65
VDD
VSS
17
64
ZZ
DQd
18
63
DQa
DQd
19
62
DQa
VDDQ
20
61
VDDQ
VSS
21
60
VSS
DQd
22
59
DQa
DQd
23
58
DQa
DQd
24
57
DQa
DQd
25
56
DQa
VSS
26
55
VSS
VDDQ
27
54
VDDQ
DQd
28
53
DQa
DQd
29
52
DQa
DQPd
30
51
DQPa
128K x 36
Note: A0 and A1 are the two least significant bits (LSB) of the address field and set the internal burst counter if burst is desired.
PIN DESCRIPTIONS
Symbol
Pin Name
Symbol
Pin Name
CLK
Synchronous Clock
/GW
Synchronous Global Write Enable
A0,A1
Synchronous Burst Address Inputs
/OE
Asynchronous Output Enable
A
Synchronous Address Inputs
DQx
Synchronous Data Inputs/Outputs
/ADV
Synchronous Burst Address Advance
DQPx
Synchronous Parity Data I/O
/ADSP
Synchronous Address Status Processor
ZZ
Asynchronous Power Sleep Mode
/ADSC
Synchronous Address Status Controller
NC
No Connect
MODE
Burst Sequence Selection
VDD
Power Supply
/CE,CE2,/CE2
Synchronous Chip Enable
VDDQ
I/O Power Supply
/BWE
Synchronous Byte Write Enable
VSS
Ground
/BWx (x=a-d)
Synchronous Byte Write Inputs


Similar Part No. - IS64VF25618EC-6.5B2LA3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS64VF25618A ISSI-IS64VF25618A Datasheet
166Kb / 25P
   128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS64VF25618A-7.5TQA3 ISSI-IS64VF25618A-7.5TQA3 Datasheet
166Kb / 25P
   128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
More results

Similar Description - IS64VF25618EC-6.5B2LA3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LPS12836EC-250TQ ISSI-IS61LPS12836EC-250TQ Datasheet
2Mb / 36P
   128K x36/32 and 256K x18 4Mb, ECC, SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT SRAM
logo
Micron Technology
MT58L128V36F1 MICRON-MT58L128V36F1 Datasheet
194Kb / 3P
   4Mb: 256K x 18, 128K x 32/36 FLOW-THROUGH SYNCBURST SRAM
logo
Alliance Semiconductor ...
AS7C33128FT32B ALSC-AS7C33128FT32B Datasheet
416Kb / 19P
   3.3V 128K x 32/36 Flow Through Synchronous SRAM
AS7C33256FT32A ALSC-AS7C33256FT32A Datasheet
522Kb / 19P
   3.3V 256K x 32/36 Flow-through synchronous SRAM
logo
Integrated Silicon Solu...
IS61NLF12836A ISSI-IS61NLF12836A Datasheet
194Kb / 27P
   128K x 36 and 256K x 18 4Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
logo
Integrated Circuit Solu...
IC61SF12832 ICSI-IC61SF12832 Datasheet
174Kb / 17P
   128K x 32 Flow Through SyncBurst SRAM
logo
Integrated Silicon Solu...
IS61NF25618-8.5TQ ISSI-IS61NF25618-8.5TQ Datasheet
129Kb / 20P
   128K x 32, 128K x 36 and 256K x 18 FLOW-THROUGH NO WAIT STATE BUS SRAM
logo
AMIC Technology
A67L83161 AMICC-A67L83161 Datasheet
271Kb / 19P
   256K X 16/18, 128K X 32/36 LVTTL, Flow-through DBA SRAM
logo
Alliance Semiconductor ...
AS7C33256FT18B ALSC-AS7C33256FT18B Datasheet
401Kb / 19P
   3.3V 256K x 18 Flow Through Synchronous SRAM
AS7C33128FT18B ALSC-AS7C33128FT18B Datasheet
399Kb / 19P
   3.3V 128K x 18 Flow Through Synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com