Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA-500-501G-06 Datasheet(PDF) 1 Page - Copal Electronics

Part # PA-500-501G-06
Description  PRESSURE TRANSDUCERS WITH AMP
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PA-500-501G-06 Datasheet(HTML) 1 Page - Copal Electronics

  PA-500-501G-06 Datasheet HTML 1Page - Copal Electronics PA-500-501G-06 Datasheet HTML 2Page - Copal Electronics PA-500-501G-06 Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
3
2
4
5
6
Pressure reference
Gauge
0 ~ 9.81
{0 ~ 0.1}
0 ~ 49.0
{0 ~ 0.5}
0 ~ 98.1
{0 ~ 1}
0 ~ 343
{0 ~ 3.5}
0 ~ 490
{0 ~ 5}
0 ~ 981
{0 ~ 10}
0 ~
−98.1
{0 ~
−1}
kPa {kgf/cm2}
Rated pressure range
± 0.06 % F.S./°C
± 0.1 % F.S./°C
Part name
Material
Glass stand seat
Brass
+ Nickel-plated 1
1SUS 304 for 102V
Borosilicated glass
Fluoro-rubber
Silicone
Aluminum
Vinyl chloride resin
Fitting
Sensor chip
“O” ring
Housing
Cable
1
2
3
4
5
6
INTERNAL STRUCTURE (Gauge type)
O High output gain by built-in hybrid electronic amp.
O Built-in temperature compensation function (0 ~ 50 °C)
O Pressure medium compatible with both liquid and gas
pressures (Gauge)
FEATURES
MODEL NUMBER DESIGNATION
LIST OF MODEL NUMBERS
PA-500 - 501 G - 06
Series name
Rated pressure range
101
:0 ~ 9.81 kPa {0 ~ 0.1 kgf/cm2}
501
:0 ~ 49.0 kPa {0 ~ 0.5 kgf/cm2}
102
:0 ~ 98.1 kPa {0 ~
1 kgf/cm2}
352
:0 ~ 343 kPa {0 ~ 3.5 kgf/cm2}
502
:0 ~ 490 kPa {0 ~
5 kgf/cm2}
103
:0 ~ 981 kPa {0 ~ 10 kgf/cm2}
Thermal error
06
± 0.06 % F.S./°C
10
± 0.1 % F.S./°C
Pressure reference
G
:Gauge
V
:Gauge (Vacuum)
PA-500
-501G-06
PA-500
-101G-10
PA-500
-501G-10
PA-500
-102G-10
PA-500
-352G-10
PA-500
-502G-10
PA-500
-103G-10
PA-500
-102V-10
PA-500
-102G-06
PA-500
-352G-06
PA-500
-502G-06
PA-500
-103G-06
PA-500
-102V-06
Thermal error
 :Not available
Verify the above model numbers when placing orders.
PRESSURE TRANSDUCERS WITH AMP.
PA-500


Similar Part No. - PA-500-501G-06

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
PA-5R0H224-R COOPER-PA-5R0H224-R Datasheet
245Kb / 2P
   Supercapacitors
logo
Eaton All Rights Reserv...
PA-5R0H224-R EATON-PA-5R0H224-R Datasheet
319Kb / 3P
   PA Supercapacitors Cylindrical pack
logo
Cooper Bussmann, Inc.
PA-5R0H474-R COOPER-PA-5R0H474-R Datasheet
245Kb / 2P
   Supercapacitors
logo
Eaton All Rights Reserv...
PA-5R0H474-R EATON-PA-5R0H474-R Datasheet
319Kb / 3P
   PA Supercapacitors Cylindrical pack
logo
Cooper Bussmann, Inc.
PA-5R0V224-R COOPER-PA-5R0V224-R Datasheet
245Kb / 2P
   Supercapacitors
More results

Similar Description - PA-500-501G-06

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PA-860 COPAL-PA-860_16 Datasheet
92Kb / 4P
   PRESSURE TRANSDUCERS WITH AMP
PA-930 COPAL-PA-930_16 Datasheet
83Kb / 3P
   PRESSURE TRANSDUCERS WITH AMP
PA-930-A COPAL-PA-930-A Datasheet
79Kb / 3P
   PRESSURE TRANSDUCERS WITH AMP
PA-830 COPAL-PA-830 Datasheet
84Kb / 4P
   PRESSURE TRANSDUCERS WITH AMP
PA-838 COPAL-PA-838 Datasheet
113Kb / 3P
   Pressure Transducers with Amp
PA-20 COPAL-PA-20_16 Datasheet
78Kb / 3P
   PRESSURE TRANSDUCERS WITH AMP
PA-870 COPAL-PA-870 Datasheet
614Kb / 4P
   Pressure Transducers with Amp.
PA-858 COPAL-PA-858_16 Datasheet
92Kb / 4P
   PRESSURE TRANSDUCERS WITH AMP
PA-758 COPAL-PA-758 Datasheet
119Kb / 4P
   PRESSURE TRANSDUCERS WITH AMP.
PA-708 COPAL-PA-708_16 Datasheet
71Kb / 3P
   PRESSURE TRANSDUCERS WITH AMP
PA-870 COPAL-PA-870_16 Datasheet
83Kb / 3P
   PRESSURE TRANSDUCERS WITH AMP
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com