Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA-500-101V-06 Datasheet(PDF) 3 Page - Copal Electronics

Part # PA-500-101V-06
Description  PRESSURE TRANSDUCERS WITH AMP
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PA-500-101V-06 Datasheet(HTML) 3 Page - Copal Electronics

  PA-500-101V-06 Datasheet HTML 1Page - Copal Electronics PA-500-101V-06 Datasheet HTML 2Page - Copal Electronics PA-500-101V-06 Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ZERO SPAN
ES
SUR
E TRANSDUC
E
19
M 5 depth 6
(52.2)
13.5
8
27.2
Zero adjustment VR
Aluminium with
alumite finish
Span adjustment VR
R 1/4 (PT 1/4)
(Brass + Ni – plated)
ZERO SPAN
ES
SUR
E TRANSDUC
E
19
M 5 depth 6
(49.7)
12
7
27.2
Zero adjustment VR
Aluminium with
alumite finish
Span adjustment VR
G 1/4 (PF 1/4)
(SUS 304)
28
φ
28
φ
4-core shielded cable L = 600
+100
0
+100
0
( 3.6) AWG26
φ
4-core shielded cable L = 600
( 3.6) AWG26
φ
PA-500
PRESSURE TRANSDUCERS WITH AMP.
Wire color
Red
White
Green
Black
Shield
Connection
INTERNAL ELECTRICAL SCHEMATICS
OPA-500-XXXG
OPA-500-XXXV
Power
B
Output
N.C.
Common
Fitting
OUTLINE DIMENSIONS
Unless otherwise specified, tolerance :
± 0.5 (Unit: mm)
ENVIRONMENTAL CHARACTERISTICS
Test item
Test conditions (At 25
± 5 °C)
Permissible change
Vibration
10 ~ 500 Hz, 1.5 mm maximum/98.1 m/s2,
3 directions for 2 hours each
981 m/s2, 3 directions for 3 times each
0 ~ Rated pressure, 106 cycles
40 °C, 90 ~ 95 %RH, 240 hrs.
Zero voltage/Span voltage:
± 1 %F.S. maximum each
Shock
Pressure cycling
Moisture resistance
Shield
Main circuit
Pressure
Sensor
Common
Output
Power
B


Similar Part No. - PA-500-101V-06

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
PA-5R0H224-R COOPER-PA-5R0H224-R Datasheet
245Kb / 2P
   Supercapacitors
logo
Eaton All Rights Reserv...
PA-5R0H224-R EATON-PA-5R0H224-R Datasheet
319Kb / 3P
   PA Supercapacitors Cylindrical pack
logo
Cooper Bussmann, Inc.
PA-5R0H474-R COOPER-PA-5R0H474-R Datasheet
245Kb / 2P
   Supercapacitors
logo
Eaton All Rights Reserv...
PA-5R0H474-R EATON-PA-5R0H474-R Datasheet
319Kb / 3P
   PA Supercapacitors Cylindrical pack
logo
Cooper Bussmann, Inc.
PA-5R0V224-R COOPER-PA-5R0V224-R Datasheet
245Kb / 2P
   Supercapacitors
More results

Similar Description - PA-500-101V-06

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PA-860 COPAL-PA-860_16 Datasheet
92Kb / 4P
   PRESSURE TRANSDUCERS WITH AMP
PA-930 COPAL-PA-930_16 Datasheet
83Kb / 3P
   PRESSURE TRANSDUCERS WITH AMP
PA-930-A COPAL-PA-930-A Datasheet
79Kb / 3P
   PRESSURE TRANSDUCERS WITH AMP
PA-830 COPAL-PA-830 Datasheet
84Kb / 4P
   PRESSURE TRANSDUCERS WITH AMP
PA-838 COPAL-PA-838 Datasheet
113Kb / 3P
   Pressure Transducers with Amp
PA-20 COPAL-PA-20_16 Datasheet
78Kb / 3P
   PRESSURE TRANSDUCERS WITH AMP
PA-870 COPAL-PA-870 Datasheet
614Kb / 4P
   Pressure Transducers with Amp.
PA-858 COPAL-PA-858_16 Datasheet
92Kb / 4P
   PRESSURE TRANSDUCERS WITH AMP
PA-758 COPAL-PA-758 Datasheet
119Kb / 4P
   PRESSURE TRANSDUCERS WITH AMP.
PA-708 COPAL-PA-708_16 Datasheet
71Kb / 3P
   PRESSURE TRANSDUCERS WITH AMP
PA-870 COPAL-PA-870_16 Datasheet
83Kb / 3P
   PRESSURE TRANSDUCERS WITH AMP
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com