Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1461 Datasheet(PDF) 9 Page - Linear Integrated Systems

Part # LT1461
Description  Precision Dual Output, High Current, Low Noise, Voltage Reference
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1461 Datasheet(HTML) 9 Page - Linear Integrated Systems

Back Button LT1461 Datasheet HTML 5Page - Linear Integrated Systems LT1461 Datasheet HTML 6Page - Linear Integrated Systems LT1461 Datasheet HTML 7Page - Linear Integrated Systems LT1461 Datasheet HTML 8Page - Linear Integrated Systems LT1461 Datasheet HTML 9Page - Linear Integrated Systems LT1461 Datasheet HTML 10Page - Linear Integrated Systems LT1461 Datasheet HTML 11Page - Linear Integrated Systems LT1461 Datasheet HTML 12Page - Linear Integrated Systems LT1461 Datasheet HTML 13Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
LT6658
9
6658f
For more information www.linear.com/LT6658
TA = 25°C, VIN = VIN1 = VIN2 = VOUT1_F + 2.5V =
VOUT2_F + 2.5V, COUT1 = COUT2 = 1µF, ILOAD = 0mA, unless otherwise noted.
Typical perForMance characTerisTics
2.5V VOUT1 Output Voltage Noise
Spectrum ILOAD = 150mA
2.5V Line Transient Response
2.5V Line Transient Response
2.5V Line Transient Response
2.5V VOUT2 Output Voltage Noise
Spectrum ILOAD = 50mA
2.5V VOUT1 Integrated Noise
ILOAD = 0mA
2.5V VOUT2 Integrated Noise
ILOAD = 0mA
2.5V VOUT1 Integrated Noise
ILOAD = 150mA
2.5V VOUT2 Integrated Noise
ILOAD = 50mA
COUT1 = 1µF
FREQUENCY (kHz)
0.01
0.1
1
10
100
1000
0
50
100
150
200
250
300
6658 G37
CNR = OPEN
CNR = 10µF
COUT2 = 1µF
CNR = OPEN
CNR = 10µF
FREQUENCY (kHz)
0.01
0.1
1
10
100
1000
0
50
100
150
200
250
300
6658 G38
COUT1 = 1µF
ILOAD = 0mA
CNR = 0PEN
CNR = 10µF
FREQUENCY (kHz)
0.01
0.1
1
10
100
1000
0
10
20
30
40
50
60
70
6658 G39
COUT2 = 1µF
ILOAD = 0mA
CNR = OPEN
CNR =10µF
FREQUENCY (kHz)
0.01
0.1
1
10
100
1000
0
10
20
30
40
50
60
70
6658 G40
COUT1 = 1µF
ILOAD = 150mA
CNR = OPEN
CNR = 10µF
FREQUENCY (kHz)
0.01
0.1
1
10
100
1000
0
10
20
30
40
50
60
6658 G41
COUT2 = 1µF
ILOAD = 50mA
CNR = OPEN
CNR = 10µF
FREQUENCY (kHz)
0.01
0.1
1
10
100
1000
0
10
20
30
40
50
60
6658 G42
VIN
VBYPASS
VOUT1
VOUT2
VIN = 5V to 5.5V
ILOAD = 0mA
CNR = OPEN
COUT1 = COUT2 = 1µF
50µs/DIV
500mV/DIV
2mV/DIV
2mV/DIV
2mV/DIV
6658 G43
VIN
VBYPASS
VOUT1
VOUT2
VIN = 5V to 5.5V
ILOAD = 0mA
CNR = 1µF
COUT1 = COUT2 = 1µF
50µs/DIV
500mV/DIV
2mV/DIV
2mV/DIV
2mV/DIV
6658 G44
VIN
VBYPASS
VOUT1
VOUT2
VIN = 5V to 5.5V
ILOAD = 50mA
CNR = 1µF
COUT1 = COUT2 = 1µF
50µs/DIV
500mV/DIV
2mV/DIV
2mV/DIV
2mV/DIV
6658 G45


Similar Part No. - LT1461

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1461 LINER-LT1461 Datasheet
206Kb / 20P
   Easy-to-Use, Ultra-Tiny 16-Bit ADC
LT1461 LINER-LT1461 Datasheet
290Kb / 16P
   Easy-to-Use, Ultra-Tiny, Differential, 16-Bit ADC With I2C Interface
LT1461 LINER-LT1461 Datasheet
254Kb / 16P
   Micropower Precision Low Dropout Series Voltage Reference Family
LT1461 LINER-LT1461 Datasheet
844Kb / 18P
   SOT-23 Precision Wide Supply High Output Drive Low Noise Reference
LT1461 LINER-LT1461 Datasheet
507Kb / 22P
   Ultra-Tiny, Differential, 16-Bit ADC with SPI Interface SPI Interface
More results

Similar Description - LT1461

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6658 LINER-LT6658 Datasheet
261Kb / 4P
   Precision Dual Output, High Current, Low Noise, Voltage Reference
logo
Linear Integrated Syste...
LT6658BIMSE-2.5 LINEAR-LT6658BIMSE-2.5 Datasheet
2Mb / 30P
   Precision Dual Output,High Current, Low Noise, Voltage Reference
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090 Datasheet
766Kb / 10P
   Ultra Low Noise, Precision Voltage Reference Output Current Capability 20mA
logo
Analog Devices
ADR3625 AD-ADR3625 Datasheet
3Mb / 21P
   Precision, Micropower, High Current Output Voltage Reference
Rev. 0
logo
Maxim Integrated Produc...
MAX6072 MAXIM-MAX6072 Datasheet
1Mb / 21P
   High-Precision, Dual-Output Series Voltage Reference
19-7483; Rev 0; 12/14
logo
Texas Instruments
LM4140 TI-LM4140_15 Datasheet
1Mb / 23P
[Old version datasheet]   High Precision Low Noise Low Dropout Voltage Reference
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 17P
   Ultra Low Noise, Precision Voltage Reference
logo
Renesas Technology Corp
ISL21090 RENESAS-ISL21090 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com