Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1460 Datasheet(PDF) 8 Page - Linear Integrated Systems

Part # LT1460
Description  1.5ppm C Drift, Low Noise, Buffered Reference
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1460 Datasheet(HTML) 8 Page - Linear Integrated Systems

Back Button LT1460 Datasheet HTML 4Page - Linear Integrated Systems LT1460 Datasheet HTML 5Page - Linear Integrated Systems LT1460 Datasheet HTML 6Page - Linear Integrated Systems LT1460 Datasheet HTML 7Page - Linear Integrated Systems LT1460 Datasheet HTML 8Page - Linear Integrated Systems LT1460 Datasheet HTML 9Page - Linear Integrated Systems LT1460 Datasheet HTML 10Page - Linear Integrated Systems LT1460 Datasheet HTML 11Page - Linear Integrated Systems LT1460 Datasheet HTML 12Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
LT6657
8
6657fb
For more information www.linear.com/LT6657
pin FuncTions
SHDN (Pin 3): Shutdown Input. This active low input
disables the part to reduce supply current < 2µA. This
pin must be driven externally and should be tied to VIN
if unused. It may be driven to logic high or to VIN during
normal operation.
VIN (Pin 2): Input Voltage Supply. Bypass VIN with a local
0.1µF or larger capacitor to GND.
GND (Pin 4): Device Ground. This pin must be connected
to a noise-free ground plane. A star-ground with related
circuits will give the best results. Be careful of trace im-
pedance, as the GND pin carries supply return current.
VOUT (Pin 6): Reference Output Voltage. This pin can
source and sink current to a load. An output capacitor of
1µF or higher is required for stability.
DNC (Pins 1, 5, 7, 8): Internal Functions. Do Not Connect
or electrically stress these pins. These pins must be left
floating and leakage currents from these pins should be
kept to a minimum. Allow additional routing clearance.
block DiagraM
+
VOUT
6
VIN
2
3
6657 BD
BANDGAP
BIAS
ERROR
AMP
SHDN
GND
4
RG
RF


Similar Part No. - LT1460

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1460 LINER-LT1460 Datasheet
514Kb / 24P
   Micropower Precision Series Reference Family
LT1460 LINER-LT1460 Datasheet
1Mb / 26P
   Micropower Precision Series Reference Family
LT1460 LINER-LT1460 Datasheet
844Kb / 18P
   SOT-23 Precision Wide Supply High Output Drive Low Noise Reference
logo
Linear Integrated Syste...
LT1460 LINEAR-LT1460 Datasheet
105Kb / 8P
   2.5V Reference
LT1460 LINEAR-LT1460 Datasheet
2Mb / 30P
   Precision Dual Output, High Current, Low Noise, Voltage Reference
More results

Similar Description - LT1460

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6657 LINER-LT6657 Datasheet
1Mb / 24P
   1.5ppm/째C Drift, Low Noise, Buffered Reference
LTC6652AHMS8-2.5 LINER-LTC6652AHMS8-2.5 Datasheet
381Kb / 20P
   Precision Low Drift Low Noise Buffered Reference
LTC6652 LINER-LTC6652 Datasheet
337Kb / 16P
   Precision Low Drift Low Noise Buffered Reference
LTC6652 LINER-LTC6652_15 Datasheet
442Kb / 20P
   Precision Low Drift Low Noise Buffered Reference
LTC6652_1208 LINER-LTC6652_1208 Datasheet
464Kb / 20P
   Precision Low Drift Low Noise Buffered Reference
LTC6655 LINER-LTC6655 Datasheet
508Kb / 22P
   0.25ppm Noise, Low Drift Precision Buffered Reference Family
logo
SG Micro Corp
SGM4029 SGMICRO-SGM4029 Datasheet
3Mb / 17P
   Low Noise, Low Drift,Precision Voltage Reference
SEPTEMBER2022-REV.A
logo
Analog Devices
MAX6078A AD-MAX6078A Datasheet
3Mb / 18P
   Low-Power, Low-Drift,Low-Noise Voltage Reference
Rev 3 6/23
logo
Texas Instruments
REF5010 TI-REF5010_15 Datasheet
2Mb / 28P
[Old version datasheet]   Low-Noise, Very Low Drift, Precision Voltage Reference
REF5010 TI-REF5010_13 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com