Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3042 Datasheet(PDF) 2 Page - Linear Integrated Systems

Part # LT3042
Description  Precision Dual Output, High Current, Low Noise, Voltage Reference
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT3042 Datasheet(HTML) 2 Page - Linear Integrated Systems

  LT3042 Datasheet HTML 1Page - Linear Integrated Systems LT3042 Datasheet HTML 2Page - Linear Integrated Systems LT3042 Datasheet HTML 3Page - Linear Integrated Systems LT3042 Datasheet HTML 4Page - Linear Integrated Systems LT3042 Datasheet HTML 5Page - Linear Integrated Systems LT3042 Datasheet HTML 6Page - Linear Integrated Systems LT3042 Datasheet HTML 7Page - Linear Integrated Systems LT3042 Datasheet HTML 8Page - Linear Integrated Systems LT3042 Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
LT6658
2
6658f
For more information www.linear.com/LT6658
pin conFiguraTion
absoluTe MaxiMuM raTings
Supply Voltages
VIN, VIN1, VIN2 to GND............................ –0.3V to 38V
Input Voltages
OD to GND............................................. –0.3V to 38V
VOUT1_S, VOUT2_S, NR, BYPASS to GND.. –0.3V to 6V
Output Voltages
VOUT1_F, VOUT2_F to GND......................... –0.3V to 6V
Input Current
BYPASS........................................................... ±10mA
Output Short-Circuit Duration.......................... Indefinite
Specified Temperature Range
I-Grade.................................................–40°C to 85°C
H-Grade ............................................. –40°C to 125°C
Operating Junction Temperature Range. –55°C to 150°C
Storage Temperature Range (Note 2)..... –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
(Note 3) ............................................................300°C
(Note 1)
1
2
3
4
5
6
7
8
GND
GND
BYPASS
DNC
NR
GND
VOUT2_S
VOUT2_F
16
15
14
13
12
11
10
9
DNC
NC
VIN
VOUT1_S
VOUT1_F
VIN1
VIN2
OD
TOP VIEW
MSE PACKAGE
16-LEAD PLASTIC MSOP
17
GND
TJMAX = 150°C, θJC = 10°C/W, θJA = 35°C/W
DNC: CONNECTED INTERNALLY
DO NOT CONNECT EXTERNAL CIRCUITRY TO THESE PINS
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
orDer inForMaTion
TUBE
TAPE AND REEL
PART MARKING* PACKAGE DESCRIPTION
SPECIFIED JUNCTION
TEMPERATURE RANGE
LT6658AIMSE-2.5#PBF
LT6658AIMSE-2.5#TRPBF
665825
16-Lead Plastic MSOP
–40°C to 85°C
LT6658BIMSE-2.5#PBF
LT6658BIMSE-2.5#TRPBF
665825
16-Lead Plastic MSOP
–40°C to 85°C
LT6658AHMSE-2.5#PBF
LT6658AHMSE-2.5#TRPBF
665825
16-Lead Plastic MSOP
–40°C to 125°C
LT6658BHMSE-2.5#PBF
LT6658BHMSE-2.5#TRPBF
665825
16-Lead Plastic MSOP
–40°C to 125°C
*The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for parts specified with wider operating temperature ranges. Parts ending with PBF are RoHS and WEEE compliant.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
http://www.linear.com/product/LT6658#orderinfo


Similar Part No. - LT3042

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT3042 LINEAR-LT3042 Datasheet
2Mb / 30P
   Precision Dual Output,High Current, Low Noise, Voltage Reference
logo
Linear Technology
LT3042 LINER-LT3042 Datasheet
388Kb / 8P
   PLL/VCO Supply and Reference Board
LT3042 LINER-LT3042 Datasheet
3Mb / 36P
   20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator with VIOC Control
LT3042 LINER-LT3042 Datasheet
1Mb / 22P
   Dual-Channel Low Noise Bias Generators
logo
Analog Devices
LT3042 AD-LT3042 Datasheet
1Mb / 37P
   3A, Ultra-Low Noise, High PSRR, 45mV Dropout Ultra-Fast Linear Regulator
Rev 0
More results

Similar Description - LT3042

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6658 LINER-LT6658 Datasheet
261Kb / 4P
   Precision Dual Output, High Current, Low Noise, Voltage Reference
logo
Linear Integrated Syste...
LT6658BIMSE-2.5 LINEAR-LT6658BIMSE-2.5 Datasheet
2Mb / 30P
   Precision Dual Output,High Current, Low Noise, Voltage Reference
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090 Datasheet
766Kb / 10P
   Ultra Low Noise, Precision Voltage Reference Output Current Capability 20mA
logo
Analog Devices
ADR3625 AD-ADR3625 Datasheet
3Mb / 21P
   Precision, Micropower, High Current Output Voltage Reference
Rev. 0
logo
Maxim Integrated Produc...
MAX6072 MAXIM-MAX6072 Datasheet
1Mb / 21P
   High-Precision, Dual-Output Series Voltage Reference
19-7483; Rev 0; 12/14
logo
Texas Instruments
LM4140 TI-LM4140_15 Datasheet
1Mb / 23P
[Old version datasheet]   High Precision Low Noise Low Dropout Voltage Reference
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 17P
   Ultra Low Noise, Precision Voltage Reference
logo
Renesas Technology Corp
ISL21090 RENESAS-ISL21090 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com