Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3763 Datasheet(PDF) 1 Page - Linear Integrated Systems

Part # LT3763
Description  36V, 2A Synchronous Step-Up LED Driver
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT3763 Datasheet(HTML) 1 Page - Linear Integrated Systems

  LT3763 Datasheet HTML 1Page - Linear Integrated Systems LT3763 Datasheet HTML 2Page - Linear Integrated Systems LT3763 Datasheet HTML 3Page - Linear Integrated Systems LT3763 Datasheet HTML 4Page - Linear Integrated Systems LT3763 Datasheet HTML 5Page - Linear Integrated Systems LT3763 Datasheet HTML 6Page - Linear Integrated Systems LT3763 Datasheet HTML 7Page - Linear Integrated Systems LT3763 Datasheet HTML 8Page - Linear Integrated Systems LT3763 Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
LT3922
1
3922f
For more information www.linear.com/LT3922
Typical applicaTion
FeaTures
DescripTion
36V, 2A Synchronous
Step-Up LED Driver
The LT®3922 is a monolithic, synchronous, step-up DC/
DC converter that utilizes fixed-frequency, peak current
control and provides PWM dimming for a string of LEDs.
The LED current is programmed by an analog voltage or
the duty cycle of pulses at the CTRL pin. The LT3922 will
maintain±2%currentregulationthroughanexternalsense
resistor over a wide range of output voltages.
The switching frequency is programmable from 200kHz
to 2MHz by an external resistor at the RT pin or by an
external clock applied at the SYNC/SPRD pin. With the
optionalSpreadSpectrumFrequencyModulationenabled,
the frequency varies from 100% to 125% to reduce EMI.
The LT3922 also includes a driver for an external high-
side PFET for PWM dimming and an internal PWM signal
generator for analog control of PWM dimming when an
external signal is not available.
Additional features include an accurate external reference
voltage for use with the CTRL and PWM pins, an LED
current monitor, an accurate EN/UVLO pin threshold,
open-drainfaultreportingforopen-circuitandshort-circuit
load conditions, and thermal shutdown.
2MHz, 93% Efficient 10W (30V, 333mA) Boost LED Driver
Efficiency vs VIN
applicaTions
n
±2% LED Current Regulation
n
±2% Output Voltage Regulation
n
5000:1 PWM Dimming at 100Hz
n
128:1 Internal PWM Dimming
n
Spread-Spectrum Frequency Modulation
n
Silent Switcher® Architecture for Low EMI
n
Operates in Boost, Buck Mode and Buck-Boost Mode
n
2.8V to 36V Input Voltage Range
n
Up to 34V LED String Voltage
n
2A, 40V Internal Switches
n
200kHz to 2MHz with SYNC Function
n
Analog or Duty Cycle LED Current Control
n
Open/Short LED Protection and Fault Indication
n
Thermally Enhanced 28-Pin (4mm × 5mm) QFN
n
Automotive and Industrial Lighting
n
Machine Vision
L
, LT, LTC, LTM, Linear Technology, the Linear logo and Silent Switcher are registered
trademarks of Linear Technology Corporation. All other trademarks are the property of their
respective owners. Protected by U.S. Patents, including 7199560, 7321203, and other patents
pending.
VIN
VIN
8V TO 27V
365k
59.0k
100k
EN/UVLO
OVLO
VREF
CTRL
ANALOG DIM
PWM DIM
PWM
SYNC/SPRD
INTVCC
FAULT
BST
SW
VOUT
VOUT
FB
RP
VC
RT
ISP
GND
GND
ISN
PWMTG
ISMON
3922 TA01a
LT3922
1M
1M
33.2k
100k
10k
1nF
1µF
0.1µF
L1
4.7µH
M1
300m
4.7µF
0.47µF
0.47µF
30V
333mA
LED
SS
45.3k
2MHz
2.2µF
10nF
4.7µF
VLED = 30V
fSW = 2MHz
100% PWM Duty Cycle
VIN (V)
6
9
12
15
18
21
24
27
30
70
75
80
85
90
95
100
3922 TA01b


Similar Part No. - LT3763

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3763 LINER-LT3763 Datasheet
702Kb / 6P
   High Power Constant Current, Constant Voltage Synchronous Buck Controller
LT3763 LINER-LT3763 Datasheet
1Mb / 32P
   60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
LT3763 LINER-LT3763 Datasheet
1Mb / 30P
   60V 2MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
logo
Analog Devices
LT3763 AD-LT3763 Datasheet
2Mb / 32P
   60VIN, 100VOUT Synchronous 4-Switch Buck-Boost LED Driver Controller with Low EMI
logo
Linear Technology
LT3763 LINER-LT3763_15 Datasheet
345Kb / 30P
   60V High Current Step-Down LED Driver Controller
More results

Similar Description - LT3763

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3932 LINER-LT3932 Datasheet
1Mb / 30P
   36V, 2A Synchronous Step-Down LED Driver
logo
Analog Devices
LT3922-1 AD-LT3922-1 Datasheet
3Mb / 32P
   36V, 2.3A Synchronous Step-Up LED Driver
logo
Linear Technology
LT3922 LINER-LT3922 Datasheet
895Kb / 8P
   36V 2A Synchronous 2MHz Boost LED Driver
logo
Monolithic Power System...
EV4420-J-00A MPS-EV4420-J-00A Datasheet
891Kb / 8P
   2A, 36V, Synchronous Step Down Converter
MP2410 MPS-MP2410 Datasheet
511Kb / 17P
   24V, 2A, 1MHz, Synchronous, Step-Down LED Driver
MP2410A MPS-MP2410A Datasheet
1Mb / 17P
   24V, 2A, 1MHz, Synchronous, Step-Down, LED Driver
EV4420H-J-01A MPS-EV4420H-J-01A Datasheet
450Kb / 8P
   2A, 36V, Synchronous Step Down Converter Evaluation Board
MP4420A MPS-MP4420A Datasheet
1Mb / 20P
   2A, 36V, High-Efficiency, Synchronous, Step-Down Converter
MP4420 MPS-MP4420 Datasheet
748Kb / 20P
   High Efficiency 2A, 36V, Synchronous Step Down Converter
MP4420H MPS-MP4420H Datasheet
768Kb / 20P
   High Efficiency 2A, 36V, Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com