Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6656 Datasheet(PDF) 1 Page - Linear Integrated Systems

Part # LT6656
Description  1.5ppm C Drift, Low Noise, Buffered Reference
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT6656 Datasheet(HTML) 1 Page - Linear Integrated Systems

  LT6656 Datasheet HTML 1Page - Linear Integrated Systems LT6656 Datasheet HTML 2Page - Linear Integrated Systems LT6656 Datasheet HTML 3Page - Linear Integrated Systems LT6656 Datasheet HTML 4Page - Linear Integrated Systems LT6656 Datasheet HTML 5Page - Linear Integrated Systems LT6656 Datasheet HTML 6Page - Linear Integrated Systems LT6656 Datasheet HTML 7Page - Linear Integrated Systems LT6656 Datasheet HTML 8Page - Linear Integrated Systems LT6656 Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LT6657
1
6657fb
For more information www.linear.com/LT6657
Typical applicaTion
FeaTures
DescripTion
1.5ppm/°C Drift, Low Noise,
Buffered Reference
TheLT®6657isaprecisionvoltagereferencethatcombines
robust operating characteristics with extremely low drift
and low noise. With advanced curvature compensation,
this bandgap reference achieves 1.5ppm/°C drift with
predictable temperature behavior, and an initial voltage
accuracy of 0.1%. It also offers 0.5ppmP-P noise and very
low temperature cycling hysteresis.
TheLT6657isalowdropoutreferencethatcanbepowered
from as little as 50mV above the output voltage, up to 40V.
The buffered output supports ±10mA of output drive with
low output impedance and precise load regulation. The
high sink current capability allows operation as a negative
voltage reference with the same precision as a positive
reference. This part is safe under reverse battery condi-
tions, and includes current protection when the output is
short-circuited and thermal shutdown for overload condi-
tions. A shutdown is included to allow power reduction
while enabling a quick turn-on.
TheLT6657isfullyspecifiedoverthetemperaturerangeof
–40°Cto125°C.Itisavailableinthe8-leadMSOPpackage.
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
Basic Connection
Output Voltage Temperature Drift
n
Low Drift
n
A Grade: 1.5ppm/°C Max
n
B Grade: 3ppm/°C Max
n
Low Noise:
n
0.5ppmP-P (0.1Hz to 10Hz)
n
0.8ppmRMS (10Hz to 1kHz)
n
Wide Supply Range to 40V
n
Sources and Sinks 10mA Min
n
Line Regulation: 0.2ppm/V
n
Load Regulation: 0.7ppm/mA
n
Reverse Supply Protection
n
Reverse Output Protection
n
Low Power Shutdown: <4µA Max
n
Thermal Protection
n
Can Operate in Shunt Mode
n
Configurable as a Negative Reference
n
Available Output Voltage Options: 2.5V, 3V, 5V
n
MSOP-8 Package
applicaTions
n
High Temperature Industrial
n
High Resolution Data Acquisition Systems
n
Instrumentation and Process Control
n
Automotive Control and Monitoring
n
Medical Equipment
n
Shunt and Negative Voltage References
LT6657
CIN
0.1µF
(VOUT + 50mV) < VIN < 40V
OUT
IN
GND
COUT
1µF
VOUT
6657 TA01a
2
SHDN
3
6
4
TEMPERATURE (°C)
–45
200
100
–100
0
–200
5
105
55
6657 TA01b
130
–20
80
30
THREE TYPICAL PARTS
1ppm/°C BOX


Similar Part No. - LT6656

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6656 LINER-LT6656 Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
LT6656 LINER-LT6656 Datasheet
844Kb / 18P
   SOT-23 Precision Wide Supply High Output Drive Low Noise Reference
logo
Analog Devices
LT6656 AD-LT6656 Datasheet
1Mb / 59P
   Zero Drift, High Voltage, Low Power, Programmable Gain Instrumentation Amplifier
Rev. B
LT6656 AD-LT6656 Datasheet
3Mb / 21P
   Precision, Micropower, High Current Output Voltage Reference
Rev. 0
LT6656 AD-LT6656 Datasheet
3Mb / 26P
   Precision, Micropower, High Current Output Voltage References
Rev. A
More results

Similar Description - LT6656

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6657 LINER-LT6657 Datasheet
1Mb / 24P
   1.5ppm/째C Drift, Low Noise, Buffered Reference
LTC6652AHMS8-2.5 LINER-LTC6652AHMS8-2.5 Datasheet
381Kb / 20P
   Precision Low Drift Low Noise Buffered Reference
LTC6652 LINER-LTC6652 Datasheet
337Kb / 16P
   Precision Low Drift Low Noise Buffered Reference
LTC6652 LINER-LTC6652_15 Datasheet
442Kb / 20P
   Precision Low Drift Low Noise Buffered Reference
LTC6652_1208 LINER-LTC6652_1208 Datasheet
464Kb / 20P
   Precision Low Drift Low Noise Buffered Reference
LTC6655 LINER-LTC6655 Datasheet
508Kb / 22P
   0.25ppm Noise, Low Drift Precision Buffered Reference Family
logo
SG Micro Corp
SGM4029 SGMICRO-SGM4029 Datasheet
3Mb / 17P
   Low Noise, Low Drift,Precision Voltage Reference
SEPTEMBER2022-REV.A
logo
Analog Devices
MAX6078A AD-MAX6078A Datasheet
3Mb / 18P
   Low-Power, Low-Drift,Low-Noise Voltage Reference
Rev 3 6/23
logo
Texas Instruments
REF5010 TI-REF5010_15 Datasheet
2Mb / 28P
[Old version datasheet]   Low-Noise, Very Low Drift, Precision Voltage Reference
REF5010 TI-REF5010_13 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com