Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P-3000S-500D-10 Datasheet(PDF) 1 Page - Copal Electronics

Part # P-3000S-500D-10
Description  PRESSURE TRANSDUCERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

P-3000S-500D-10 Datasheet(HTML) 1 Page - Copal Electronics

  P-3000S-500D-10 Datasheet HTML 1Page - Copal Electronics P-3000S-500D-10 Datasheet HTML 2Page - Copal Electronics P-3000S-500D-10 Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
Part name
Material
Housing
Iron/Nickel alloy
+ Nickel-plated
PBT (Polybutyleneterephthalate)
Silicone gel
Silicone
Ceramic
Copper
+ solder-plated
Pressure port
Sensor chip
Resin compound
Resistor board for temp. compensat ion
Terminal pin
1
2
3
4
5
6
INTERNAL STRUCTURE (Gauge type)
O For non-corrosive gases
O Built-in temp. compensation function (0 ~ 50 °C)
O Three pressure reference to choose from (Gauge,
Differential and Absolute pressure)
O Compact and light weight
O PC board mountable
MODEL NUMBER DESIGNATION
LIST OF MODEL NUMBERS
P-3000S - 501 G - 02
Series name
Rated pressure range
500
:0 ~ 4.9 kPa {0 ~ 0.05 kgf/cm2}
101
:0 ~ 9.81 kPa {0 ~ 0.1 kgf/cm2}
351
:0 ~ 34.3 kPa {0 ~ 0.35 kgf/cm2}
501
:0 ~ 49.0 kPa {0 ~ 0.5 kgf/cm2}
102
:0 ~ 98.1 kPa {0 ~
1 kgf/cm2}
502
:0 ~ 490 kPa {0 ~ 5.0 kgf/cm2}
702
:0 ~ 686 kPa {0 ~ 7.0 kgf/cm2}
Thermal error
02
± 0.02 % F.S./°C
10
± 0.10 % F.S./°C
04
± 0.04 % F.S./°C
Pressure reference
G
:Gauge
D
:Differential
A
:Absolute
Pressure reference
Gauge
0 ~ 4.9
{0 ~ 0.05}
P-3000S
-101G-04
P-3000S
-500G-04
P-3000S
-101G-10
0 ~ 9.81
{0 ~ 0.1}
P-3000S
-501G-02
P-3000S
-501G-04
P-3000S
-501G-10
0 ~ 49.0
{0 ~ 0.5}
0 ~ 98.1
{0 ~ 1}
0 ~ 490
{0 ~ 5.0}
0 ~ 686
{0 ~ 7.0}
P-3000S
-102G-02
P-3000S
-501D-02
P-3000S
-102D-02
P-3000S
-102D-04
P-3000S
-102D-10
P-3000S
-351A-04
P-3000S
-351A-10
P-3000S
-102A-04
P-3000S
-102A-10
P-3000S
-501D-04
P-3000S
-501D-10
P-3000S
-102G-04
P-3000S
-502G-04
P-3000S
-702G-04
P-3000S
-101D-04
P-3000S
-101D-10
P-3000S
-102G-10
0 ~
± 9.81
{0 ~
± 0.1}
0 ~
± 49.0
{0 ~
± 0.5}
0 ~
± 98.1
{0 ~
± 1}
0 ~ 34.3
{0 ~ 0.35}
0 ~ 98.1
{0 ~ 1}
Differential
Absolute
kPa {kgf/cm2}
Rated pressure range
± 0.02 % F.S./°C
± 0.04 % F.S./°C
± 0.1 % F.S./°C
PRESSURE TRANSDUCERS
P-3000S
Thermal error
 :Not available
※Verify the above model numbers when placing orders.
1
4
3
6
5
2


Similar Part No. - P-3000S-500D-10

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
P-30-A AMPHENOL-P-30-A Datasheet
73Kb / 4P
   Thermometrics
P-30-AA AMPHENOL-P-30-AA Datasheet
73Kb / 4P
   Thermometrics
P-30-B AMPHENOL-P-30-B Datasheet
73Kb / 4P
   Thermometrics
logo
List of Unclassifed Man...
P-302-DB ETC2-P-302-DB Datasheet
45Kb / 1P
   300 Series Deep Bracket (DB)
P-303-DB ETC2-P-303-DB Datasheet
45Kb / 1P
   300 Series Deep Bracket (DB)
More results

Similar Description - P-3000S-500D-10

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PA-838-D COPAL-PA-838-D Datasheet
1,007Kb / 4P
   Pressure Transducers
PA-858 COPAL-PA-858 Datasheet
628Kb / 3P
   PRESSURE TRANSDUCERS
logo
Sensortechnics GmbH
ASDXL05D44D SENSORTECHNICS-ASDXL05D44D Datasheet
50Kb / 4P
   Pressure transducers
logo
Copal Electronics
P-8305 COPAL-P-8305 Datasheet
78Kb / 3P
   PRESSURE TRANSDUCERS
P-8505 COPAL-P-8505 Datasheet
73Kb / 3P
   PRESSURE TRANSDUCERS
P-2000 COPAL-P-2000 Datasheet
75Kb / 3P
   PRESSURE TRANSDUCERS
P-8300 COPAL-P-8300 Datasheet
78Kb / 3P
   PRESSURE TRANSDUCERS
PA-708 COPAL-PA-708 Datasheet
561Kb / 3P
   PRESSURE TRANSDUCERS
logo
Sensortechnics GmbH
DSDX015A2R SENSORTECHNICS-DSDX015A2R Datasheet
83Kb / 8P
   Digital pressure transducers
KTEM8250G4CXSEV SENSORTECHNICS-KTEM8250G4CXSEV Datasheet
57Kb / 4P
   Submersible pressure transducers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com