Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA-840-353GA-G2 Datasheet(PDF) 2 Page - Copal Electronics

Part # PA-840-353GA-G2
Description  Strong structure with IP67 degree of protection
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PA-840-353GA-G2 Datasheet(HTML) 2 Page - Copal Electronics

  PA-840-353GA-G2 Datasheet HTML 1Page - Copal Electronics PA-840-353GA-G2 Datasheet HTML 2Page - Copal Electronics PA-840-353GA-G2 Datasheet HTML 3Page - Copal Electronics PA-840-353GA-G2 Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PA-840/PA-848 SERIES
Features
• Pressure sensors with IP67 degree of protection for outside-house applicants.
• Operation temperature up to 100°C~ for pressure diaphragm.
• Voltage Output of 1~5V DC with built-in amplifier (PA-840), Current output of 4~20mA DC (PA-848).
• High reliability (SUS316L diaphragm, oil-filled) by using double diaphragm structure.
• The most miniaturized terminal-assembly-type pressure sensor for outside-house applicants.
It is with a tough structure, and the terminal base's top cover can be replaced by cable, which is suitable for outdoors
under harsh environment.
Application as require for waterproof,
it is suitable for outdoors equipment
plant and water treatment device.
PA - 840 - 102R - R2
Applications
Series name
PA-840 : Output voltage
(1~5V)
PA-848 : Output current
(4~20mA)
Rated pressure range
102R : ‐0.1~0.1 MPa
352R : ‐0.1~0.35 MPa
103G :
0~1.0 MPa
353G :
0~3.5 MPa
102A :
0~0.1 MPa abs.
Pressure reference
G : Gauge pressure
R : Gauge pressure (Compound)
A : Absolute pressure
Fitting
R2 : R 1/4
G2 : G 1/4
Model number designation
Pressure transducer
Differential
pressure
identification
ex. water level
indicator
2 PRESSURE TRANSDUCER


Similar Part No. - PA-840-353GA-G2

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
PA-8025 PROTECHSYSTEMS-PA-8025 Datasheet
458Kb / 2P
   Slim and Fanless POS PC
logo
Copal Electronics
PA-830 COPAL-PA-830 Datasheet
84Kb / 4P
   PRESSURE TRANSDUCERS WITH AMP
PA-830-101A-05 COPAL-PA-830-101A-05 Datasheet
84Kb / 4P
   PRESSURE TRANSDUCERS WITH AMP
PA-830-101A-10 COPAL-PA-830-101A-10 Datasheet
84Kb / 4P
   PRESSURE TRANSDUCERS WITH AMP
PA-830-101A-R2 COPAL-PA-830-101A-R2 Datasheet
84Kb / 4P
   PRESSURE TRANSDUCERS WITH AMP
More results

Similar Description - PA-840-353GA-G2

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4761 SCHURTER-4761_18 Datasheet
327Kb / 3P
   IEC Appliance Inlet with protection degree IP67
4761_1809 SCHURTER-4761_1809 Datasheet
337Kb / 3P
   IEC Appliance Inlet with protection degree IP67 / IP69K
logo
PHOENIX CONTACT
TP-5120S PHOENIX-TP-5120S Datasheet
58Kb / 3P
   IP65 degree of protection (front) IP20 degree of protection (back)
2701338 PHOENIX-2701338 Datasheet
79Kb / 8P
   IP65 degree of protection (front) IP20 degree of protection (back)
TP-5150S PHOENIX-TP-5150S Datasheet
57Kb / 3P
   IP65 degree of protection (front) IP20 degree of protection (back)
logo
Siemens Semiconductor G...
6ES7145-5ND00-0BA0 SIEMENS-6ES7145-5ND00-0BA0 Datasheet
154Kb / 3P
   SIMATIC ET 200AL, AQ 4xU/I, 4xM12, Degree of protection IP67
7/9/2022
6ES7144-5KD50-0BA0 SIEMENS-6ES7144-5KD50-0BA0 Datasheet
221Kb / 4P
   SIMATIC ET 200AL, AI 4xRTD/TC, 4x M12, degree of protection IP67
6/15/2023
logo
Schurter Inc.
4762 SCHURTER-4762 Datasheet
328Kb / 3P
   IEC Connector protection degree IP67 / IP69K, Rewireable, Straight
4762 SCHURTER-4762_V01 Datasheet
338Kb / 3P
   IEC Connector protection degree IP67 / IP69K, Rewireable, Straight
10.12.2021
logo
Laird Tech Smart Techno...
ECE126 LSTD-ECE126 Datasheet
183Kb / 1P
   Retains strong EMI protection
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com