Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN10501DGNR Datasheet(PDF) 10 Page - Texas Instruments

Part # SN10501DGNR
Description  HIGH SPEED RAIL TO RAIL OUTPUT VIDEO AMPLIFIERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN10501DGNR Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN10501DGNR Datasheet HTML 6Page - Texas Instruments SN10501DGNR Datasheet HTML 7Page - Texas Instruments SN10501DGNR Datasheet HTML 8Page - Texas Instruments SN10501DGNR Datasheet HTML 9Page - Texas Instruments SN10501DGNR Datasheet HTML 10Page - Texas Instruments SN10501DGNR Datasheet HTML 11Page - Texas Instruments SN10501DGNR Datasheet HTML 12Page - Texas Instruments SN10501DGNR Datasheet HTML 13Page - Texas Instruments SN10501DGNR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
SN10501
SN10502
SN10503
SLOS408A − MARCH 2003 − REVISED DECEMBER 2003
www.ti.com
10
APPLICATION INFORMATION
HIGH-SPEED OPERATIONAL AMPLIFIERS
The SN1050x operational amplifiers are a family of single,
dual, and triple rail-to-rail output voltage feedback
amplifiers. The SN1050x family combines both a high slew
rate and a rail-to-rail output stage.
Applications Section Contents
D Wideband, Noninverting Operation
D Wideband, Inverting Gain Operation
D Video Drive Circuits
D Single Supply Operation
D Power Supply Decoupling Techniques and
Recommendations
D Active Filtering With the SN1050x
D Driving Capacitive Loads
D Board Layout
D Thermal Analysis
D Additional Reference Material
D Mechanical Package Drawings
WIDEBAND, NONINVERTING OPERATION
The SN1050x is a family of unity gain stable rail-to-rail
output voltage feedback operational amplifiers designed
to operate from a single 3-V to 15-V power supply.
Figure 33 is the noninverting gain configuration of 2 V/V
used to demonstrate the typical performance curves.
Voltage feedback amplifiers, unlike current feedback
designs, can use a wide range of resistors values to set
their gain with minimal impact on their stability and
frequency response. Larger-valued resistors decrease the
loading effect of the feedback network on the output of the
amplifier, but this enhancement comes at the expense of
additional
noise
and
potentially
lower
bandwidth.
Feedback resistor values between 1 k
Ω and 2 kΩ are
recommended for most situations.
_
+
Rf
1.3 k
49.9
100 pF
0.1
µF 6.8 µF
−VS
−5 V
Rg
50
Ω Source
+
VI
100 pF
0.1
µF 6.8 µF
+
+VS
5 V
VO
499
1.3 k
Figure 33. Wideband, Noninverting Gain
Configuration
WIDEBAND, INVERTING OPERATION
Since the SN1050x family are general-purpose, wideband
voltage-feedback amplifiers, several familiar operational
amplifier applications circuits are available to the designer.
Figure 34 shows a typical inverting configuration where
the input and output impedances and noise gain from
Figure 33 are retained in an inverting circuit configuration.
Inverting operation is one of the more common
requirements and offers several performance benefits.
The inverting configuration shows improved slew rates
and distortion due to the pseudo-static voltage maintained
on the inverting input.
_
+
Rg
1.3 k
RT
649
100 pF
0.1
µF
6.8
µF
−VS
−5 V
50
Ω Source
+
VI
100 pF
0.1
µF
6.8
µF
+
+VS
5 V
VO
CT
0.1
µF
Rf
1.3 k
RM
52.3
499
Figure 34. Wideband, Inverting Gain
Configuration


Similar Part No. - SN10501DGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN10501DGNR TI1-SN10501DGNR Datasheet
1Mb / 34P
[Old version datasheet]   HIGH-SPEED RAIL-TO-RAIL OUTPUT VIDEO AMPLIFIERS
More results

Similar Description - SN10501DGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN10501 TI1-SN10501_16 Datasheet
1Mb / 34P
[Old version datasheet]   HIGH-SPEED RAIL-TO-RAIL OUTPUT VIDEO AMPLIFIERS
logo
National Semiconductor ...
SN10502 NSC-SN10502 Datasheet
1Mb / 32P
   HIGH-SPEED RAIL-TO-RAIL OUTPUT VIDEO AMPLIFIERS
logo
Texas Instruments
SN10501 TI1-SN10501 Datasheet
1Mb / 32P
[Old version datasheet]   HIGH-SPEED RAIL-TO-RAIL OUTPUT VIDEO AMPLIFIERS
logo
Global Mixed-mode Techn...
G1812 GMT-G1812 Datasheet
291Kb / 1P
   Rail-to-Rail Output Amplifiers
logo
SG Micro Corp
SGM8302 SGMICRO-SGM8302 Datasheet
381Kb / 16P
   Rail-to-Rail Output Amplifiers
SGM8301 SGMICRO-SGM8301_17 Datasheet
809Kb / 16P
   Rail-to-Rail Output Amplifiers
SGM8301 SGMICRO-SGM8301 Datasheet
381Kb / 16P
   Rail-to-Rail Output Amplifiers
logo
Analog Devices
AD8028 AD-AD8028 Datasheet
478Kb / 24P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. B
logo
SG Micro Corp
SGM8304 SGMICRO-SGM8304 Datasheet
381Kb / 16P
   Rail-to-Rail Output Amplifiers
logo
Analog Devices
AD8027 AD-AD8027_15 Datasheet
699Kb / 25P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com