Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1200-3 Datasheet(PDF) 3 Page - Artesyn Technologies

Part # DS1200-3
Description  Embedded Power for Business-Critical Continuity
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DS1200-3 Datasheet(HTML) 3 Page - Artesyn Technologies

  DS1200-3 Datasheet HTML 1Page - Artesyn Technologies DS1200-3 Datasheet HTML 2Page - Artesyn Technologies DS1200-3 Datasheet HTML 3Page - Artesyn Technologies DS1200-3 Datasheet HTML 4Page - Artesyn Technologies DS1200-3 Datasheet HTML 5Page - Artesyn Technologies DS1200-3 Datasheet HTML 6Page - Artesyn Technologies DS1200-3 Datasheet HTML 7Page - Artesyn Technologies DS1200-3 Datasheet HTML 8Page - Artesyn Technologies DS1200-3 Datasheet HTML 9Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Rev. 01.11.08
DS1200
3 of 4
CONTROL AND STATUS SIGNALS
Input Signals
PSON_L
Active LOW signal which enables/disables the main output. Pulling this signal LOW will turn-on the main output.
A 100pF decoupling capacitor is recommended at the system side.
MIN
MAX
VIL Input logic level LOW
0.8V
VIH Input logiv level HIGH
2.0V
5.0V
ISOURCE Current that may be sourced by this pin
2mA
ISINK Current that may be sunk by this pin at low state
0.5mA
PSKILL_L
First break/Last Mate active LOW signal which enables/disables the main output. This signal will have to be pulled to ground at the system side with a 220ohm resis-
tor. A 100pF decoupling capacitor is also recommended.
MIN
MAX
VIL Input logic level LOW
0.8V
VIH Input logic level HIGH
2.0V
5.0V
ISOURCE Current that may be sourced by this pin
2mA
ISINK Current that may be sunk by this pin at low state
0.5mA
VSENSE+, VSENSE-, STBY_VSENSE+
VSENSE+, VSENSE-, and STBY_VSENSE+ lines are the remote sense lines for regulation. Each line will compensate for a maximum of 100mV.
Output Signals
ACOK_L
Signal used to indicate the presence of AC input to the power supply. A logic level LOW will indicate that the AC input to the power supply is within the operating range
while a logic level HIGH will indicate that AC has been lost.
This is an open collector/drain output. This pin is pulled high by a 1.0kohm resistor connected to 3.3V inside the power supply. It is recommended that this pin be
connected to a 100pF decoupling capacitor and pulled down by a 100kohm resistor at the system side.
MIN
MAX
VIL Output logic level LOW
0.6V
VIH Output logic level HIGH
2.0V
5.0V
ISOURCE Current that may be sourced by this pin
3.3mA
ISINK Current that may be sunk by this pin at low state
0.7mA
PWR_GOOD / PWOK_H
"Signal used to indicate that main output voltage is within regulation range. The PWR_GOOD/PWOK_H signal will be driven HIGH when the output voltage is valid and
will be driven LOW when the output falls below the under-voltage threshold.
This signal also gives an advance warning when there is an impending power loss due to loss of AC input or system shutdown request. More details in the Timing
Section. This is an open collector/drain output. This pin is pulled high by a 1.0kohm resistor connected to 3.3V inside the power supply. It is recommended that this
pin be connected to a 100pF decoupling capacitor and pulled down by a 10kohm resistor."
MIN
MAX
VIL Output logic level LOW
0.8V
VIH Output logic level HIGH
2.0V
5.0V
ISOURCE Current that may be sourced by this pin
3.3mA
ISINK Current that may be sunk by this pin
0.7mA
Embedded Power for
Business-Critical Continuity
Electrical Specifications
Rev. 09.26.13
DS1200HE
3 of 9


Similar Part No. - DS1200-3

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DS1200-3 EMERSON-NETWORKPOWER-DS1200-3 Datasheet
644Kb / 4P
   Distributed Power System
DS1200-3 EMERSON-NETWORKPOWER-DS1200-3 Datasheet
472Kb / 4P
   1200 Watts Distributed Power System
logo
Artesyn Technologies
DS1200-3 ARTESYN-DS1200-3 Datasheet
1Mb / 5P
   Distributed Power System
logo
Advanced Energy Industr...
DS1200-3 ADVANCEDENERGY-DS1200-3 Datasheet
998Kb / 7P
   1200 Watts Distributed Power System
02 4.16
logo
Emerson Network Power
DS1200-3-002 EMERSON-NETWORKPOWER-DS1200-3-002 Datasheet
644Kb / 4P
   Distributed Power System
More results

Similar Description - DS1200-3

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LPQ142-CF EMERSON-NETWORKPOWER-LPQ142-CF Datasheet
694Kb / 3P
   Embedded Power for Business-Critical Continuity
logo
List of Unclassifed Man...
NPS24-M ETC2-NPS24-M Datasheet
393Kb / 3P
   Embedded Power for Business-Critical Continuity
logo
Artesyn Technologies
VRM10-80-12-PY ARTESYN-VRM10-80-12-PY_10 Datasheet
927Kb / 10P
   Embedded Power for Business-Critical Continuity
PTH12010 ARTESYN-PTH12010_09 Datasheet
1Mb / 6P
   Embedded Power for Business-Critical Continuity
PTH05050 ARTESYN-PTH05050_08 Datasheet
417Kb / 5P
   Embedded Power for Business-Critical Continuity
PTH05060 ARTESYN-PTH05060_09 Datasheet
582Kb / 5P
   Embedded Power for Business-Critical Continuity
BXA10-12S05J ARTESYN-BXA10-12S05J Datasheet
244Kb / 4P
   Embedded Power for Business-Critical Continuity
BXA30-12S05J ARTESYN-BXA30-12S05J Datasheet
348Kb / 5P
   Embedded Power for Business-Critical Continuity
PTH05010 ARTESYN-PTH05010_09 Datasheet
593Kb / 5P
   Embedded Power for Business-Critical Continuity
logo
Emerson Network Power
NPS42-M EMERSON-NETWORKPOWER-NPS42-M Datasheet
430Kb / 3P
   Embedded Power for Business-Critical Continuity
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com