Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV82X6D Datasheet(PDF) 10 Page - STMicroelectronics

Part # STV82X6D
Description  Multistandard TV Audio Processor and Digital Sound Demodulator
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X6D Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STV82X6D Datasheet HTML 6Page - STMicroelectronics STV82X6D Datasheet HTML 7Page - STMicroelectronics STV82X6D Datasheet HTML 8Page - STMicroelectronics STV82X6D Datasheet HTML 9Page - STMicroelectronics STV82X6D Datasheet HTML 10Page - STMicroelectronics STV82X6D Datasheet HTML 11Page - STMicroelectronics STV82X6D Datasheet HTML 12Page - STMicroelectronics STV82X6D Datasheet HTML 13Page - STMicroelectronics STV82X6D Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 95 page
background image
Demodulator Block
STV82x6
10/95
2
Demodulator Block
Note:
Zweiton is the Dual (Two Tone) FM stereo or A2 system.
2.1
Digital Demodulator
2.1.1
Sound IF Signal
The Analog Sound Carrier IF is connected to STV82x6 via the SIF pin. Before Analog-to-Digital
Conversion (ADC), an Automatic Gain Control (AGC) is performed to adjust the incoming IF signal
to the full scale of the ADC. A preliminary video rejection is recommended to optimize conversion
and demodulation performances. The AGC system provides a wide range of SIF input levels and is
activated for all standards, except L/L’. In this particular case, the sound carrier is AM-modulated
and an automatic level adjustment would only damage transmitted audio signal. A preset I²C
parameter is required to define the gain of the AGC used in Manual mode (Registers AGCC and
AGCS).
2.1.2
Demodulation
The demodulation system operates by default in Automatic mode. In this mode, the STV82x6 is able
to identify and demodulate any TV sound standard including NICAM and A2 systems (see
Table 2) without any external control via the I²C interface. It consists of the two demodulation
channels (Channel 1 = Mono Left and Channel 2 = Mono Right/Stereo) to simultaneously process
two sound carriers in order to handle all transmission modes (stereo and up to three mono
languages). The built-in Automatic Standard Recognition System (AUTOSTD) automatically
programs the appropriate bits in the I²C registers which are forced to Read-only mode for users
(see Section 9.1). The programming is optimized for each standard to be identified and
demodulated.
Figure 6: Demodulator Block Diagram
Mixer
Mixer
DCO2 +
Channel
Filter
FIR1
Channel
Filter
FIR2
AM
Demodulator
FM
Demodulator
FM
Demodulator
DQPSK
Demodulator
AUTOSTD
AGC
Control
SIF
NICAM
Decoder
DCO1+
Zweiton
A/D
NICAML
NICAMR
AM/FM Mono
AM
FML
FM Stereo
AUTO_CTRL(50h)
AUTO_SCKM(51h)
AUTO_SCKST(52h)
AUTO_STAT(54h)
DEMOD_STAT(0Dh)
ZWT_STAT(41h)
NICAM_STAT(3Fh)
CAROFFSET1(22h)
CAROFFSET2(3Ah)
Channel 1 = Mono Left
Channel 2 = Stereo/Mono Right
AGCC(0Eh)
AGCS(0Fh)
(To Sound Preprocessing)
(To Sound Preprocessing)
(To Sound Preprocessing)
Decoder
AGC
Amp


Similar Part No. - STV82X6D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV82X7 STMICROELECTRONICS-STV82X7 Datasheet
2Mb / 149P
   Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
STV82X7 STMICROELECTRONICS-STV82X7 Datasheet
2Mb / 156P
   Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
STV82X7D STMICROELECTRONICS-STV82X7D Datasheet
2Mb / 149P
   Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
STV82X7DSX STMICROELECTRONICS-STV82X7DSX Datasheet
2Mb / 149P
   Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
STV82X7DSXT STMICROELECTRONICS-STV82X7DSXT Datasheet
2Mb / 149P
   Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
More results

Similar Description - STV82X6D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV8206 STMICROELECTRONICS-STV8206 Datasheet
1Mb / 97P
   Multistandard TV Audio Processor and Digital Sound Demodulator
STV8203 STMICROELECTRONICS-STV8203 Datasheet
192Kb / 31P
   MULTISTANDARD TV SOUND DEMODULATOR
logo
NXP Semiconductors
TDA9820 PHILIPS-TDA9820 Datasheet
155Kb / 20P
   Multistandard/dual channel TV FM intercarrier sound demodulator
1996 Nov 20
TDA9874H PHILIPS-TDA9874H Datasheet
254Kb / 56P
   Digital TV sound demodulator/decoder
1998 Apr 27
TDA9874A PHILIPS-TDA9874A Datasheet
231Kb / 68P
   Digital TV sound demodulator/decoder
1999 Dec 03
TDA9830 PHILIPS-TDA9830 Datasheet
138Kb / 15P
   TV sound AM-demodulator and audio source switch
June 1994
logo
Analog Devices
ADAV4622 AD-ADAV4622 Datasheet
50Kb / 2P
   Audio Processor for Advanced TV with Sound IF Demodulator and Stereo Decoder
Rev. Sp0
ADAV4622BSTZ AD-ADAV4622BSTZ Datasheet
711Kb / 28P
   Audio Processor for Advanced TV with Sound IF Demodulator and Stereo Decoder
REV. B
logo
Micronas
MSP3410B MICRONAS-MSP3410B Datasheet
1Mb / 68P
   Multistandard Sound Processor
MSP44X8G MICRONAS-MSP44X8G Datasheet
665Kb / 85P
   Multistandard Sound Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com