Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML4761 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SML4761
Description  Surface Mount Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SML4761 Datasheet(HTML) 1 Page - Vishay Siliconix

  SML4761 Datasheet HTML 1Page - Vishay Siliconix SML4761 Datasheet HTML 2Page - Vishay Siliconix SML4761 Datasheet HTML 3Page - Vishay Siliconix SML4761 Datasheet HTML 4Page - Vishay Siliconix SML4761 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
VISHAY
SML4728 to SML4764A
Document Number 85782
Rev. 1.5, 03-Mar-04
Vishay Semiconductors
www.vishay.com
1
15811
Surface Mount Zener Diodes
Features
• Plastic package has Underwriters Laboratory
Flammability Classification 94 V-0
• For surface mounted applications
• Low Zener impedance
• Low regulation factor
• High temperature soldering guaranteed:
260 °C/10 seconds at terminals
• Standard voltage tolerance is 10 %, Suffix A ± 5 %.
Mechanical Data
Case: JEDEC DO-214AC molded plastic over
passivated junction
Terminals: Solder plated, solderable per
MIL-STD- 750, Method 2026
Polarity: Color band denotes positive end (cathode)
Mounting Position: Any
Weight: 0.002 ounce, 64 mg
Packaging Codes - Options (Antistatic):
SML4728 - SML4737A:
11T - 1.8 k per 7" plastic reel (12mm tape), 36 k/car-
ton
5AT - 7.5 k per 13" plastic reel (12mm tape), 75 k/car-
ton
SML4738 - SML4764A:
61 - 1.8 k per 7" plastic reel (12mm tape), 36 k/carton
5A - 7.5 k per 13" plastic reel (12mm tape), 75 k/car-
ton
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
Parameter
Test condition
Symbol
Value
Unit
Power dissipation
TL = 75 °C
Ptot
1.0
W
Parameter
Test condition
Symbol
Value
Unit
Maximum junction temperature
Tj
150
°C
Storage temperature range
TS
- 65 to + 150
°C


Similar Part No. - SML4761

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SML4761 GE-SML4761 Datasheet
39Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED ZENER
logo
Shenzhen Luguang Electr...
SML4761 LUGUANG-SML4761 Datasheet
1Mb / 3P
   1.0W Zener Diodes
logo
EIC discrete Semiconduc...
SML4761 EIC-SML4761 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Shanghai Leiditech Elec...
SML4761 LEIDITECH-SML4761 Datasheet
506Kb / 4P
   Plastic package has Underwriters Laboratory Flammability Classification 94 V-0
logo
Vishay Siliconix
SML4761 VISHAY-SML4761 Datasheet
90Kb / 6P
   Surface Mount Zener Diodes
Rev. 1.6, 21-Oct-08
More results

Similar Description - SML4761

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com