Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA8630MC Datasheet(PDF) 6 Page - ON Semiconductor

Part # LA8630MC
Description  Low Voltage and Current Dissipation Compandor IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LA8630MC Datasheet(HTML) 6 Page - ON Semiconductor

  LA8630MC Datasheet HTML 1Page - ON Semiconductor LA8630MC Datasheet HTML 2Page - ON Semiconductor LA8630MC Datasheet HTML 3Page - ON Semiconductor LA8630MC Datasheet HTML 4Page - ON Semiconductor LA8630MC Datasheet HTML 5Page - ON Semiconductor LA8630MC Datasheet HTML 6Page - ON Semiconductor LA8630MC Datasheet HTML 7Page - ON Semiconductor LA8630MC Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LA8630MC
www.onsemi.com
6
(2) Level Diagram
(3) Block Diagram
+10dB
-10dB
-20dB
-30dB
-40dB
-50dB
0dB
100mV
+10dB
-10dB
-20dB
-30dB
-40dB
-50dB
0dB
100mV
COMPRESSOR IN
EXPANDOR OUT
+5dB
-5dB
-10dB
-15dB
-20dB
-25dB
0dB
COMPRESSIN
EXPANSION
RDC
+
-
VCA
CDC
CR
R3
R1
R2
RDC
Vinc
Voutc
VB(1/2VCC)
+
-
VCA
R1
R3
Vine
Voute
VB(1/2VCC)
R2
< Compressor >
< Expandor >
VOUTC =
R1R2I1
2R3
1
10
=
VINC
VIN
VOUTE =
R1R2I1
=
2R3
VINE2
10VINE2


Similar Part No. - LA8630MC

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA8630M SANYO-LA8630M Datasheet
133Kb / 6P
   Low Voltage and Current Dissipation Compandor IC
More results

Similar Description - LA8630MC

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA8630 SANYO-LA8630 Datasheet
133Kb / 6P
   Low Voltage and Current Dissipation Compandor IC
logo
NXP Semiconductors
SA575 PHILIPS-SA575 Datasheet
102Kb / 14P
   Low voltage compandor
1997 Nov 07
logo
TOKO, Inc
TK10651 TOKO-TK10651 Datasheet
124Kb / 12P
   LOW VOLTAGE COMPANDOR
logo
ON Semiconductor
SA575DTBG ONSEMI-SA575DTBG Datasheet
132Kb / 16P
   Low Voltage Compandor
September, 2006 ??Rev. 3
logo
Unisonic Technologies
USA575 UTC-USA575_16 Datasheet
232Kb / 7P
   LOW VOLTAGE COMPANDOR
logo
ON Semiconductor
SA575DTBR2G ONSEMI-SA575DTBR2G Datasheet
132Kb / 16P
   Low Voltage Compandor
September, 2006 ??Rev. 3
logo
Unisonic Technologies
USA575 UTC-USA575 Datasheet
230Kb / 7P
   LOW VOLTAGE COMPANDOR
logo
ON Semiconductor
SA575 ONSEMI-SA575 Datasheet
126Kb / 16P
   Low Voltage Compandor
September, 2006 ??Rev. 3
logo
Micross Components
AS58C1001 MICROSS-AS58C1001 Datasheet
242Kb / 20P
   Low power dissipation, active current
logo
New Japan Radio
NJM2146B NJRC-NJM2146B Datasheet
164Kb / 6P
   VOLTAGE AND CURRENT CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com