Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM311DG Datasheet(PDF) 5 Page - ON Semiconductor

Part # LM311DG
Description  Single Comparators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM311DG Datasheet(HTML) 5 Page - ON Semiconductor

  LM311DG Datasheet HTML 1Page - ON Semiconductor LM311DG Datasheet HTML 2Page - ON Semiconductor LM311DG Datasheet HTML 3Page - ON Semiconductor LM311DG Datasheet HTML 4Page - ON Semiconductor LM311DG Datasheet HTML 5Page - ON Semiconductor LM311DG Datasheet HTML 6Page - ON Semiconductor LM311DG Datasheet HTML 7Page - ON Semiconductor LM311DG Datasheet HTML 8Page - ON Semiconductor LM311DG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
LM211, LM311
http://onsemi.com
5
Figure 9. Response Time for
Various Input Overdrives
Figure 10. Response Time for
Various Input Overdrives
Figure 11. Output Short Circuit Current
Characteristics and Power Dissipation
Figure 12. Output Saturation Voltage
versus Output Current
tTLH, RESPONSE TIME (ms)
tTHL, RESPONSE TIME (ms)
VO, OUTPUT VOLTAGE (V)
IO, OUTPUT CURRENT (mA)
15
10
5.0
0
-5.0
-10
-15
0
-50
-100
0
1.0
2.0
0
1.0
2.0
15
10
5.0
0
-5.0
-10
-15
0
50
100
150
125
100
75
50
25
0
0
5.0
10
15
0.90
0.75
0.60
0.45
0.30
0.15
0
0.90
0.75
0.60
0.45
0.30
0.15
0
0
8.0
16
24
32
40
48
56
TA = +25°C
TA = -55°C
TA = +25°C
TA = +125°C
20 mV
5.0 mV
2.0 mV
Vin
VCC
VO
2.0k
VEE
*
)
20 mV
5.0 mV
2.0 mV
Vin
VCC
VO
2.0k
VEE
*
)
Power Dissipation
Short Circuit Current
VCC = +15 V
VEE = -15 V
TA = +25°C
VCC = +15 V
VEE = -15 V
TA = +25°C
Figure 13. Output Leakage Current
versus Temperature
Figure 14. Power Supply Current
versus Supply Voltage
TA, TEMPERATURE (°C)
VCC-VEE, POWER SUPPLY VOLTAGE (V)
100
10
1.0
0.1
0.01
25
45
65
85
105
125
3.6
3.0
2.4
1.8
1.2
0.6
0
0
5.0
10
15
20
25
30
VCC = +15 V
VEE = -15 V
TA = +25°C
Output VO = +50 V (LM211 only)
Positive Supply - Output Low
Positive and Negative Power Supply - Output H igh


Similar Part No. - LM311DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM311DG ONSEMI-LM311DG Datasheet
121Kb / 10P
   Single Comparators
July, 2005 ??Rev. 5
logo
Texas Instruments
LM311DG4 TI-LM311DG4 Datasheet
653Kb / 28P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LM311DG4 TI1-LM311DG4 Datasheet
1Mb / 31P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LM311DG4 TI1-LM311DG4 Datasheet
2Mb / 38P
[Old version datasheet]   Quad Differential Comparators
LM311DG4 TI1-LM311DG4 Datasheet
2Mb / 38P
[Old version datasheet]   LMx11 Quad Differential Comparators
More results

Similar Description - LM311DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM211 ONSEMI-LM211_05 Datasheet
121Kb / 10P
   Single Comparators
July, 2005 ??Rev. 5
logo
Texas Instruments
TLV1391 TI-TLV1391_03 Datasheet
185Kb / 9P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATORS
logo
Analog Devices
AD8612 AD-AD8612_15 Datasheet
414Kb / 20P
   Single-Supply Comparators
REV. A
logo
Texas Instruments
TLV1391 TI-TLV1391_V01 Datasheet
897Kb / 14P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATORS
logo
Analog Devices
AD8611 AD-AD8611_15 Datasheet
414Kb / 20P
   Single-Supply Comparators
REV. A
logo
Texas Instruments
TLV1391 TI1-TLV1391_15 Datasheet
764Kb / 13P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATORS
TLV1391 TI-TLV1391 Datasheet
147Kb / 10P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATORS
logo
Analog Devices
AD8611 AD-AD8611_16 Datasheet
316Kb / 20P
   Single-Supply Comparators
logo
ON Semiconductor
LM339 ONSEMI-LM339 Datasheet
145Kb / 8P
   Quad Single Supply Comparators
October, 1999 ??Rev. 3
logo
Motorola, Inc
LM339 MOTOROLA-LM339 Datasheet
124Kb / 6P
   Quad Single Supply Comparators
Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com