Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AHP1001A-09 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # AHP1001A-09
Description  Medical Grade Class II 10 Watt Adapter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

AHP1001A-09 Datasheet(HTML) 1 Page - Astrodyne Corporation

  AHP1001A-09 Datasheet HTML 1Page - Astrodyne Corporation AHP1001A-09 Datasheet HTML 2Page - Astrodyne Corporation AHP1001A-09 Datasheet HTML 3Page - Astrodyne Corporation AHP1001A-09 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Medical Grade Class II 10 Watt Adapter
AHP1001 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
10 Watt, Wall Mount
Single Outputs of 3.3VDC to 55VDC
80-275VAC Input Operating Range
4000VAC Input to Output Isolation
4 Input Plug Options
UL60601-1 3rd Edition Approvals
All specifications are typical at nominal input, full load, and 25°C unless other-
wise noted
Model Number
Output
VDC
Output
Amps (max.)
Output
Power
Efficiency
FL, 230VAC
Ripple &
Noise
Total
Regulation
No Load
Consumption
SINGLE OUTPUT
*AHP1001 (A, B, C, or D)-01 3.3
1.82
6 Watts
65% typ.
66 mV p-p ±5%
0.2 Watts
*AHP1001 (A, B, C, or D)-02
5
1.6
8 Watts
80% typ.
50 mV p-p ±5%
0.3 Watts
*AHP1001 (A, B, C, or D)-03
6
1.33
8 Watts
81% typ.
60 mV p-p ±5%
0.3 Watts
*AHP1001 (A, B, C, or D)-04
10
1.0
10 Watts
83% typ.
80 mV p-p ±5%
0.3 Watts
*AHP1001 (A, B, C, or D)-05
12
0.83
10 Watts
84% typ.
100 mV p-p ±5%
0.3 Watts
*AHP1001 (A, B, C, or D)-06
15
0.66
10 Watts
85% typ.
100 mV p-p ±5%
0.3 Watts
*AHP1001 (A, B, C, or D)-07
18
0.55
10 Watts
86% typ.
100 mV p-p ±5%
0.3 Watts
*AHP1001 (A, B, C, or D)-08
24
0.42
10 Watts
86% typ.
100 mV p-p ±5%
0.3 Watts
*AHP1001 (A, B, C, or D)-09
30
0.33
10 Watts
86% typ.
100 mV p-p ±3%
0.3 Watts
*AHP1001 (A, B, C, or D)-10
36
0.27
10 Watts
86% typ.
100 mV p-p ±3%
0.3 Watts
*AHP1001 (A, B, C, or D)-11
48
0.21
10 Watts
86% typ.
100 mV p-p ±3%
0.3 Watts
*AHP1001 (A, B, C, or D)-12
55
0.18
10 Watts
86% typ.
100 mV p-p ±3%
0.3 Watts
Option “A”
Option “D”
Option “B”
Option “C”
* Note:
The Asterisk (
*) denotes a choice of AC Input Connectors (A, B, C, or D option; i.e. AHP1001B-101). The options are as follows:
A: 2 Prong U.S. Plug in a Slimeline Package (Good for use in space deficient power strips!)
B: 3 Prong UK Plug
C: 2 Prong Euro Plug
D: 2 Prong U.S. Plug in a Wallmount Package
Please see Mechanical Dimensions.
medical
HPU63B series
63W External Medical Grade Power Supply
The HPU63B series of AC/DC switching mode power supplies
provide63Wattsofcontinuousoutputpower.Allsuppliesare
UL94V-1 min compliant. All models meet FCC Part-18 class B and
CISPR-11 EN55011 class B emission Limits and are designed to
comply with ANSI/AAMI ES 60601-1: 2005(UL/cUL 3rd Edition), EN
60601-1:2006 (TUV/T-mark 3rd Edition) and new CE requirements.
Allunitsare100%burnedinandtested.
FEATURES:
APPLICATIONS:
GENERAL SPECIFICATION:
*WideOperatingVoltage,80to275VAC,47to63Hz
* IEC-320-C8 Input Inlet
* Single Output
*OverVoltageandOverLoadprotection
* Medical Safety 3rd (IEC60601-1 3rd Edition)
*InputtoOutput:2MOPP
* Energy Star 2.0, Efficiency level V
*ClassIIsystem
*3yearwarranty
* Home Healthcare Equipment
* Patient Monitor
*BloodPressuresystem
* Portable medical devices
*ECGmachine
*
:AutoRecovery
*
: Free Air Convection
*
: UL94V-1
*
:Doubleinsulated,ClassII
: ANSI/AAMI ES 60601-1:2005(UL/cUL 3rd Edition), EN 60601-1:2006
(TUV/T-mark 3rd Edition)
Short Circuit Protection
Cooling
Flammability Rating
Protection Classes
*Safety
Electrical Characteristics:
Environmental:
Symbol
Characteristic
Condition
Min.
Typ. Max. Unit
VAC
Class
VAC
VAC
Hz
W
A
A
A
A
%
%/°C
°C
RH
RH
kV
kV
kV
h
m
G
°C
%
ms
ms
s
Symbol
Characteristic
Condition
Min.
Typ. Max. Unit
Vins
Safety Approval Input Voltage Range
Safety Approval & Specification in Label
Vin
Input Operate Voltage Range
Input Frequency
DetailtoseeFig.1 (Deratelinearlyfrom100%loadat90VACto80%loadat80VAC)
Fi
Sinewave
Po
Output Power Range
See Rating Chart
Iil
Low Line Input Current
Full Load, Vin=100VAC
Iih
High Line Input Current
Full Load, Vin=240VAC
Irl
Low Line Input Inrush Current
Full Load, 25°C, Cool start, Vin=100VAC
Irh
High Line Input Inrush Current
Full Load, 25°C, Cool start, Vin=240VAC
Efficiency
Full Load, Vin=230VAC, Detail to see Rating Chart
Voi
Line Regulation
Full Load, Vin=100~120VAC or 200~240VAC
OLP
Over Load Protection
Recovers automatically after fault condition is removed
ttr
Time of Transient Response
Full Load, Vin=110VAC
thu
Hold-Up Time
Full Load, Vin=100VAC
ts
Start-up time
Full Load, Vin=100~240VAC
Tc
Temperature Coefficient
All Condition
HV
Dielectric Withstanding Voltage (P-S)
Primary to Secondary, limit current <10mA
EMI
To
Ts
Ho
Hs
Vsg
ESDa
ESDc
MTBF
ELEV
VBR
EMC Emission
Compliance to EN55011 (CISPR11), EN61000-3-2,-3
100
80
47
63
63
1.62
0.72
37
74
See Rating Chart
110
12
0.3
4000
-10
0
0
2
8
6
100k
5
-40
B
150
70
85
95%
95%
3000
4
2
±0.04
1
240
275
Operating Temperature
Storage Temperature
Operating Humidity
Storage Humidity
Surge Voltage
Electro Static Discharge
Electro Static Discharge
Mean Time Between Failure
Operating Altitude (Elevation)
Vibration
DetailtoseeFig.2 (Deratelinearlyfrom100%loadat40°Cto50%loadat70°C)
10~95%RH
non-condensing
See Rating Chart
All Condition
Air Discharge, IEC61000-4-2
Contact Discharge, IEC61000-4-2
Operating Temperature at 25°C, Calculated per MIL-HDBK-217F
All condition
10 ~ 500Hz, 10min./1cycle, 60min. each along X, Y, Z axes
RoHS
2011/65/EU
2
CB
EN 60601-1
IEC 60601-1
S
E
P
APPROVALS:
%
OVP
112
132
Over Voltage Protection


Similar Part No. - AHP1001A-09

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
AHP1001 ASTRODYNE-AHP1001 Datasheet
495Kb / 4P
   Medical Grade Class II 10 Watt Adapter
AHP1001-01 ASTRODYNE-AHP1001-01 Datasheet
495Kb / 4P
   Medical Grade Class II 10 Watt Adapter
AHP1001-02 ASTRODYNE-AHP1001-02 Datasheet
495Kb / 4P
   Medical Grade Class II 10 Watt Adapter
AHP1001-03 ASTRODYNE-AHP1001-03 Datasheet
495Kb / 4P
   Medical Grade Class II 10 Watt Adapter
AHP1001-04 ASTRODYNE-AHP1001-04 Datasheet
495Kb / 4P
   Medical Grade Class II 10 Watt Adapter
More results

Similar Description - AHP1001A-09

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
AHP1001 ASTRODYNE-AHP1001 Datasheet
495Kb / 4P
   Medical Grade Class II 10 Watt Adapter
DCL112-0MC ASTRODYNE-DCL112-0MC Datasheet
390Kb / 3P
   75 Watt Medical Grade Automobile Power Adapter
logo
Phihong USA Inc.
PMA18A-120PHW PHIHONG-PMA18A-120PHW Datasheet
85Kb / 2P
   18W Medical Grade Adapter
logo
CINCON ELECTRONICS Corp...
TR160M CINCON-TR160M Datasheet
556Kb / 5P
   160 WATT MEDICAL SWITCH ADAPTER
logo
SL Power Electronics
MW155 SLPOWER-MW155 Datasheet
349Kb / 2P
   120 Watt Medical Adapter Series
MW159 SLPOWER-MW159 Datasheet
381Kb / 2P
   100 Watt Medical Adapter Family
logo
ETA-USA
MTE175-ZZSX-F-W6 ETA-USA-MTE175-ZZSX-F-W6 Datasheet
1Mb / 4P
   175 Watt AC/DC Medical Adapter
logo
Phihong USA Inc.
PSS-22U-033 PHIHONG-PSS-22U-033 Datasheet
130Kb / 2P
   24 Watt Universal Input Medical Adapter Series
logo
Schaffner International...
FN-9274 SCHAFFNER-FN-9274 Datasheet
4Mb / 6P
   Versatile Medical Class II EMC/EMI Filter
logo
Bothhand USA, LP.
M2-10US05 BOTHHAND-M2-10US05 Datasheet
255Kb / 2P
   10-15 Watt Switching Adapter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com