Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AHP1001C-03 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # AHP1001C-03
Description  Medical Grade Class II 10 Watt Adapter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

AHP1001C-03 Datasheet(HTML) 2 Page - Astrodyne Corporation

  AHP1001C-03 Datasheet HTML 1Page - Astrodyne Corporation AHP1001C-03 Datasheet HTML 2Page - Astrodyne Corporation AHP1001C-03 Datasheet HTML 3Page - Astrodyne Corporation AHP1001C-03 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Medical Grade Class II 10 Watt Adapter
AHP1001 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed nor implied.
INPUT SPECIFICATIONS
Input Voltage Range (See I/P
80-275 VAC (100-240VAC Nom.)
See Input Derate Curve (Fig 1)
Frequency Range
Sine Wave, 47-63 Hz
Inrush I, Cold Start, FL 25°C
40A @ 100VAC *
100A @ 240VAC FL *
Input Current (100Vin/240Vin)
0.3A max./0.2A max. FL
Protection Class
Double Insulated, Class II
OUTPUT SPECIFICATIONS
Voltage and Current
See Selection Chart Page 1
Line Regulation HL-LL
±1%, max. FL
Total Regulation
See Selection Chart Page 1
Ripple/Noise (See Note)
See Selection Chart Page 1
Over Load Protection
110-150% max. Auto Recovery *
Short Circuit Protection
Auto Recovery *
Transient Response
4mS at FL, 110VAC
Start Up Time
2S, min. at FL, 100VAC
Hold Up Time
12mS, min. at FL, 100VAC
Temperature Coefficient
±0.04%/°C
PHYSICAL SPECIFICATIONS
Size L x W x H (Inches/mm)
2.2” x 1.73” x 1.08” /
56 x 44 x 27.5mm
Weight
90g typ.
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
-10 to +70°C
See Temp Derate Curve (Fig 2)
Storage Temperature
-40 to +85°C, 10~95% RH *
Operating & Storage Humidity
0% to +95%,
Non-Condensing *
Cooling
Free Air Convection
Surge Voltage
2kV, min.
EMC Emission
EN55011 (CISPR11)
EN61000-3-2, -3 Class B
ESD
Contact 6KV, Air 8KV
IEC61000-4-2
Vibration
5G Min.
Operating Altitude (Elevation)
3000m max.
10 ~ 500Hz, 10min./1cycle,
60min. each along X, Y, Z axes
MTBF
100,000 Hrs, min.
MIL-HDBK-217F, 25°C
Flammability Rating
UL94V-1
GENERAL SPECIFICATIONS
Isolation
I/P-O/P: 4000VAC
Limit Current <10mA
O/P-Ground: 707VDC 60S
Insulation Resistance
≥20MΩ, 500V, 1S, I/P to O/P
Efficiency at FL & Nominal Line
See Selection Chart
Safety
UL/cUL:
ANSI/AAMI ES60601-1:2005
3rd ed.
NOTE
Ripple & Noise is measured by using a 20MHz bandwidth limited
oscilloscope and terminating each output with a 0.47uF capacitor at FL
and Nominal line.


Similar Part No. - AHP1001C-03

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
AHP1001 ASTRODYNE-AHP1001 Datasheet
495Kb / 4P
   Medical Grade Class II 10 Watt Adapter
AHP1001-01 ASTRODYNE-AHP1001-01 Datasheet
495Kb / 4P
   Medical Grade Class II 10 Watt Adapter
AHP1001-02 ASTRODYNE-AHP1001-02 Datasheet
495Kb / 4P
   Medical Grade Class II 10 Watt Adapter
AHP1001-03 ASTRODYNE-AHP1001-03 Datasheet
495Kb / 4P
   Medical Grade Class II 10 Watt Adapter
AHP1001-04 ASTRODYNE-AHP1001-04 Datasheet
495Kb / 4P
   Medical Grade Class II 10 Watt Adapter
More results

Similar Description - AHP1001C-03

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
AHP1001 ASTRODYNE-AHP1001 Datasheet
495Kb / 4P
   Medical Grade Class II 10 Watt Adapter
DCL112-0MC ASTRODYNE-DCL112-0MC Datasheet
390Kb / 3P
   75 Watt Medical Grade Automobile Power Adapter
logo
Phihong USA Inc.
PMA18A-120PHW PHIHONG-PMA18A-120PHW Datasheet
85Kb / 2P
   18W Medical Grade Adapter
logo
CINCON ELECTRONICS Corp...
TR160M CINCON-TR160M Datasheet
556Kb / 5P
   160 WATT MEDICAL SWITCH ADAPTER
logo
SL Power Electronics
MW155 SLPOWER-MW155 Datasheet
349Kb / 2P
   120 Watt Medical Adapter Series
MW159 SLPOWER-MW159 Datasheet
381Kb / 2P
   100 Watt Medical Adapter Family
logo
ETA-USA
MTE175-ZZSX-F-W6 ETA-USA-MTE175-ZZSX-F-W6 Datasheet
1Mb / 4P
   175 Watt AC/DC Medical Adapter
logo
Phihong USA Inc.
PSS-22U-033 PHIHONG-PSS-22U-033 Datasheet
130Kb / 2P
   24 Watt Universal Input Medical Adapter Series
logo
Schaffner International...
FN-9274 SCHAFFNER-FN-9274 Datasheet
4Mb / 6P
   Versatile Medical Class II EMC/EMI Filter
logo
Bothhand USA, LP.
M2-10US05 BOTHHAND-M2-10US05 Datasheet
255Kb / 2P
   10-15 Watt Switching Adapter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com