Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RKZ-152005D Datasheet(PDF) 1 Page - Recom International Power

Part # RKZ-152005D
Description  High Isolation 3kVDC & 4kVDC for 1 minute
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RKZ-152005D Datasheet(HTML) 1 Page - Recom International Power

  RKZ-152005D Datasheet HTML 1Page - Recom International Power RKZ-152005D Datasheet HTML 2Page - Recom International Power RKZ-152005D Datasheet HTML 3Page - Recom International Power RKZ-152005D Datasheet HTML 4Page - Recom International Power RKZ-152005D Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ECO-1
REV.: 1/2016
www.recom-power.com
2 Watt
SIP7 for
SIC Application
DC/DC Converter
Features
Unregulated
Converters
• Power Sharing
• High Isolation 3kVDC & 4kVDC for 1 minute
• Efficiency up to 87%
• Wide Operating Temperature Range from -40°C to +85°C
• UL60950 Certified
• IEC/EN60950 Certified
RKZ-xx2005D
UL60950-1 Certified
CSA C22.2 No. 60950-1-07
IEC/EN60950-1 Certified
EN55022
Description
The RKZ-xx2005D series features DC/DC converters which are especially designed for SiC mosfet
drivers. The modules are available with input voltages of 5, 12, 15, or 24VDC with two
asymmetric outputs of +20VDC and -5VDC. A special feature of this converter is output power
sharing: the RKZ-xx2005D can be used with equal power (asymmetrical current) or equal current
(asymmetrical power) loads. The modules offer 3kVDC or 4kVDC isolation. The operating
temperature range of -40C to +100°C (with derating) meets harsh environmental requirements.
Selection Guide
Part
Input
Output
Output
Efficiency typ.
max. Capacitive
Number
Voltage
Voltage
Current
typ.
Load (1)
[VDC]
[VDC]
[mA]
[%]
[µF]
RKZ-052005D
5
20/-5
50/-200
86
100/1500
+/-80
85
RKZ-122005D
12
20/-5
50/-200
86
100/1500
+/-80
RKZ-152005D
15
20/-5
50/-200
86
100/1500
+/-80
RKZ-242005D
24
20/-5
50/-200
87
100/1500
+/-80
3 YEAR
warranty
3
E358085
Notes:
Note1: Max. capacitive load is tested at nominal input voltage and full load.
Input Voltage
Output Voltage
Model Numbering
RKZ-__2005D/_ _
Notes:
Note2: without suffix, standard 3kVDC isolation
add suffix “/H” for higher 4kVDC isolation
Note3: without suffix, without Short Circuit Proetction
add suffix “/P” for continuous short circuit protection
Examples:
RKZ-052005D
=
5Vin, 20/-5Vout, without SCP function + standard 3kVDC isolation
RKZ-12005D/HP
=
12Vin, 20/-5Vout, with continuous SCP function + high 4kVDC isolation
Protection (3)
Isolation (2)
Dual Output
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Input Voltage Range
-10%
+10%
Operating Frequency
20kHz
Minimum Load
0%
Output Ripple and Noise (4)
70mVp-p
150mVp-p
continued on next page
Notes:
Note4: Ripple and Noise is measured with a 20MHz badnwidth and a 0.1µF ceramic capacitor.
Specifications (measured @ ta= 25°C, nominal Input and full load after warm-up time unless otherwise noted)


Similar Part No. - RKZ-152005D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RKZ-152005D RECOM-RKZ-152005D Datasheet
323Kb / 5P
   2 Watt SIP7 for SIC Application
More results

Similar Description - RKZ-152005D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RKE RECOM-RKE Datasheet
256Kb / 4P
   4kVDC/1 second Isolation
RK-XX05S RECOM-RK-XX05S Datasheet
151Kb / 3P
   3kVDC or 4kVDC Isolation Optional Continuous Short Circuit Protected
logo
List of Unclassifed Man...
REC5-2412 ETC2-REC5-2412 Datasheet
150Kb / 4P
   High 4kVDC 6kVDC Isolation
logo
Recom International Pow...
REC3-SDRW RECOM-REC3-SDRW Datasheet
131Kb / 4P
   2kV, 4kVDC & 6kVDC Isolation
REC15-SD RECOM-REC15-SD Datasheet
467Kb / 6P
   2kVDC And 3kVDC Isolation Options
REC10M RECOM-REC10M Datasheet
105Kb / 2P
   2kVDC and 3kVDC Isolation Options
logo
E-SWITCH
N802110 E-SWITCH-N802110 Datasheet
169Kb / 1P
   DIELECTRIC STRENGTH: 500VAC MIN FOR 1 MINUTE.
N802104 E-SWITCH-N802104 Datasheet
94Kb / 1P
   DIELECTRIC STRENGTH: 500VAC MIN FOR 1 MINUTE.
N802106 E-SWITCH-N802106 Datasheet
109Kb / 1P
   DIELECTRIC STRENGTH: 500VAC MIN FOR 1 MINUTE.
logo
Recom International Pow...
REC7.5 RECOM-REC7.5 Datasheet
124Kb / 3P
   1KVDC, 2KVDC and 3kVDC Isolation Options
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com