Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RPA20-243.3SAW(2,3) Datasheet(PDF) 1 Page - Recom International Power

Part # RPA20-243.3SAW(2,3)
Description  UL, IEC/EN & EN50155 Pending
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPA20-243.3SAW(2,3) Datasheet(HTML) 1 Page - Recom International Power

  RPA20-243.3SAW(2,3) Datasheet HTML 1Page - Recom International Power RPA20-243.3SAW(2,3) Datasheet HTML 2Page - Recom International Power RPA20-243.3SAW(2,3) Datasheet HTML 3Page - Recom International Power RPA20-243.3SAW(2,3) Datasheet HTML 4Page - Recom International Power RPA20-243.3SAW(2,3) Datasheet HTML 5Page - Recom International Power RPA20-243.3SAW(2,3) Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
20 Watt
1“x1“
Single & Dual
Output
Features
Regulated
Converters
• 4:1 Wide Input Voltage Range
• 1.6kVDC Isolation
• UL, IEC/EN & EN50155 Pending
• Efficiency up to 88%
• OVP, OCP & OTP
• +105°C max Case Temperature
PD-1
REV.: 0/2016
www.recom-power.com
DC/DC Converter
3 YEAR
warranty
3
Description
The RPA20-AW series are high power density, wide input voltage range 20W DC/DC
converters in an industry standard 1”x1” case size. Despite their small size, the RPA20-AW converters
are fully specified devices with output currents up to 6Amps, up to 88% efficiency, no minimum load,
1600VDC isolation, tight regulation and low ripple/noise figures. The outputs are also fully protected
against over-temperature, short circuits, overcurrent and overvoltage and the single output version
offers a ±10% trim range. A heatsink option is available to extend the operating temperature range.
The converters are UL and EN50155 pending and will find many uses irailway and industrial applications
where board space is at a premium.
E224736
RPA20-AW
Selection Guide
Part Number
Input
Output
Output
Input(1) Efficiency(1) Max. Capacitive
Voltage Range
Voltage
Current
Current
typ.
Load
[VDC]
[VDC]
[mA]
[mA]
[%]
[µF]
RPA20-243.3SAW(2,3)
9-36
3.3
6000
960
87
10000
RPA20-2405SAW(2,3)
9-36
5
4000
960
88
10000
RPA20-2412SAW(2,3)
9-36
12
1670
960
88
1000
RPA20-2415SAW(2,3)
9-36
15
1330
960
88
1000
RPA20-2412DAW(2,3)
9-36
±12
±830
960
88
±1000
RPA20-2415DAW(2,3)
9-36
±15
±670
960
88
±680
UL60950-1 Pending
IEC/EN60950 Pending
EN50155 Pending
Ordering Examples
RPA20-243.3SAW = 24V Input, 3.3V Output, Single, no CTRL pin
RPA20-2405DAW/P = 24V Input, 5V Output, Dual, Pos. CTRL function
RPA20-2415SAW-HC = 24V Input, 15V Output, Single, no CTRL pin, glued Heat-sink
RPA20-2415DAW/N-HC = 24V Input, 15V Output, Dual, Neg. CTRL function, glued Heat-sink
Model Numbering
Input Voltage
Output Voltage
Single or Dual
RPA20-__ __ _AW/_ _
Notes:
Note2: part without suffixes is without CTRL pin, trim pin fitted
add suffix “P” for positive CTRL function (1=ON, 0=OFF), trim pin fitted
add suffix “N” for negative CTRL function (0=ON, 1=OFF), trim pin fitted
trim pin is only available for single outputs
Note3: add suffix “-HC” for glued Heat-sink (compatible with all other suffixes)
Package(3)
CTRL Logic(2)
Notes:
Note1:
Efficiency is tested by nominal Vin, full load and at 25°C.


Similar Part No. - RPA20-243.3SAW(2,3)

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RPA200H-11012SRUW RECOM-RPA200H-11012SRUW Datasheet
2Mb / 10P
   200 Watt Half Brick Single Output
RPA200H-11012SRUW RECOM-RPA200H-11012SRUW Datasheet
2Mb / 11P
   200 Watt Half Brick Single Output
RPA200H-11015SRUW RECOM-RPA200H-11015SRUW Datasheet
2Mb / 11P
   200 Watt Half Brick Single Output
RPA200H-11024SRUW RECOM-RPA200H-11024SRUW Datasheet
2Mb / 10P
   200 Watt Half Brick Single Output
RPA200H-11024SRUW RECOM-RPA200H-11024SRUW Datasheet
2Mb / 11P
   200 Watt Half Brick Single Output
More results

Similar Description - RPA20-243.3SAW(2,3)

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RPA120H-RW RECOM-RPA120H-RW Datasheet
1Mb / 7P
   UL, IEC/EN60950-1 & EN50155 Pending
logo
EXCEL CELL ELECTRONIC C...
ETBH50 ECE-ETBH50 Datasheet
297Kb / 2P
   SCREWLESS TYPE TERMINAL BLOCK UL pending
logo
Murata Power Solutions ...
NCS12S1203C MURATA-PS-NCS12S1203C Datasheet
444Kb / 14P
   UL 60950 recognition pending 4:1 Wide range voltage input
logo
Ironwood Electronics.
SF-BGA352B-B-42 IRONWOOD-SF-BGA352B-B-42 Datasheet
53Kb / 1P
   Patent Pending
SF-BGA543A-B-42F IRONWOOD-SF-BGA543A-B-42F Datasheet
123Kb / 1P
   Patent Pending
logo
Taoglas antenna solutio...
SGP.1575.12.4.A.02 TAOGLAS-SGP.1575.12.4.A.02 Datasheet
1Mb / 12P
   patent pending
logo
Ironwood Electronics.
SF-BGA516B-B-42 IRONWOOD-SF-BGA516B-B-42 Datasheet
69Kb / 1P
   Patent Pending
SF-BGA529C-B-32 IRONWOOD-SF-BGA529C-B-32 Datasheet
64Kb / 1P
   Patent Pending
logo
Taoglas antenna solutio...
SGP.1575.15.4.A.02 TAOGLAS-SGP.1575.15.4.A.02 Datasheet
1Mb / 12P
   Patent Pending
SGP.1575.25.4.C.02 TAOGLAS-SGP.1575.25.4.C.02 Datasheet
2Mb / 13P
   Patent pending
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com