Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFDS6401 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # TFDS6401
Description  Fast Infrared Transceiver Module Family (FIR, 4 Mbit/s) for 2.6 V to 5.5 V Operation
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TFDS6401 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button TFDS6401 Datasheet HTML 2Page - Vishay Siliconix TFDS6401 Datasheet HTML 3Page - Vishay Siliconix TFDS6401 Datasheet HTML 4Page - Vishay Siliconix TFDS6401 Datasheet HTML 5Page - Vishay Siliconix TFDS6401 Datasheet HTML 6Page - Vishay Siliconix TFDS6401 Datasheet HTML 7Page - Vishay Siliconix TFDS6401 Datasheet HTML 8Page - Vishay Siliconix TFDS6401 Datasheet HTML 9Page - Vishay Siliconix TFDS6401 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
TFDU6101E/TFDS6401/TFDS6501E/TFDT6501E
Vishay Semiconductors
Rev. B1.6, 02–Nov–00
6 (17)
www.vishay.com
Document Number 82525
Optoelectronic Characteristics
Tamb = 25_C, VCC = 2.6 V to 5.5 V unless otherwise noted.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
Parameters
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Receiver
Minimum Detection
Threshold Irradiance,
SIR Mode
TFDS6501E/ TFDT6501E
9.6 kbit/s to 115.2 kbit/s
l = 850 nm to 900 nm
Ee
20
35
mW/m2
SIR Mode
TFDU6101E, TFDS6401
9.6 kbit/s to 115.2 kbit/s
l = 850 nm to 900 nm
Ee
25
40
mW/m2
Minimum Detection
Threshold Irradiance,
MIR Mode
TFDS6501E/ TFDT6501E
1.152 Mbit/s
l = 850 nm to 900 nm
Ee
50
mW/m2
MIR Mode
TFDU6101E, TFDS6401
1.152 Mbit/s
l = 850 nm to 900 nm
Ee
65
mW/m2
Minimum Detection
Threshold Irradiance,
FIR Mode
TFDS6501E/ TFDT6501E
4.0 Mbit/s
l = 850 nm to 900 nm
Ee
65
100
mW/m2
FIR Mode
TFDU6101E, TFDS6401
4.0 Mbit/s
l = 850 nm to 900 nm
Ee
85
100
mW/m2
Maximum Detection
Threshold Irradiance
l = 850 nm to 900 nm
Ee
5
10
kW/m2
Logic LOW Receiver
Input Irradiance
Ee
4
mW/m2
Rise Time of Output
Signal––,,,,klll
10% to 90%, @2.2 k
Ω, 15 pF
tr (Rxd)
10
40
ns
Fall Time of Output
Signal
90% to 10%, @2.2 k
Ω, 15 pF
tf (Rxd)
10
40
ns
Rxd Pulse Width of
Input pulse length 20
µs, 9.6 kbit/s
tPW
1.2
10
20
µs
Rxd Pulse Width of
Output Signal, 50%
SIR Mode
Input pulse length 1.41
ms,
115.2 kbit/s
tPW
1.2
1/2 bit
length
µs
Rxd Pulse Width of
Output Signal, 50%
MIR Mode
Input pulse length 217 ns,
1.152 Mbit/s
tPW
110
260
ns
Rxd Pulse Width of
Output Signal 50%
Input pulse length 125 ns, 4.0 Mbit/s
tPW
100
160
ns
Output Signal, 50%
FIR Mode
Input pulse length 250 ns, 4.0 Mbit/s
tPW
200
290
ns
Stochastic Jitter,
Leading Edge,
FIR Mode
Input Irradiance = 100 mW/m2,
4.0 Mbit/s
±10
ns
Latency
tL
120
300
µs


Similar Part No. - TFDS6401

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFDS6402 VISHAY-TFDS6402 Datasheet
667Kb / 17P
   Fast Infrared Transceiver Module Family (FIR, 4 Mbit/s) for 2.6 V to 5.5 V Operation
Rev. B1.6, 02-Nov-00
TFDS6402-TR3 VISHAY-TFDS6402-TR3 Datasheet
667Kb / 17P
   Fast Infrared Transceiver Module Family (FIR, 4 Mbit/s) for 2.6 V to 5.5 V Operation
Rev. B1.6, 02-Nov-00
More results

Similar Description - TFDS6401

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFDU6102E VISHAY-TFDU6102E Datasheet
667Kb / 17P
   Fast Infrared Transceiver Module Family (FIR, 4 Mbit/s) for 2.6 V to 5.5 V Operation
Rev. B1.6, 02-Nov-00
TFDU5102-TR3 VISHAY-TFDU5102-TR3 Datasheet
243Kb / 12P
   Fast Infrared Transceiver Module Family (MIR, 1 Mbit/s) for 2.6 V to 5.5 V Operation
Rev. A1.1, 12-Nov-02
TFDU6103 VISHAY-TFDU6103 Datasheet
265Kb / 15P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.4 V to 5.5 V Operation
Rev. 1.3, 03-Jul-08
TFDU6102 VISHAY-TFDU6102_05 Datasheet
295Kb / 18P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.7 V to 5.5 V Operation
Rev. 1.6, 05-Dec-05
TFDU6103 VISHAY-TFDU6103_09 Datasheet
236Kb / 13P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.4 V to 5.5 V Operation
Rev. 1.4, 29-Jul-09
TFDU6102 VISHAY-TFDU6102 Datasheet
420Kb / 16P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.7 V to 5.5 V Operation
Rev. 1.5, 24-Jun-04
TFDU6300 VISHAY-TFDU6300 Datasheet
214Kb / 15P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.4 V to 3.6 V Operation
Rev. 1.8, 03-Jul-08
TFDU6300 VISHAY-TFDU6300_09 Datasheet
193Kb / 12P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s)
Rev. 2.0, 04-Aug-09
TFDU6301 VISHAY-TFDU6301 Datasheet
217Kb / 15P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.4 V to 3.6 V Operation and Low-Voltage Logic (1.8 V)
Rev. 1.8, 03-Jul-08
TFDU6108 VISHAY-TFDU6108 Datasheet
940Kb / 27P
   Fast Infrared Transceiver Module (4 Mbit/s), IrDA Serial Interface Compatible, 2.7 V to 5.5 V Supply Voltage Range
Rev. 1.6, 25-Jun-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com