Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4285A-002 Datasheet(PDF) 9 Page - Keysight Technologies

Part # 4285A-002
Description  Precision LCR Meter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

4285A-002 Datasheet(HTML) 9 Page - Keysight Technologies

Back Button 4285A-002 Datasheet HTML 5Page - Keysight Technologies 4285A-002 Datasheet HTML 6Page - Keysight Technologies 4285A-002 Datasheet HTML 7Page - Keysight Technologies 4285A-002 Datasheet HTML 8Page - Keysight Technologies 4285A-002 Datasheet HTML 9Page - Keysight Technologies 4285A-002 Datasheet HTML 10Page - Keysight Technologies 4285A-002 Datasheet HTML 11Page - Keysight Technologies 4285A-002 Datasheet HTML 12Page - Keysight Technologies 4285A-002 Datasheet HTML 13Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
09 | Keysight | 4285A Precision LCR Meter – Data Sheet
Table 1-1. An equations
fm
50
fm
A1 = N1% +
(———)
2 . 3% + ———— [0.02% + (———) . 0.1%] . K
i . Kosc
30
|Zm|
30
fm
|Zm|
fm
A2 = N1% +
(———)
2 . 3% + ———— [0.02% + (———) . 0.05%] . K
i . Kosc
30
50
30
fm
|Zm|
fm
A3 = N1% +
(———)
2 . 0.1% + ———— [0.02% + (———) . 0.05%] . K
i . Kosc
5
500
30
fm
|Zm|
fm
A4 = 0.3% +
(———)
2 . 3% + ———— [0.05% + (———) . 0.1%] . K
i . Kosc
30
500
30
fm
A5 = 0.18% + ——— . 0.02%] . Ki . Kosc
5k
fm
|Zm|
fm
A6 = 0.18% +
(———)
2 . 3% + ———— [0.02% + (———) . 0.03%] . K
i . Kosc
30
5k
30
fm
|Zm| fm
A7 = 0.5% +
(———)
2 . 3% + ———— . (———) . 0.2%] . K
i . Kosc
30
5k
30
|Zm|
A8 = 0.18% + ———— . 0.03% . Ki . Kosc
50k
fm
100
fm
A9 = N2% +
(———)
2 . 3% + ———— [0.02% + (———) . 0.1%] . K
i
30
|Zm|
30
fm
|Zm|
fm
A10 = N2% +
(———)
2 . 3% + ———— [0.02% + (———) . 0.05%] . K
i
30
100
30
fm
|Zm|
fm
A11 = 0.18% +
(———)
2 . 0.1% + ———— [0.02% + (———) . 0.05%] . K
i
5
1k
30
fm
|Zm|
fm
A12 = 0.3% +
(———)
2 . 3% + ———— [0.05% + (———) . 0.1%] . K
i
30
1k
30
|Zm|
A13 = 0.18% + ———— . 0.02%] . Ki
10k
fm
|Zm|
fm
A14 = 0.18% +
(———)
2 . 3% + ———— [0.02% + (———) . 0.03%] . K
i
30
10k
10
fm
|Zm| fm
A15 = 0.5% +
(———)
2 . 3% + ———— . (———) . 0.2%] . K
i
30
10k
30
|Zm|
A16 = 0.18% + ————— . 0.03%] . Ki
100k
|Zm|: Absolute value of measured impedance in [Ω]
fm: Test frequency in [MHz]


Similar Part No. - 4285A-002

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
4285A-001 KEYSIGHT-4285A-001 Datasheet
1Mb / 21P
   Precision LCR Meter
4285A-004 KEYSIGHT-4285A-004 Datasheet
1Mb / 21P
   Precision LCR Meter
More results

Similar Description - 4285A-002

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
4285A-202 KEYSIGHT-4285A-202 Datasheet
1Mb / 21P
   Precision LCR Meter
E4980AL KEYSIGHT-E4980AL Datasheet
1Mb / 38P
   Precision LCR Meter
logo
IET Labs Inc.
7660 IET-7660 Datasheet
527Kb / 3P
   Precision LCR Meter
February 2023
logo
Keysight Technologies
E4980A-001 KEYSIGHT-E4980A-001 Datasheet
1Mb / 38P
   Precision LCR Meter
E4980A-301 KEYSIGHT-E4980A-301 Datasheet
1Mb / 38P
   Precision LCR Meter
4285A-001 KEYSIGHT-4285A-001 Datasheet
1Mb / 21P
   Precision LCR Meter
4285A-004 KEYSIGHT-4285A-004 Datasheet
1Mb / 21P
   Precision LCR Meter
logo
IET Labs Inc.
7600PLUS IET-7600PLUS Datasheet
252Kb / 3P
   Precision LCR Meter
March 2017
logo
Keysight Technologies
4285A-301 KEYSIGHT-4285A-301 Datasheet
1Mb / 21P
   Precision LCR Meter
E4980A-002 KEYSIGHT-E4980A-002 Datasheet
1Mb / 38P
   Precision LCR Meter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com