Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KLU1T516-LF Datasheet(PDF) 2 Page - Bothhand USA, LP.

Part # KLU1T516-LF
Description  Complies with requirement of IEEE 802.3u standards
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

KLU1T516-LF Datasheet(HTML) 2 Page - Bothhand USA, LP.

  KLU1T516-LF Datasheet HTML 1Page - Bothhand USA, LP. KLU1T516-LF Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
“LAN-MATE” SERIES
SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
P/N: KLU1T516 LF
Page:2/2
A0(11/06)
Mechanical
1. Plastic Material
: Thermoplastic (UL 94V-0), Black Housing
2. Metal Shield
: Brass, 20u"inches thick Nickel
3. Spring Wire
: Phosphor bronze with selective gold plating
4. Solder Pin
: 0.5x0.35mm, SUS430 with solder Plated
5. Durability
: 750 Mating cycles Min.
PCB Layout Mounting Hole(Top View)
Bothhand USA
email: sales@bothhandusa.com
Tel: 978-887-8050
462 Boston St,
Topsfield, MA 01983
http://www.bothhandUSA.com
email:sales@bothhandusa.com
Tel: 978-887-8050
Fax: 978-887-5434


Similar Part No. - KLU1T516-LF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
KLU1T516-34-LF BOTHHAND-KLU1T516-34-LF Datasheet
225Kb / 2P
   Reduced EMI radiation to improve EMI performance
KLU1T516-34LF BOTHHAND-KLU1T516-34LF Datasheet
225Kb / 2P
   10/100 BASE-T RJ45 1 x 1 INTEGRATED MAGNETICS CONNECTOR
KLU1T516-43-LF BOTHHAND-KLU1T516-43-LF Datasheet
229Kb / 2P
   RJ-45 needs to be matched FCC standard
KLU1T516-43LF BOTHHAND-KLU1T516-43LF Datasheet
229Kb / 2P
   10/100 BASE-T RJ45 1 x 1 INTEGRATED MAGNETICS CONNECTOR
More results

Similar Description - KLU1T516-LF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
KLU1T041C-LF BOTHHAND-KLU1T041C-LF Datasheet
374Kb / 2P
   Complies with requirement of IEEE 802.3u standards
KLU1T041X-LF BOTHHAND-KLU1T041X-LF Datasheet
333Kb / 2P
   Complies with requirement of IEEE 802.3u standards
DA4T103N3 BOTHHAND-DA4T103N3 Datasheet
455Kb / 3P
   Complies with requirement of IEEE 802.3ab standards
KLA1S109-34-LF BOTHHAND-KLA1S109-34-LF Datasheet
362Kb / 2P
   Complies with requirement of IEEE 802.3ab standards
KLA1S109-43-LF BOTHHAND-KLA1S109-43-LF Datasheet
209Kb / 2P
   Complies with requirement of IEEE 802.3ab standards
KLA1T109-LF BOTHHAND-KLA1T109-LF Datasheet
391Kb / 2P
   Complies with requirement of IEEE 802.3ab standards
DA6T10303 BOTHHAND-DA6T10303 Datasheet
442Kb / 3P
   Complies with requirement of IEEE 802.3ab standards
DA6T00101 BOTHHAND-DA6T00101 Datasheet
449Kb / 3P
   Complies with requirement of IEEE 802.3ab standards
LU1S041-43-LF BOTHHAND-LU1S041-43-LF Datasheet
187Kb / 2P
   Complies with requirement of IEEE802.3u standards
KLU1T041-43-LF BOTHHAND-KLU1T041-43-LF Datasheet
234Kb / 2P
   Complies with requirement of IEEE802.3u standards
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com