Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFDT6501E-TR4 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TFDT6501E-TR4
Description  Fast Infrared Transceiver Module Family (FIR, 4 Mbit/s) for 2.6 V to 5.5 V Operation
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TFDT6501E-TR4 Datasheet(HTML) 5 Page - Vishay Siliconix

  TFDT6501E-TR4 Datasheet HTML 1Page - Vishay Siliconix TFDT6501E-TR4 Datasheet HTML 2Page - Vishay Siliconix TFDT6501E-TR4 Datasheet HTML 3Page - Vishay Siliconix TFDT6501E-TR4 Datasheet HTML 4Page - Vishay Siliconix TFDT6501E-TR4 Datasheet HTML 5Page - Vishay Siliconix TFDT6501E-TR4 Datasheet HTML 6Page - Vishay Siliconix TFDT6501E-TR4 Datasheet HTML 7Page - Vishay Siliconix TFDT6501E-TR4 Datasheet HTML 8Page - Vishay Siliconix TFDT6501E-TR4 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
TFDU6101E/TFDS6401/TFDS6501E/TFDT6501E
Vishay Semiconductors
Rev. B1.6, 02–Nov–00
5 (17)
www.vishay.com
Document Number 82525
Electrical Characteristics
Tamb = 25_C, VCC = 2.6V to 5.5 V unless otherwise noted.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
Parameters
Test Conditions / Pins
Symbol
Min.
Typ.
Max.
Unit
Transceiver
Supply Voltage
VCC
2.6
5.5
V
Dynamic Supply Current
Receive mode only.
In transmit mode, add additional 85 mA (typ) for IRED current
SD = Low, Ee = 0 klx
ICC
3
4.5
mA
SD = Low, Ee = 1 klx *)
ICC
3
4.5
mA
Standby Supply Current
SD = High,
Mode = Floating,
ISD
Mode
Floating,
T = 25
°C, Ee = 0 klx
T = 25
°C, Ee = 1 klx *)
1
1.5
µA
µA
SD = High, T = 85
°C,
Mode = Floating,
Not Ambient Light
Sensitive
ISD
5
µA
Operating Temperature
Range
TA
–25
+85
°C
Output Voltage Low
Rload = 2.2 kW,
Cload = 15 pF
VOL
0.5
0.8
V
Output Voltage High
Rload = 2.2 kW,
Cload = 15 pF
VOH
VCC–0.5
V
Input Voltage Low
(Txd, SD/ Mode, Mode)
VIL
0
0.8
V
Input Voltage High
CMOS level **)
VIH
0.9 x VCC
V
In ut Voltage High
(Txd, SD/ Mode, Mode)
TTL level, VCC ≥ 4.5 V
VIH
2.4
V
Input Leakage Current
(Txd, SD/ Mode)
IL
–10
+10
µA
Input Leakage Current,
Mode
IL
–80
+80
µA
Input Capacitance
CI
5
pF
*)
Standard Illuminant A
**)
The typical threshold level is between 0.5 x VCC/2 (VCC = 3 V) and 0.4 x VCC (VCC = 5.5 V) .
It is recommended to use the specified min/ max values to avoid increased operating current.


Similar Part No. - TFDT6501E-TR4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFDT6500E VISHAY-TFDT6500E Datasheet
549Kb / 12P
   2.7-5.5V Fast Infrared Transceiver Module Family
Rev. A, 03-Apr-98
TFDT6502E VISHAY-TFDT6502E Datasheet
667Kb / 17P
   Fast Infrared Transceiver Module Family (FIR, 4 Mbit/s) for 2.6 V to 5.5 V Operation
Rev. B1.6, 02-Nov-00
TFDT6502E-TR3 VISHAY-TFDT6502E-TR3 Datasheet
667Kb / 17P
   Fast Infrared Transceiver Module Family (FIR, 4 Mbit/s) for 2.6 V to 5.5 V Operation
Rev. B1.6, 02-Nov-00
More results

Similar Description - TFDT6501E-TR4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFDU6102E VISHAY-TFDU6102E Datasheet
667Kb / 17P
   Fast Infrared Transceiver Module Family (FIR, 4 Mbit/s) for 2.6 V to 5.5 V Operation
Rev. B1.6, 02-Nov-00
TFDU5102-TR3 VISHAY-TFDU5102-TR3 Datasheet
243Kb / 12P
   Fast Infrared Transceiver Module Family (MIR, 1 Mbit/s) for 2.6 V to 5.5 V Operation
Rev. A1.1, 12-Nov-02
TFDU6103 VISHAY-TFDU6103 Datasheet
265Kb / 15P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.4 V to 5.5 V Operation
Rev. 1.3, 03-Jul-08
TFDU6102 VISHAY-TFDU6102_05 Datasheet
295Kb / 18P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.7 V to 5.5 V Operation
Rev. 1.6, 05-Dec-05
TFDU6103 VISHAY-TFDU6103_09 Datasheet
236Kb / 13P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.4 V to 5.5 V Operation
Rev. 1.4, 29-Jul-09
TFDU6102 VISHAY-TFDU6102 Datasheet
420Kb / 16P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.7 V to 5.5 V Operation
Rev. 1.5, 24-Jun-04
TFDU6300 VISHAY-TFDU6300 Datasheet
214Kb / 15P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.4 V to 3.6 V Operation
Rev. 1.8, 03-Jul-08
TFDU6300 VISHAY-TFDU6300_09 Datasheet
193Kb / 12P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s)
Rev. 2.0, 04-Aug-09
TFDU6301 VISHAY-TFDU6301 Datasheet
217Kb / 15P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.4 V to 3.6 V Operation and Low-Voltage Logic (1.8 V)
Rev. 1.8, 03-Jul-08
TFDU6108 VISHAY-TFDU6108 Datasheet
940Kb / 27P
   Fast Infrared Transceiver Module (4 Mbit/s), IrDA Serial Interface Compatible, 2.7 V to 5.5 V Supply Voltage Range
Rev. 1.6, 25-Jun-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com