Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2765 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2765
Description  FAMILY OF 1.8 V MICROPOWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUT DOWN
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2765 Datasheet(HTML) 5 Page - Texas Instruments

  TLV2765 Datasheet HTML 1Page - Texas Instruments TLV2765 Datasheet HTML 2Page - Texas Instruments TLV2765 Datasheet HTML 3Page - Texas Instruments TLV2765 Datasheet HTML 4Page - Texas Instruments TLV2765 Datasheet HTML 5Page - Texas Instruments TLV2765 Datasheet HTML 6Page - Texas Instruments TLV2765 Datasheet HTML 7Page - Texas Instruments TLV2765 Datasheet HTML 8Page - Texas Instruments TLV2765 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
TLV2760, TLV2761, TLV2762, TLV2763, TLV2764, TLV2765
FAMILY OF 1.8 V MICROPOWER RAIL-TO-RAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUT DOWN
SLOS326D – JUNE 2000 – REVISED FEBRUARY 2001
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at recommended operating conditions, VDD = 1.8 V, 2.4 V (unless
otherwise noted)
dc performance
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VIC = VDD/2,
VV
/2
TLV276x
25
°C
550
3500
µV
VIO
Input offset voltage
VO = VDD/2,
RL = 300 kΩ
TLV276x
Full range
6800
µV
αVIO
Offset voltage drift
RL = 300 kΩ,
RS = 50 Ω
9
µV/°C
VDD =1 8V
25
°C
50
70
dB
VDD = 1.8 V
Full range
48
dB
VICR = 0 V to VDD,
VDD =2 4V
25
°C
53
72
dB
CMRR
Common-mode rejection ratio
ICR
DD
RS = 50 Ω
VDD = 2.4 V
Full range
50
dB
CMRR
Common-mode rejection ratio
VDD =3 6V
25
°C
55
76
dB
VDD = 3.6 V
Full range
55
dB
VICR = 1.2 V to VDD,
VDD =2 4V 3 6 V
25
°C
63
82
dB
ICR
DD
RS = 50 Ω
VDD = 2.4 V, 3.6 V
Full range
60
dB
V1 8 V
25
°C
20
60
VDD = 1.8 V
Full range
18
V/mV
AVD
Large-signal differential voltage
RL = 10 kΩ,
V2 4 V
25
°C
28
78
V/mV
AVD
gg
g
amplification
L
,
VO(PP) = VDD/2
VDD = 2.4 V
Full range
23
V3 6 V
25
°C
45
120
V/mV
VDD = 3.6 V
Full range
37
V/mV
† Full range is 0
°C to 70°C for the C suffix and –40°C to 85°C for the I suffix. If not specified, full range is –40°C to 85°C.
input characteristics
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
25
°C
3
15
IIO
Input offset current
VIC = VDD/2,
TLV276xC
Full range
100
pA
VIC = VDD/2,
VO = VDD/2,
TLV276xI
Full range
200
ODD
RL = 300 kΩ,
25
°C
3
15
IIB
Input bias current
RS = 50 Ω
TLV276xC
Full range
100
pA
TLV276xI
Full range
200
ri(d)
Differential input resistance
25
°C
1000
G
ci(c)
Common-mode input capacitance
f = 16 kHz
25
°C
10
pF
† Full range is 0
°C to 70°C for the C suffix and –40°C to 85°C for the I suffix. If not specified, full range is –40°C to 85°C.


Similar Part No. - TLV2765

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2765CD TI1-TLV2765CD Datasheet
1Mb / 46P
[Old version datasheet]   FAMILY OF1.8V MICROPOWER RAIL-TO-RAIL OUTPUT
TLV2765CDR TI1-TLV2765CDR Datasheet
1Mb / 46P
[Old version datasheet]   FAMILY OF1.8V MICROPOWER RAIL-TO-RAIL OUTPUT
TLV2765ID TI1-TLV2765ID Datasheet
1Mb / 46P
[Old version datasheet]   FAMILY OF1.8V MICROPOWER RAIL-TO-RAIL OUTPUT
TLV2765IDG4 TI1-TLV2765IDG4 Datasheet
1Mb / 46P
[Old version datasheet]   FAMILY OF1.8V MICROPOWER RAIL-TO-RAIL OUTPUT
TLV2765IDR TI1-TLV2765IDR Datasheet
1Mb / 46P
[Old version datasheet]   FAMILY OF1.8V MICROPOWER RAIL-TO-RAIL OUTPUT
More results

Similar Description - TLV2765

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV27L1 TI-TLV27L1 Datasheet
274Kb / 12P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV2382 TI-TLV2382 Datasheet
276Kb / 12P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
TLV2381 TI1-TLV2381_15 Datasheet
637Kb / 20P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
TLV2381 TI1-TLV2381_12 Datasheet
663Kb / 20P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
TLV2764IPWG4 TI-TLV2764IPWG4 Datasheet
1Mb / 43P
[Old version datasheet]   FAMILY OF 1.8V MICROPOWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2780 TI-TLV2780 Datasheet
501Kb / 26P
[Old version datasheet]   FAMILY OF 1.8 V HIGH-SPEED RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
LMV931-Q1 TI1-LMV931-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV931IDBVRG4 TI-LMV931IDBVRG4 Datasheet
514Kb / 27P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV931 TI-LMV931 Datasheet
725Kb / 26P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
logo
Unisonic Technologies
V2462 UTC-V2462 Datasheet
200Kb / 8P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com