Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5610IPW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5610IPW
Description  8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5610IPW Datasheet(HTML) 1 Page - Texas Instruments

  TLV5610IPW Datasheet HTML 1Page - Texas Instruments TLV5610IPW Datasheet HTML 2Page - Texas Instruments TLV5610IPW Datasheet HTML 3Page - Texas Instruments TLV5610IPW Datasheet HTML 4Page - Texas Instruments TLV5610IPW Datasheet HTML 5Page - Texas Instruments TLV5610IPW Datasheet HTML 6Page - Texas Instruments TLV5610IPW Datasheet HTML 7Page - Texas Instruments TLV5610IPW Datasheet HTML 8Page - Texas Instruments TLV5610IPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
www.ti.com
FEATURES
APPLICATIONS
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
DGND
DIN
SCLK
FS
PRE
OUTE
OUTF
OUTG
OUTH
AGND
DVDD
DOUT
LDAC
MODE
REF
OUTD
OUTC
OUTB
OUTA
AVDD
DW OR PW PACKAGE
(TOP VIEW)
DESCRIPTION
TLV5608
TLV5610
TLV5629
SLAS268E – MAY 2000 – REVISED MARCH 2004
8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER
DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
Digital Servo Control Loops
Eight Voltage Output DACs in One Package
Digital Offset and Gain Adjustment
– TLV5610 . . . 12-Bit
Industrial Process Control
– TLV5608 . . . 10-Bit
Machine and Motion Control Devices
– TLV5629 . . . 8-Bit
Mass Storage Devices
Programmable Settling Time vs Power
Consumption
– 1 µs In Fast Mode
– 3 µs In Slow Mode
Compatible With TMS320 and SPI™ Serial
Ports
Monotonic Over Temperature
Low Power Consumption:
– 18 mW In Slow Mode at 3-V
– 48 mW In Fast Mode at 3-V
Reference Input Buffers
Power-Down Mode
Buffered, High Impedance Reference Inputs
Data Output for Daisy-Chaining
The TLV5610, TLV5608, and TLV5629 are pin-compatible, eight-channel, 12-/10-/8-bit voltage output DACs
each with a flexible serial interface. The serial interface allows glueless interface to TMS320 and SPI, QSPI, and
Microwire serial ports. It is programmed with a 16-bit serial string containing 4 control and 12 data bits.
Additional features are a power-down mode, an LDAC input for simultaneous update of all eight DAC outputs,
and a data output which can be used to cascade multiple devices.
The resistor string output voltage is buffered by a rail-to-rail output amplifier with a programmable settling time to
allow the designer to optimize speed vs power dissipation. The buffered, high-impedance reference input can be
connected to the supply voltage.
Implemented with a CMOS process, the DACs are designed for single-supply operation from 2.7 V to 5.5 V. The
devices are available in 20-pin SOIC and TSSOP packages.
AVAILABLE OPTIONS
PACKAGE
TA
SMALL OUTLINE (DW)
TSSOP (PW)
RESOLUTION
TLV5610IDW
TLV5610IPW
12
-40
°C to 85°C
TLV5608IDW
TLV5608IPW
10
TLV5629IDW
TLV5629IPW
8
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SPI is a trademark of Motorola, Inc.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLV5610IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5610IPW TI1-TLV5610IPW Datasheet
915Kb / 22P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER
TLV5610IPWG4 TI1-TLV5610IPWG4 Datasheet
915Kb / 22P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER
TLV5610IPWR TI1-TLV5610IPWR Datasheet
915Kb / 22P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER
TLV5610IPWRG4 TI-TLV5610IPWRG4 Datasheet
915Kb / 22P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5610IPWRG4 TI1-TLV5610IPWRG4 Datasheet
915Kb / 22P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER
More results

Similar Description - TLV5610IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5610IPWRG4 TI-TLV5610IPWRG4 Datasheet
915Kb / 22P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5608 TI-TLV5608_15 Datasheet
865Kb / 23P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5625 TI-TLV5625 Datasheet
194Kb / 15P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5625ID TI-TLV5625ID Datasheet
218Kb / 15P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN 
TLV5623C TI1-TLV5623C_16 Datasheet
982Kb / 24P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5623C TI-TLV5623C Datasheet
242Kb / 18P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5623CDG4 TI-TLV5623CDG4 Datasheet
948Kb / 23P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5629IPWG4 TI1-TLV5629IPWG4 Datasheet
915Kb / 22P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER
TLV5631 TI-TLV5631 Datasheet
272Kb / 15P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN AND INTERNAL REFERENCE
TLV5630 TI-TLV5630_15 Datasheet
872Kb / 23P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN AND INTERNAL REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com