Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5404 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5404
Description  Fixed-Point Digital Signal Processors
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5404 Datasheet(HTML) 3 Page - Texas Instruments

  TMS320VC5404 Datasheet HTML 1Page - Texas Instruments TMS320VC5404 Datasheet HTML 2Page - Texas Instruments TMS320VC5404 Datasheet HTML 3Page - Texas Instruments TMS320VC5404 Datasheet HTML 4Page - Texas Instruments TMS320VC5404 Datasheet HTML 5Page - Texas Instruments TMS320VC5404 Datasheet HTML 6Page - Texas Instruments TMS320VC5404 Datasheet HTML 7Page - Texas Instruments TMS320VC5404 Datasheet HTML 8Page - Texas Instruments TMS320VC5404 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 110 page
background image
Revision History
3
November 2001 − Revised April 2004
SPRS007D
REVISION HISTORY
This data sheet revision history highlights the technical changes made to the SPRS007C device-specific data
sheet to make it an SPRS007D revision.
Scope: This document has been reviewed for technical accuracy; the technical content is up-to-date as of the
specified release date with the following changes.
PAGE(S)
NO.
ADDITIONS/CHANGES/DELETIONS
21
Added “This pin must be tied directly to DVDD to enable HPI.” to the HPIENA description and “This pin must be tied directly to
DVDD to enable HPI16 mode.” to the HPI16 description in Table 2−2. Also deleted “Internally pulled low.” from the HPI16
description.
38
Added the following to Section 3.9: “Since the Timer1 output is multiplexed externally with the HINT output, the HPI must be
disabled (HPIENA input pin = 0) if the Timer1 output is to be used. The Timer1 output also has a dedicated enable bit in the
General Purpose I/O Control Register (GPIOCR) located at data memory address 003Ch. If the external Timer1 output is to
be used, in addition to disabling the HPI, the TOUT1 bit in the GPIOCR must also be set to 1.”
42
Changed the parenthetical statement “(such as the McBSPs)” in Section 3.12. to read “(such as the McBSPs, but not the
UART)”
48
Added the following footnote to Table 3−12: “Note that the UART DMA synchronization event is usable as a synchronization
event only, and is not usable for transferring data to or from the UART. The DMA cannot be used to transfer data to or from
the UART.”
59
Changed Figure 3−23, bit 15 from “Reserved” to “TOUT1”.
60
Added the following paragraph to Section 3.14.2: “Bit 15 of the GPIOCR is also used as the Timer1 output enable bit, TOUT1.
The TOUT1 bit enables or disables the Timer1 output on the HINT/TOUT1 pin. If TOUT1 = 0, the Timer1 output is not
available externally; if TOUT1 = 1, the Timer1 output is driven on the HINT/TOUT1 pin. Note also that the Timer1 output is
only available when the HPI is disabled (HPIENA input pin = 0).”
71
Changed the IDDC parameter from “60” to “42” in the Electrical Characteristics Over Recommended Operating Case
Temperature Range table.


Similar Part No. - TMS320VC5404

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320VC5401 TI-TMS320VC5401 Datasheet
700Kb / 81P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5401GGU50 TI1-TMS320VC5401GGU50 Datasheet
686Kb / 85P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5401PGE50 TI1-TMS320VC5401PGE50 Datasheet
686Kb / 85P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5401ZGU50 TI1-TMS320VC5401ZGU50 Datasheet
686Kb / 85P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5402 TI-TMS320VC5402 Datasheet
948Kb / 68P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results

Similar Description - TMS320VC5404

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6211B TI-TMS320C6211B Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6414-EP TI1-SM320C6414-EP Datasheet
1,019Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SMJ320C6414 TI1-SMJ320C6414_16 Datasheet
1Mb / 134P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414 TI-TMS320C6414_04 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI-TMS320C6202 Datasheet
1Mb / 86P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI1-TMS320C6202_16 Datasheet
2Mb / 110P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C54X TI1-TMS320C54X_16 Datasheet
1Mb / 118P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320VC5510 TI1-TMS320VC5510_17 Datasheet
1Mb / 90P
[Old version datasheet]   Fixed-Point Digital Signal Processors
SM320C6414-EP TI1-SM320C6414-EP_16 Datasheet
1,010Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6416TBGLZA8 TI-TMS320C6416TBGLZA8 Datasheet
2Mb / 148P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com