Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR93H46RFJ-2CE2 Datasheet(PDF) 8 Page - Rohm

Part # BR93H46RFJ-2CE2
Description  Operation Microwire BUS EEPROM
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR93H46RFJ-2CE2 Datasheet(HTML) 8 Page - Rohm

Back Button BR93H46RFJ-2CE2 Datasheet HTML 4Page - Rohm BR93H46RFJ-2CE2 Datasheet HTML 5Page - Rohm BR93H46RFJ-2CE2 Datasheet HTML 6Page - Rohm BR93H46RFJ-2CE2 Datasheet HTML 7Page - Rohm BR93H46RFJ-2CE2 Datasheet HTML 8Page - Rohm BR93H46RFJ-2CE2 Datasheet HTML 9Page - Rohm BR93H46RFJ-2CE2 Datasheet HTML 10Page - Rohm BR93H46RFJ-2CE2 Datasheet HTML 11Page - Rohm BR93H46RFJ-2CE2 Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
Datasheet
Datasheet
8/29
www.rohm.com
16.Feb.2016 Rev.003
TSZ22111・15・001
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ02201-0R1R0G100010-1-2
BR93H46-2C
Typical Performance Curves‐Continued
Figure 12. Supply Current at WRITE Operation
vs. Supply Voltage
(WRITE, fSK=2.0MHz)
Figure 13. Supply Current at READ Operation
vs. Supply Voltage
(READ, fSK=2.0MHz)
Figure 15. Standby Current
vs. Supply Voltage
Figure 14. Supply Current at WRAL Operation
vs. Supply Voltage
(WRAL, fSK=2.0MHz)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
23
4
5
6
SUPPLY VOLTAGE : VCC[V]
SPEC
Ta= -40℃
Ta= 25℃
Ta= 125℃
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
23
456
SUPPLY VOLTAGE : VCC[V]
SPEC
Ta= -40℃
Ta= 25℃
Ta= 125℃
0
2
4
6
8
10
12
23
4
5
6
SUPPLY VOLTAGE : VCC[V]
SPEC
Ta= -40℃
Ta= 25℃
Ta= 125℃
0.0
0.4
0.8
1.2
1.6
23
456
SUPPLY VOLTAGE : VCC[V]
SPEC
Ta= -40℃
Ta= 25℃
Ta= 125℃


Similar Part No. - BR93H46RFJ-2CE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93H46RFJ-2CE2 ROHM-BR93H46RFJ-2CE2 Datasheet
719Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
BR93H46RFJ-2CE2 ROHM-BR93H46RFJ-2CE2 Datasheet
749Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
BR93H46RFJ-2CE2 ROHM-BR93H46RFJ-2CE2 Datasheet
749Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
More results

Similar Description - BR93H46RFJ-2CE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93H76-2C ROHM-BR93H76-2C_16 Datasheet
1Mb / 33P
   Operation Microwire BUS EEPROM
BR93H66-2C ROHM-BR93H66-2C_15 Datasheet
1Mb / 33P
   Operation Microwire BUS EEPROM
BR93H86-2C ROHM-BR93H86-2C_16 Datasheet
1Mb / 33P
   Operation Microwire BUS EEPROM
BR93AXX-WM ROHM-BR93AXX-WM Datasheet
969Kb / 33P
   Operation Microwire BUS EEPROM
BR93H56-2C ROHM-BR93H56-2C_16 Datasheet
1Mb / 33P
   Operation Microwire BUS EEPROM
BR93H46-2C ROHM-BR93H46-2C Datasheet
719Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
BR93H56-2C ROHM-BR93H56-2C Datasheet
754Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
BR93H86-2C ROHM-BR93H86-2C Datasheet
756Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
BR93H76-2C ROHM-BR93H76-2C Datasheet
741Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
BR93H66-2C ROHM-BR93H66-2C Datasheet
756Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com