Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU7475HFV-TR Datasheet(PDF) 9 Page - Rohm

Part # BU7475HFV-TR
Description  Ultra Low Supply Current CMOS Operational Amplifiers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7475HFV-TR Datasheet(HTML) 9 Page - Rohm

Back Button BU7475HFV-TR Datasheet HTML 5Page - Rohm BU7475HFV-TR Datasheet HTML 6Page - Rohm BU7475HFV-TR Datasheet HTML 7Page - Rohm BU7475HFV-TR Datasheet HTML 8Page - Rohm BU7475HFV-TR Datasheet HTML 9Page - Rohm BU7475HFV-TR Datasheet HTML 10Page - Rohm BU7475HFV-TR Datasheet HTML 11Page - Rohm BU7475HFV-TR Datasheet HTML 12Page - Rohm BU7475HFV-TR Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR0G200330-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
9/18
6.Dec.2013 Rev.001
TSZ22111・15・001
BU7475HFV
BU7475SHFV
Typical Performance Curves - continued
○BU7475HFV, BU7475SHFV
(*)The above characteristics are measurements of typical sample, they are not guaranteed.
BU7475HFV: -40
C to +85C BU7475SHFV: -40C to +105C
0
20
40
60
80
100
120
12
3
45
6
Supply Voltage [V]
60
80
100
120
140
160
-50
-25
0
25
50
75
100
125
Ambient Temperature [°C]
0
20
40
60
80
100
120
-50
-25
0
25
50
75
100
125
Ambient Temperature [°C]
0
20
40
60
80
100
120
140
-50
-25
0
25
50
75
100
125
Ambient Temperature [°C]
Figure 17.
Large Signal Voltage Gain vs Ambient Temperature
Figure 18.
Common Mode Rejection Ratio vs Supply Voltage
Figure 19.
Common Mode Rejection Ratio vs Ambient Temperature
Figure 20.
Power Supply Rejection Ratio vs Ambient Temperature
5.5V
1.7V
3.0V
-40°C
25°C
85°C
105°C
5.5V
1.7V
3.0V


Similar Part No. - BU7475HFV-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7475HFV ROHM-BU7475HFV Datasheet
596Kb / 29P
   Ultra Low Power CMOS Operational Amplifiers
More results

Similar Description - BU7475HFV-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7271G ROHM-BU7271G_13 Datasheet
522Kb / 22P
   Ultra Low Supply Current CMOS Operational Amplifiers
BU7411G ROHM-BU7411G_13 Datasheet
521Kb / 22P
   Ultra Low Supply Current CMOS Operational Amplifiers
BU7205HFV ROHM-BU7205HFV Datasheet
516Kb / 22P
   Ultra Low Supply Current Input/Output Full Swing CMOS Operational Amplifiers
LMR341G ROHM-LMR341G_V01 Datasheet
4Mb / 53P
   Low Supply Current Output Full Swing CMOS Operational Amplifiers
16.Jun.2015 Rev.007
LMR341G ROHM-LMR341G_15 Datasheet
4Mb / 54P
   Low Supply Current Output Full Swing CMOS Operational Amplifiers
BU7265G_1012 ROHM-BU7265G_1012 Datasheet
596Kb / 29P
   Ultra Low Power CMOS Operational Amplifiers
BU7265G ROHM-BU7265G_13 Datasheet
867Kb / 37P
   Ultra Low Power CMOS Operational Amplifiers
BU7265G ROHM-BU7265G_1 Datasheet
433Kb / 18P
   Ultra Low Power CMOS Operational Amplifiers
logo
Burr-Brown (TI)
OPA336 BURR-BROWN-OPA336_08 Datasheet
1Mb / 19P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS CMOS OPERATIONAL AMPLIFIERS
logo
Rohm
LMR341G ROHM-LMR341G Datasheet
319Kb / 7P
   Low Supply Current Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com