Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU7264F-E2 Datasheet(PDF) 11 Page - Rohm

Part # BU7264F-E2
Description  CMOS Operational Amplifiers
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7264F-E2 Datasheet(HTML) 11 Page - Rohm

Back Button BU7264F-E2 Datasheet HTML 7Page - Rohm BU7264F-E2 Datasheet HTML 8Page - Rohm BU7264F-E2 Datasheet HTML 9Page - Rohm BU7264F-E2 Datasheet HTML 10Page - Rohm BU7264F-E2 Datasheet HTML 11Page - Rohm BU7264F-E2 Datasheet HTML 12Page - Rohm BU7264F-E2 Datasheet HTML 13Page - Rohm BU7264F-E2 Datasheet HTML 14Page - Rohm BU7264F-E2 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR0G200230-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
11/44
03.Dec.2014 Rev.004
TSZ22111・15・001
BU7261G BU7261SG BU7262xxx BU7262Sxxx BU7264xx BU7264Sxx
0.0
0.2
0.4
0.6
0.8
0
25
50
75
100
125
Ambient Temperature [°C]
Typical Performance Curves
BU7261G, BU7261SG
(*)The above characteristics are measurements of typical sample, they are not guaranteed.
BU7261G: -40℃ to +85℃ BU7261SG: -40℃ to +105℃
Figure 4.
Supply Current vs Supply Voltage
Figure 5.
Supply Current vs Ambient Temperature
Figure 2.
Power Dissipation vs Ambient Temperature
(Derating Curve)
Figure 3.
Power Dissipation vs Ambient Temperature
(Derating Curve)
0
200
400
600
800
1000
1
2
3
4
5
6
Supply Voltage [V]
-40°C
25°C
85°C
105°C
0
200
400
600
800
1000
-50
-25
0
25
50
75
100
125
Ambient Temperature [°C]
1.8V
5.5V
3.0V
0.0
0.2
0.4
0.6
0.8
0
25
50
75
100
125
Ambient Temperature [°C]
BU7261G
85
105
BU7261SG


Similar Part No. - BU7264F-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7264F-E2 ROHM-BU7264F-E2 Datasheet
932Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
BU7264F-E2 ROHM-BU7264F-E2 Datasheet
897Kb / 46P
   Input/Output Full Swing Input/Output Full Swing
More results

Similar Description - BU7264F-E2

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8055 SGMICRO-SGM8055_15 Datasheet
491Kb / 20P
   CMOS Operational Amplifiers
SGM8093 SGMICRO-SGM8093_15 Datasheet
556Kb / 18P
   CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_15 Datasheet
525Kb / 19P
   CMOS Operational Amplifiers
SGM8623 SGMICRO-SGM8623_15 Datasheet
525Kb / 19P
   CMOS Operational Amplifiers
SGM8633 SGMICRO-SGM8633_15 Datasheet
537Kb / 20P
   CMOS Operational Amplifiers
SGM8653 SGMICRO-SGM8653_15 Datasheet
463Kb / 18P
   CMOS Operational Amplifiers
SGM8631 SGMICRO-SGM8631_16 Datasheet
1Mb / 18P
   CMOS Operational Amplifiers
logo
Rohm
BU7291G-TR ROHM-BU7291G-TR Datasheet
767Kb / 31P
   CMOS Operational Amplifiers
logo
SG Micro Corp
SGM321 SGMICRO-SGM321_15 Datasheet
404Kb / 17P
   CMOS Operational Amplifiers
SGM8061 SGMICRO-SGM8061_15 Datasheet
486Kb / 16P
   CMOS Operational Amplifiers
SGM8062 SGMICRO-SGM8062_15 Datasheet
486Kb / 16P
   CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com