Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU7462NUX-TR Datasheet(PDF) 10 Page - Rohm

Part # BU7462NUX-TR
Description  Ground Sense Low Voltage Operation CMOS Operational Amplifiers
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7462NUX-TR Datasheet(HTML) 10 Page - Rohm

Back Button BU7462NUX-TR Datasheet HTML 6Page - Rohm BU7462NUX-TR Datasheet HTML 7Page - Rohm BU7462NUX-TR Datasheet HTML 8Page - Rohm BU7462NUX-TR Datasheet HTML 9Page - Rohm BU7462NUX-TR Datasheet HTML 10Page - Rohm BU7462NUX-TR Datasheet HTML 11Page - Rohm BU7462NUX-TR Datasheet HTML 12Page - Rohm BU7462NUX-TR Datasheet HTML 13Page - Rohm BU7462NUX-TR Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200150-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
10/40
13.Feb.2015 Rev003
TSZ22111・15・001
BU7461G BU7461SG BU7462xxx BU7462Sxxx BU7464F BU7464SF
Typical Performance Curves – continued
BU7461G, BU7461SG
(*)The above characteristics are measurements of typical sample, they are not guaranteed.
BU7461G: -40°C to +85°C BU7461SG: -40°C to +105°C
Figure 9.
Maximum Output Voltage (Low) vs Ambient Temperature
(RL=10kΩ)
Figure 8.
Maximum Output Voltage (Low) vs Supply Voltage
(RL=10kΩ)
Figure 7.
Maximum Output Voltage (High) vs Ambient Temperature
(RL=10kΩ)
Figure 6.
Maximum Output Voltage (High) vs Supply Voltage
(RL=10kΩ)
0
1
2
3
4
5
6
1
2
3
4
5
6
Supply Voltage [V]
0
2
4
6
8
-50
-25
0
25
50
75
100
125
Ambient Temperature [°C]
-40°C
25°C
85°C
105°C
1.7V
5.5V
3.0V
0
3
6
9
12
1
2
3
4
5
6
Supply Voltage [V]
-40°C
25°C
85°C
105°C
0
2
4
6
8
-50
-25
0
25
50
75
100
125
Ambient Temperature [°C]
1.7V
5.5V
3.0V


Similar Part No. - BU7462NUX-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7462NUX-TR ROHM-BU7462NUX-TR Datasheet
759Kb / 37P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
More results

Similar Description - BU7462NUX-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7441G ROHM-BU7441G Datasheet
3Mb / 44P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7461G ROHM-BU7461G_10 Datasheet
759Kb / 37P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7445HFV ROHM-BU7445HFV Datasheet
495Kb / 21P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
TLR341G ROHM-TLR341G Datasheet
433Kb / 21P
   Low Voltage Operation Ground sense Operational amplifiers
BU7485G-TR ROHM-BU7485G-TR Datasheet
891Kb / 43P
   Ground Sense High Speed Low Voltage CMOS Operational Amplifiers
BU7485G ROHM-BU7485G Datasheet
889Kb / 42P
   Ground Sense High Speed Low Voltage CMOS Operational Amplifiers
BU5281G ROHM-BU5281G Datasheet
490Kb / 22P
   Low Input Offset Voltage Ground Sense CMOS Operational Amplifiers
TLR341G ROHM-TLR341G_16 Datasheet
4Mb / 55P
   Low Voltage Operation Ground Sense Operational Amplifier
TLR341G ROHM-TLR341G_V01 Datasheet
4Mb / 54P
   Low Voltage Operation Ground Sense Operational Amplifier
03.Feb.2016 Rev.004
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com