Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM324FV-E2 Datasheet(PDF) 2 Page - Rohm

Part # LM324FV-E2
Description  Ground Sense Operational Amplifiers
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LM324FV-E2 Datasheet(HTML) 2 Page - Rohm

  LM324FV-E2 Datasheet HTML 1Page - Rohm LM324FV-E2 Datasheet HTML 2Page - Rohm LM324FV-E2 Datasheet HTML 3Page - Rohm LM324FV-E2 Datasheet HTML 4Page - Rohm LM324FV-E2 Datasheet HTML 5Page - Rohm LM324FV-E2 Datasheet HTML 6Page - Rohm LM324FV-E2 Datasheet HTML 7Page - Rohm LM324FV-E2 Datasheet HTML 8Page - Rohm LM324FV-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
Datasheet
www.rohm.com
TSZ02201-0GMG0G200190-1-2
©2015 ROHM Co., Ltd. All rights reserved.
2/44
01.Aug.2016 Rev.005
TSZ22111・15・001
LM358xxx
LM324xxx
LM2904xxx
LM2902xxx
LM324F, LM2902F
: SOP14
LM324FJ, LM2902FJ
: SOP-J14
LM324FV, LM2902FV
: SSOP-B14
LM324FVJ, LM2902FVJ
: TSSOP-B14J
Pin No.
Pin Name
1
OUT1
2
-IN1
3
+IN1
4
VCC
5
+IN2
6
-IN2
7
OUT2
8
OUT3
9
-IN3
10
+IN3
11
VEE
12
+IN4
13
-IN4
14
OUT4
Absolute Maximum Ratings (TA=25°C)
Parameter
Symbol
Rating
Unit
LM358xxx
LM324xxx
LM2904xxx LM2902xxx
Supply Voltage
VCC-VEE
36
V
Power Dissipation
PD
SOP8
0.68(Note 1,9)
-
0.68(Note 1,9)
-
W
SOP-J8
0.67(Note 2,9)
-
0.67(Note 2,9)
-
SSOP-B8
0.62(Note 3,9)
-
0.62(Note 3,9)
-
TSSOP-B8
0.62(Note 3,9)
-
0.62(Note 3,9)
-
TSSOP-B8J
0.58(Note 4,9)
-
0.58(Note 4,9)
-
MSOP8
0.58(Note 4,9)
-
0.58(Note 4,9)
-
SOP14
-
0.56(Note 5,9)
-
0.56(Note 5,9)
SOP-J14
-
1.02(Note 6,9)
-
1.02 (Note 6,9)
SSOP-B14
-
0.87(Note 7,9)
-
0.87(Note 7,9)
TSSOP-B14J
-
0.85(Note 8,9)
-
0.85(Note 8,9)
Differential Input Voltage (Note 10)
VID
36
V
Input Common-mode Voltage Range
VICM
(VEE-0.3) to (VEE+36)
V
Input Current(Note 11)
II
±10
mA
Operating Supply Voltage
Vopr
3.0 to 32.0
V
Operating Temperature Range
Topr
-40 to +85
-40 to +125
°C
Storage Temperature Range
Tstg
-55 to +150
°C
Maximum Junction Temperature
Tjmax
150
°C
(Note 1) Reduce by 5.5mW per 1°C above 25
C.
(Note 2) Reduce by 5.4mW per 1°C above 25°C.
(Note 3) Reduce by 5.0mW per 1°C above 25°C.
(Note 4) Reduce by 4.7mW per 1°C above 25°C.
(Note 5) Reduce by 4.5mW per 1°C above 25°C.
(Note 6) Reduce by 8.2mW per 1°C above 25°C.
(Note 7) Reduce by 7.0mW per 1°C above 25°C.
(Note 8) Reduce by 6.8mW per 1°C above 25°C.
(Note 9) Mounted on an FR4 glass epoxy PCB 70mm×70mm×1.6mm (Copper foil area less than 3%).
(Note 10) Differential Input Voltage is the voltage difference between the inverting and non-inverting inputs.
The input pin voltage is set to more than VEE.
(Note 11) An excessive input current will flow when input voltages of less than VEE-0.6V are applied.
The input current can be set to less than the rated current by adding a limiting resistor.
Caution:
Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is
operated over the absolute maximum ratings.
VCC
CH1
-
+
CH4
-
+
CH3
CH2
-
+
-
+
1
2
3
4
14
13
12
11
5
6
7
10
9
8
OUT4
OUT3
-IN4
+IN4
VEE
+IN3
-IN3
OUT1
OUT2
-IN1
+IN1
+IN2
-IN2


Similar Part No. - LM324FV-E2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LM324F PHILIPS-LM324F Datasheet
136Kb / 7P
   Low power quad op amps
1995 Nov 27
More results

Similar Description - LM324FV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_13 Datasheet
644Kb / 48P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_14 Datasheet
1Mb / 56P
   Ground Sense Operational Amplifiers
BA10358FV-E2 ROHM-BA10358FV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA2904F-E2 ROHM-BA2904F-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2 Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
BA10324AFV-E2 ROHM-BA10324AFV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F ROHM-BA10358F_11 Datasheet
735Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F ROHM-BA10358F_09 Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA3404FJ ROHM-BA3404FJ Datasheet
516Kb / 22P
   Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com