Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU7487SFV-E2 Datasheet(PDF) 4 Page - Rohm

Part # BU7487SFV-E2
Description  Ground Sense High Speed Low Voltage CMOS Operational Amplifiers
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7487SFV-E2 Datasheet(HTML) 4 Page - Rohm

  BU7487SFV-E2 Datasheet HTML 1Page - Rohm BU7487SFV-E2 Datasheet HTML 2Page - Rohm BU7487SFV-E2 Datasheet HTML 3Page - Rohm BU7487SFV-E2 Datasheet HTML 4Page - Rohm BU7487SFV-E2 Datasheet HTML 5Page - Rohm BU7487SFV-E2 Datasheet HTML 6Page - Rohm BU7487SFV-E2 Datasheet HTML 7Page - Rohm BU7487SFV-E2 Datasheet HTML 8Page - Rohm BU7487SFV-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200380-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
4/39
12.JUL.2013 Rev.001
TSZ22111・15・001
BU7485G
BU7485SG
BU7486xxx
BU7486Sxxx
BU7487xx
BU7487Sxx
Electrical Characteristics
○BU7485G, BU7485SG(Unless otherwise specified VDD=+3V, VSS=0V, Ta=25
C)
Parameter
Symbol
Temperature
Range
Limits
Unit
Condition
Min
Typ
Max
Input Offset Voltage
*10
Vio
25
C
-
1
9.5
mV
-
Input Offset Current
*10
Iio
25
C
-
1
-
pA
-
Input Bias Current
*10
Ib
25
C
-
1
-
pA
-
Supply Current
*11
IDD
25
C
-
1500
2000
μA
RL=∞
Av=0dB, IN=0.8V
Full range
-
-
2400
Maximum Output Voltage
(High)
VOH
25
C
VDD-0.1
-
-
V
RL=10k
Maximum Output Voltage
(Low)
VOL
25
C
-
-
VSS+0.1
V
RL=10k
Large Signal Voltage Gain
Av
25
C
70
105
-
dB
RL=10k
Input Common-mode
Voltage Range
Vicm
25
C
0
-
1.6
V
VSS to VDD-1.4V
Common-mode Rejection
Ratio
CMRR
25
C
45
60
-
dB
-
Power Supply Rejection
Ratio
PSRR
25
C
60
80
-
dB
-
Output Source Current
*12
Isource
25
C
4
8
-
mA
VDD-0.4V
Output Sink Current
*12
Isink
25
C
7
12
-
mA
VSS+0.4V
Slew Rate
SR
25
C
-
10
-
V/
μs
CL=25pF
Unity Gain Frequency
fT
25
C
-
10
-
MHz
CL=25pF, Av=40dB
Phase Margin
θ
25
C
-
50
-
deg
CL=25pF, Av=40dB
Total Harmonic Distortion
+Noise
THD+N
25
C
-
0.03
-
%
OUT=0.7VP-P, f=1kHz
*10
Absolute value
*11
Full range BU7485G: Ta=-40
C to +85C BU7485SG: Ta=-40C to +105C
*12
Under the high temperature environment, consider the power dissipation of IC when selecting the output current.
When the terminal short circuits are continuously output, the output current is reduced to climb to the temperature inside IC.


Similar Part No. - BU7487SFV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7487SFV-E2 ROHM-BU7487SFV-E2 Datasheet
889Kb / 42P
   Ground Sense High Speed Low Voltage CMOS Operational Amplifiers
More results

Similar Description - BU7487SFV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7485G ROHM-BU7485G Datasheet
889Kb / 42P
   Ground Sense High Speed Low Voltage CMOS Operational Amplifiers
BU7441G ROHM-BU7441G Datasheet
3Mb / 44P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7445HFV ROHM-BU7445HFV Datasheet
495Kb / 21P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7461G ROHM-BU7461G_10 Datasheet
759Kb / 37P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7461G-TR ROHM-BU7461G-TR Datasheet
3Mb / 44P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU5281G ROHM-BU5281G Datasheet
490Kb / 22P
   Low Input Offset Voltage Ground Sense CMOS Operational Amplifiers
TLR341G ROHM-TLR341G Datasheet
433Kb / 21P
   Low Voltage Operation Ground sense Operational amplifiers
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_13 Datasheet
644Kb / 48P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_14 Datasheet
1Mb / 56P
   Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com