Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP32C6411AGLZ Datasheet(PDF) 9 Page - Texas Instruments

Part # TMP32C6411AGLZ
Description  FIXED POINT DIGITAL SIGNAL PROCESSOR
Download  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP32C6411AGLZ Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMP32C6411AGLZ Datasheet HTML 5Page - Texas Instruments TMP32C6411AGLZ Datasheet HTML 6Page - Texas Instruments TMP32C6411AGLZ Datasheet HTML 7Page - Texas Instruments TMP32C6411AGLZ Datasheet HTML 8Page - Texas Instruments TMP32C6411AGLZ Datasheet HTML 9Page - Texas Instruments TMP32C6411AGLZ Datasheet HTML 10Page - Texas Instruments TMP32C6411AGLZ Datasheet HTML 11Page - Texas Instruments TMP32C6411AGLZ Datasheet HTML 12Page - Texas Instruments TMP32C6411AGLZ Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 119 page
background image
TMS320C6411
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS196H − MARCH 2002 − REVISED JULY 2004
9
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
device compatibility
The C64x
 family of devices has a diverse and powerful set of peripherals. The common peripheral set that
the C6411 and C6415 devices offer lead to easier system designs and faster time to market.
The C6411 device is a low-cost C64x device which features significant enhancements from the C6211/C6211B
devices and can be considered a subset of the C6415 device. Table 2 identifies the C6411 features in
comparison with the C6211 and C6415 devices.
Table 2. C6211, C6411, and C6415 Device Comparison†‡
CPU/PERIPHERALS
C6211/C6211B
C6411
C6415
DSP Core
C62x
C64x
C64x
L1P (Program Cache)
4 KB
16 KB
16 KB
L1D (Data Cache)
4 KB
16 KB
16 KB
L2 (Unified Mapped RAM/Cache)
64 KB
256 KB
1024 KB
EMIF (64-, 32-, 16-bit bus width)
(1) 32-Bit
(1) 32-Bit EMIF
programmable
synchronous mode
(1) 64-Bit(1) [EMIFA]
(1) 16-Bit [EMIFB]
programmable
synchronous mode
EDMA
(# of independent channels)
16
64
64
HPI (32- or 16-bit user selectable)
16-Bit
32-/16-Bit
32-/16-Bit
PCI (32-bit)
32-Bit, 33 MHz
32-Bit, 33 MHz
McBSPs (McBSP0, McBSP1, and McBSP2)
2
2 Enhanced
3 Enhanced
UTOPIA
(1) Transmit
(1) Receive
Timers (32-bit)
[TIMER0, TIMER1, TIMER2]
2
3
3
GPIOs (GP[15:0])
16
16
Core Frequency (MHz)
150-, 167-MHz
300-MHz
500-, 600-MHz
Core Voltage (V)
1.8 V
1.2 V
1.2 V to 1.4 V
PLL Modes
(x1 [Bypass], x4, x6, x12)
x1, x4
x1, x6
x1, x6, x12
Package
256-pin BGA
27 x 27 mm
GFN suffix
532-pin BGA
23 x 23 mm
GLZ suffix
532-pin BGA
23 x 23 mm
GLZ suffix
Process Technology
0.18
µm
0.13
µm
0.13
µm
† — denotes peripheral/coprocessor is not available on this device.
‡ Not all peripherals pins are available at the same time. (For more details, see the Device Configuration section.)
For more detailed information on the device compatibility and similarities/differences among the C6211, C6411,
and C6415 devices, see the How To Begin Development Today With the TMS320C6414, TMS320C6415, and
TMS320C6416 DSPs application report (literature number SPRA718) and How To Begin Development Today
With the TMS320C6411 DSP application report (literature number SPRA374).


Similar Part No. - TMP32C6411AGLZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP32C6411GLZ300 TI-TMP32C6411GLZ300 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMP32C6411GLZ5E0 TI-TMP32C6411GLZ5E0 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMP32C6411GLZA300 TI-TMP32C6411GLZA300 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMP32C6411GLZA5E0 TI-TMP32C6411GLZA5E0 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMP32C6411ZLZ300 TI-TMP32C6411ZLZ300 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results

Similar Description - TMP32C6411AGLZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6201-EP TI1-SM320C6201-EP Datasheet
876Kb / 59P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320LC549PGE-80 TI1-TMS320LC549PGE-80 Datasheet
818Kb / 63P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com