Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65130 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65130
Description  POSITIVE AND NEGATIVE OUTPUT DC-DC CONVERTER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65130 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS65130 Datasheet HTML 6Page - Texas Instruments TPS65130 Datasheet HTML 7Page - Texas Instruments TPS65130 Datasheet HTML 8Page - Texas Instruments TPS65130 Datasheet HTML 9Page - Texas Instruments TPS65130 Datasheet HTML 10Page - Texas Instruments TPS65130 Datasheet HTML 11Page - Texas Instruments TPS65130 Datasheet HTML 12Page - Texas Instruments TPS65130 Datasheet HTML 13Page - Texas Instruments TPS65130 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
www.ti.com
0
10
20
30
40
50
60
70
80
90
100
0.10
1
10
100
1000
VIN = 4.2 V
VIN = 3 V
Power−Save Mode
Forced PWM
IO − Output Current − mA
VPOS = 12 V
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Power−Save Mode
VIN = 5 V
VIN = 3 V
Forced PWM
TPS65131
VPOS = 15 V
IO − Output Current − mA
0
10
20
30
40
50
60
70
80
90
100
0.10
1
10
100
1000
VIN = 4 V
VIN = 3 V
Power−Save Mode
Forced PWM
IO − Output Current − mA
VNEG = −4 V
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Power−Save Mode
VIN = 5 V
VIN = 3 V
Forced PWM
TPS65131
VNEG = −4 V
IO − Output Current − mA
TPS65130, TPS65131
SLVS493B – MARCH 2004 – REVISED SEPTEMBER 2004
TYPICAL CHARACTERISTICS (continued)
TPS65130
TPS65131
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 9.
Figure 10.
TPS65130
TPS65131
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 11.
Figure 12.
10


Similar Part No. - TPS65130

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65130RGER TI-TPS65130RGER Datasheet
1Mb / 34P
[Old version datasheet]   POSITIVE AND NEGATIVE OUTPUT DC-DC CONVERTER
TPS65130RGER TI1-TPS65130RGER Datasheet
1Mb / 34P
[Old version datasheet]   POSITIVE AND NEGATIVE OUTPUT DC-DC CONVERTER
TPS65130RGERG4 TI1-TPS65130RGERG4 Datasheet
1Mb / 34P
[Old version datasheet]   POSITIVE AND NEGATIVE OUTPUT DC-DC CONVERTER
TPS65130RGET TI1-TPS65130RGET Datasheet
1Mb / 34P
[Old version datasheet]   POSITIVE AND NEGATIVE OUTPUT DC-DC CONVERTER
TPS65130RGETG4 TI1-TPS65130RGETG4 Datasheet
1Mb / 34P
[Old version datasheet]   POSITIVE AND NEGATIVE OUTPUT DC-DC CONVERTER
More results

Similar Description - TPS65130

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65130RGER TI1-TPS65130RGER Datasheet
1Mb / 34P
[Old version datasheet]   POSITIVE AND NEGATIVE OUTPUT DC-DC CONVERTER
TPS65130 TI1-TPS65130_16 Datasheet
1Mb / 32P
[Old version datasheet]   Positive and Negative Output DC-DC Converter
TPS65130RGER TI-TPS65130RGER Datasheet
1Mb / 34P
[Old version datasheet]   POSITIVE AND NEGATIVE OUTPUT DC-DC CONVERTER
TPS65131-Q1 TI1-TPS65131-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   Positive- and Negative-Output DC-DC Converter
TPS65130 TI-TPS65130_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS6513x Positive and Negative Output DC-DC Converter
logo
Maxim Integrated Produc...
MAX685 MAXIM-MAX685_V01 Datasheet
350Kb / 11P
   Dual-Output (Positive and Negative), DC-DC Converter for CCD and LCD
2003
MAX685 MAXIM-MAX685 Datasheet
141Kb / 12P
   Dual-Output Positive and Negative, DC-DC Converter for CCD and LCD
Rev 0; 4/98
logo
TOKO, Inc
TK11835 TOKO-TK11835 Datasheet
13Kb / 1P
   POSITIVE TO NEGATIVE DC-DC CONVERTER
TK11830 TOKO-TK11830 Datasheet
85Kb / 13P
   POSITIVE-TO-NEGATIVE DC-DC CONVERTER
logo
Linear Technology
LT1945 LINER-LT1945 Datasheet
142Kb / 8P
   Dual Micropower DC/DC Converter with Positive and Negative Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com