Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

53220A Datasheet(PDF) 5 Page - Keysight Technologies

Part # 53220A
Description  RF/Universal Frequency Counter/Timers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

53220A Datasheet(HTML) 5 Page - Keysight Technologies

  53220A Datasheet HTML 1Page - Keysight Technologies 53220A Datasheet HTML 2Page - Keysight Technologies 53220A Datasheet HTML 3Page - Keysight Technologies 53220A Datasheet HTML 4Page - Keysight Technologies 53220A Datasheet HTML 5Page - Keysight Technologies 53220A Datasheet HTML 6Page - Keysight Technologies 53220A Datasheet HTML 7Page - Keysight Technologies 53220A Datasheet HTML 8Page - Keysight Technologies 53220A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
53210A
53220A
53230A
Measurement range (nom)
Frequency, period (average) measurements
Common
Channels
Ch 1 or optional Ch 2
Ch 1, Ch 2 or optional Ch 3
Digits/s
10 digits/s
12 digits/s
12 digits/s
Maximum display Resolution1
12 digits
15 digits
15 digits
Measurement technique
Reciprocal
Reciprocal and resolution
enhanced
Reciprocal, resolution-
enhanced or continuous
(gap-free)
Signal type
Continuous Wave (CW)
CW and pulse/burst
(Option 150)
Level & slope
Automatically preset or user selectable
Gate
Internal or external
Gate time2
1 ms to 1000 s in 10 µs steps
100 µs to 1000 s in 10 µs steps
1 µs to 1000 s in 1 µs steps
Advanced gating3
N/A
Start delay (time or events) and stop hold-off
(time or events)
FM tolerance
± 50%
Frequency, period
Range9
DC (1 mHz) to 350 MHz (2.8 ns to 1000 s)
Microwave input (optional)
Option 106 - 100 MHz to 6 GHz (166 ps to 10 ns)
Option 115 - 300 MHz to 15 GHz ( 66 ps to 3.3 ns)
Frequency ratio4
Range
1015 Displayable range
Timestamp/modulation domain
Sample rate5
N/A
N/A
1 MSa/s, 800 kSa/s,
100 kSa/s, 10 kSa/s
#Edges/timestamp
N/A
N/A
Auto-acquired per
acquisition
Acquisition length
N/A
N/A
up to 1 MSa or
100,000 s (max)
Time interval (single-shot) measurements11
Common
Channels
N/A
Ch 1 or 2
Single-shot time resolution
N/A
100 ps
20 ps
Gating
N/A
Internal or external gate
Start delay (time or events) and stop hold-off
(time or events)
Slope
N/A
Independent start, stop slopes
Level
N/A
Independent start, stop slopes
Channel-to-channel time skew
(typ)
N/A
100 ps
50 ps
Measurement Characteristics
5 | Keysight | 53200A Series RF/Universal Frequency Counter/Timers - Data Sheet


Similar Part No. - 53220A

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
5322 MALLORY-5322 Datasheet
1Mb / 4P
   DynaForceTM 120 and 160 Amp Alternators
logo
SICK AG
5322198 SICK-5322198 Datasheet
211Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
logo
Vishay Siliconix
53221E3 VISHAY-53221E3 Datasheet
121Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
logo
Micropac Industries
53225 MICROPAC-53225 Datasheet
116Kb / 5P
   SOLID-STATE POWER CONTROLLER (SSPC)
logo
SICK AG
5322501 SICK-5322501 Datasheet
316Kb / 3P
   Mounting brackets
More results

Similar Description - 53220A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
53210A KEYSIGHT-53210A Datasheet
1Mb / 24P
   RF/Universal Frequency Counter/Timers
53230A KEYSIGHT-53230A Datasheet
1Mb / 24P
   RF/Universal Frequency Counter/Timers
logo
Mini-Circuits
UFC-6000 MINI-UFC-6000 Datasheet
345Kb / 5P
   RF Frequency Counter
logo
Mitsubishi Electric Sem...
M58479P MITSUBISHI-M58479P Datasheet
235Kb / 4P
   CMOS COUNTER/TIMERS
logo
National Instruments Co...
NI660X NI-NI660X Datasheet
356Kb / 10P
   32-Bit Counter/Timers
logo
ON Semiconductor
MC10H136 ONSEMI-MC10H136_16 Datasheet
146Kb / 6P
   Universal Hexadecimal Counter
August, 2016 ??Rev. 9
logo
Austin Semiconductor
AS10H536 AUSTIN-AS10H536 Datasheet
120Kb / 5P
   Universal Hexadecimal Counter
logo
ON Semiconductor
MC10H136 ONSEMI-MC10H136_06 Datasheet
155Kb / 8P
   Universal Hexadecimal Counter
February, 2006 ??Rev. 8
logo
Motorola, Inc
MC10137 MOTOROLA-MC10137 Datasheet
130Kb / 6P
   Universal Decade Counter
logo
ON Semiconductor
MC10136 ONSEMI-MC10136_02 Datasheet
138Kb / 8P
   Universal Hexadecimal Counter
January, 2002 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com