Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W-6137 Datasheet(PDF) 4 Page - Copal Electronics

Part # W-6137
Description  CMOS Boost Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

W-6137 Datasheet(HTML) 4 Page - Copal Electronics

  W-6137 Datasheet HTML 1Page - Copal Electronics W-6137 Datasheet HTML 2Page - Copal Electronics W-6137 Datasheet HTML 3Page - Copal Electronics W-6137 Datasheet HTML 4Page - Copal Electronics W-6137 Datasheet HTML 5Page - Copal Electronics W-6137 Datasheet HTML 6Page - Copal Electronics W-6137 Datasheet HTML 7Page - Copal Electronics W-6137 Datasheet HTML 8Page - Copal Electronics W-6137 Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
W-6137
4
TYPICAL CHARACTERISTICS
(VIN = 3.6 V, CIN = 1.0 F, COUT = 0.22 F, L = 22 H with 3 LEDs at 20 mA, TAMB = 25 C, unless otherwise specified.)
Figure 2. Quiescent Current vs. VIN
(Not Switching)
Figure 3. Quiescent Current vs. VIN
(Switching)
)
V
(
E
G
A
T
L
O
V
T
U
P
N
I
)
V
(
E
G
A
T
L
O
V
T
U
P
N
I
5.0
4.5
4.0
3.5
3.0
2.5
0
20
40
60
80
100
120
5.0
4.5
4.0
3.5
3.0
2.5
0
0.25
0.50
0.75
1.00
Figure 4. FB Pin Voltage vs. Supply Voltage
Figure 5. FB Pin Voltage vs. Output Current
)
A
m
(
T
N
E
R
R
U
C
T
U
P
T
U
O
)
V
(
E
G
A
T
L
O
V
T
U
P
N
I
4.5
5.0
4.0
3.5
3.0
2.5
290
295
300
305
310
30
25
20
15
10
5
0
290
295
300
305
310
Figure 6. Switching Frequency vs. Supply
Voltage
Figure 7. Switch ON Resistance vs.
Input Voltage
INPUT VOLTAGE (V)
4.0
4.5
3.5
3.0
2.5
0.90
0.95
1.00
1.05
1.10
VFB = 0.4 V
3 LEDs
INPUT VOLTAGE (V)
4.5
4.0
5.0
3.5
3.0
2.5
0
0.5
1.0
1.5
2.0
3 LEDs
3 LEDs at 20 mA


Similar Part No. - W-6137

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
W-6139 COPAL-W-6139 Datasheet
304Kb / 13P
   22 V High Current Boost
W-6139TD-GE COPAL-W-6139TD-GE Datasheet
304Kb / 13P
   22 V High Current Boost
W-6139TD-GT COPAL-W-6139TD-GT Datasheet
304Kb / 13P
   22 V High Current Boost
More results

Similar Description - W-6137

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT37 CATALYST-CAT37 Datasheet
168Kb / 13P
   CMOS White LED Driver Boost Converter
CAT37 CATALYST-CAT37_05 Datasheet
557Kb / 12P
   CMOS White LED Driver Boost Converter
logo
ON Semiconductor
CAT4137 ONSEMI-CAT4137 Datasheet
179Kb / 16P
   CMOS Boost Converter - White LED Driver
February, 2010 ??Rev. 2
logo
Texas Instruments
CAT37 TI-CAT37_08 Datasheet
248Kb / 13P
[Old version datasheet]   CMOS White LED Driver Boost Converter
logo
ON Semiconductor
CAT37 ONSEMI-CAT37 Datasheet
149Kb / 11P
   CMOS White LED Driver Boost Converter
February, 2010 ??Rev. 21
logo
Catalyst Semiconductor
CAT4137 CATALYST-CAT4137 Datasheet
302Kb / 14P
   CMOS Boost Converter - White LED Driver
logo
ON Semiconductor
CAT37TDI-T3 ONSEMI-CAT37TDI-T3 Datasheet
187Kb / 13P
   CMOS White LED Driver Boost Converter
Doc. No. MD-5005 Rev. V
CAT4137TD-T3 ONSEMI-CAT4137TD-T3 Datasheet
251Kb / 16P
   CMOS Boost Converter - White LED Driver
Doc. No. MD-5012 Rev. C
CAT4137 ONSEMI-CAT4137_11 Datasheet
170Kb / 15P
   CMOS Boost Converter - White LED Driver
November, 2011 ??Rev. 3
logo
Sanyo Semicon Device
LV56351JA SANYO-LV56351JA Datasheet
316Kb / 8P
   Bi-CMOS IC 1ch DC/DC boost converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com