Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W-6237TD-T Datasheet(PDF) 7 Page - Copal Electronics

Part # W-6237TD-T
Description  High Voltage CMOS Boost
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

W-6237TD-T Datasheet(HTML) 7 Page - Copal Electronics

Back Button W-6237TD-T Datasheet HTML 3Page - Copal Electronics W-6237TD-T Datasheet HTML 4Page - Copal Electronics W-6237TD-T Datasheet HTML 5Page - Copal Electronics W-6237TD-T Datasheet HTML 6Page - Copal Electronics W-6237TD-T Datasheet HTML 7Page - Copal Electronics W-6237TD-T Datasheet HTML 8Page - Copal Electronics W-6237TD-T Datasheet HTML 9Page - Copal Electronics W-6237TD-T Datasheet HTML 10Page - Copal Electronics W-6237TD-T Datasheet HTML 11Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
W-6237
7
TYPICAL CHARACTERISTICS
(VIN = 3.6 V, CIN = 4.7 F, COUT = 0.22 F, L = 33 H with 8 LEDs at 20 mA, TAMB = 25 C, unless otherwise specified.)
Figure 16. Power up with 8 LEDs at 20 mA
Figure 17. Switch ON Resistance vs. Input
Voltage
50 sec/div
INPUT VOLTAGE (V)
4.5
4.0
3.5
3.0
2.5
0
0.5
1.0
1.5
2.0
Figure 18. FB Pin Voltage vs. Temperature
Figure 19. Shutdown Voltage vs. Input Voltage
TEMPERATURE (
)
V
(
E
G
A
T
L
O
V
T
U
P
N
I
)
C
150
100
50
0
50
297
298
299
300
301
302
303
5.0
4.5
4.0
3.5
3.0
0.2
0.4
0.6
0.8
1.0
Figure 20. Maximum Output Current vs. Input
Voltage
INPUT VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
2.5
0
20
40
60
80
100
120
140
EN
5V/div
VOUT
10V/div
Input
Current
100mA/
div
VIN = 3.6 V, 8 LEDs
ILED = 20 mA
25 C
40 C
85 C
125 C
VOUT = 15 V
VOUT = 20 V


Similar Part No. - W-6237TD-T

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
W-6238 COPAL-W-6238 Datasheet
193Kb / 14P
   High Efficiency 10 LED Boost Converter
W-6238TD-GT3 COPAL-W-6238TD-GT3 Datasheet
193Kb / 14P
   High Efficiency 10 LED Boost Converter
More results

Similar Description - W-6237TD-T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4237 ONSEMI-CAT4237 Datasheet
279Kb / 13P
   High Voltage CMOS Boost White LED Driver
February, 2010 ??Rev. 2
CAT4237TD-T3 ONSEMI-CAT4237TD-T3 Datasheet
294Kb / 14P
   High Voltage CMOS Boost White LED Driver
Doc. No. MD-5013, Rev. C
logo
Catalyst Semiconductor
CAT4237 CATALYST-CAT4237 Datasheet
533Kb / 13P
   High Voltage CMOS Boost White LED Driver
logo
ON Semiconductor
CAT4237 ONSEMI-CAT4237_11 Datasheet
270Kb / 12P
   High Voltage CMOS Boost White LED Driver
November, 2011 ??Rev. 3
logo
Catalyst Semiconductor
CAT4237 CATALYST-CAT4237_07 Datasheet
302Kb / 14P
   High Voltage CMOS Boost White LED Driver
CAT4237 CATALYST-CAT4237_08 Datasheet
301Kb / 14P
   High Voltage CMOS Boost White LED Driver
logo
Major-Power Technology ...
MA2200 MPOWER-MA2200 Datasheet
194Kb / 2P
   High Voltage, Boost Controller
logo
Copal Electronics
W-6137 COPAL-W-6137 Datasheet
182Kb / 16P
   CMOS Boost Converter
logo
Microsemi Corporation
LX1742 MICROSEMI-LX1742 Datasheet
456Kb / 13P
   High Efficiency High Voltage Boost Controller
logo
Analog Devices
LTC3290 AD-LTC3290 Datasheet
1Mb / 14P
   High Voltage Boost Charge Pump
08/19 Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com