Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

53230A Datasheet(PDF) 3 Page - Keysight Technologies

Part # 53230A
Description  RF/Universal Frequency Counter/Timers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

53230A Datasheet(HTML) 3 Page - Keysight Technologies

  53230A Datasheet HTML 1Page - Keysight Technologies 53230A Datasheet HTML 2Page - Keysight Technologies 53230A Datasheet HTML 3Page - Keysight Technologies 53230A Datasheet HTML 4Page - Keysight Technologies 53230A Datasheet HTML 5Page - Keysight Technologies 53230A Datasheet HTML 6Page - Keysight Technologies 53230A Datasheet HTML 7Page - Keysight Technologies 53230A Datasheet HTML 8Page - Keysight Technologies 53230A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Input characteristics (nom)
53210A
53220A
53230A
Channels
Standard (DC - 350 MHz)
Ch 1
Ch 1 & Ch 2
Optional (6 or 15 GHz)
Ch 2
Ch 3
Standard inputs (nom)
Frequency range
DC coupled
DC (1 mHz) to 350 MHz (2.8 ns to 1000 sec)
AC coupled, 50 Ω1 or 1 MΩ
10 Hz - 350 MHz
Input
Connector
Front panel BNC(f). Option 201 adds parallel rear panel BNC(f) inputs2
Input impedance (typ)
Selectable 1 MΩ ± 1.5% or 50 Ω ± 1.5% || <25 pF
Input coupling
Selectable DC or AC
Input filter
Selectable 100 kHz cut-off frequency low pass
10 Hz (AC coupling) cut-off frequency high pass filter
Amplitude range
Input range
±5 V (±50 V) full scale ranges
Sensitivity3,4 (typ)
DC - 100 MHz: 20 mVpk
> 100 MHz: 40 mVpk
Noise3
500 µVrms (max), 350 µVrms (typ)
Input event thresholds
Threshold levels
±5 V (±50 V) in 2.5 mV (25 mV) steps
Noise reject4
Selectable On/ Off
Slope
Selectable Positive or Negative
Auto-scale
Acquires signal for current measurement channel,
selects range (5 V or 50 V), sets auto-level 50%
Auto-level
Selectable On or Off
On: Sets auto-level (% of Vpp) operation
Occurs once for each INIT or after a timeout.
Measures signal Vpp and sets Trigger level to 50%
Off: Selectable user set level (Volts)
Minimum signal frequency for
auto level
User selectable (Slow (50 Hz), Fast (10 kHz))
Minimum signal for auto level
300 mVpp
Maximum input
50 Ω damage level
1 W
50 Ω protection threshold
Will not activate below 7.5 Vpk
50 Ω internal termination auto-protects
by switching to 1 M Ω
1 M Ω damage level
DC - 5 kHz: 350 Vpk (AC + DC)
5 kHz - 100 kHz: Derate linearly to 10 Vpk (AC + DC)
>100 kHz: 10 Vpk (AC + DC)
Input Channel Characteristics
3 | Keysight | 53200A Series RF/Universal Frequency Counter/Timers - Data Sheet


Similar Part No. - 53230A

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
5323 CML-5323 Datasheet
66Kb / 1P
   T-1 Right Angle LED Assembly
logo
Visual Communications C...
5323 VCC-5323 Datasheet
82Kb / 1P
   T-1 Right Angle LED Assembly
logo
SICK AG
5323971 SICK-5323971 Datasheet
216Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
logo
Chicago Miniature Lamp,...
5323F1 CML-5323F1 Datasheet
66Kb / 1P
   T-1 Right Angle LED Assembly
logo
Visual Communications C...
5323F1 VCC-5323F1 Datasheet
82Kb / 1P
   T-1 Right Angle LED Assembly
More results

Similar Description - 53230A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
53220A KEYSIGHT-53220A Datasheet
1Mb / 24P
   RF/Universal Frequency Counter/Timers
53210A KEYSIGHT-53210A Datasheet
1Mb / 24P
   RF/Universal Frequency Counter/Timers
logo
Mini-Circuits
UFC-6000 MINI-UFC-6000 Datasheet
345Kb / 5P
   RF Frequency Counter
logo
Mitsubishi Electric Sem...
M58479P MITSUBISHI-M58479P Datasheet
235Kb / 4P
   CMOS COUNTER/TIMERS
logo
National Instruments Co...
NI660X NI-NI660X Datasheet
356Kb / 10P
   32-Bit Counter/Timers
logo
ON Semiconductor
MC10H136 ONSEMI-MC10H136_16 Datasheet
146Kb / 6P
   Universal Hexadecimal Counter
August, 2016 ??Rev. 9
logo
Austin Semiconductor
AS10H536 AUSTIN-AS10H536 Datasheet
120Kb / 5P
   Universal Hexadecimal Counter
logo
ON Semiconductor
MC10H136 ONSEMI-MC10H136_06 Datasheet
155Kb / 8P
   Universal Hexadecimal Counter
February, 2006 ??Rev. 8
logo
Motorola, Inc
MC10137 MOTOROLA-MC10137 Datasheet
130Kb / 6P
   Universal Decade Counter
logo
ON Semiconductor
MC10136 ONSEMI-MC10136_02 Datasheet
138Kb / 8P
   Universal Hexadecimal Counter
January, 2002 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com