Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E4980A-001 Datasheet(PDF) 6 Page - Keysight Technologies

Part # E4980A-001
Description  Precision LCR Meter
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

E4980A-001 Datasheet(HTML) 6 Page - Keysight Technologies

Back Button E4980A-001 Datasheet HTML 2Page - Keysight Technologies E4980A-001 Datasheet HTML 3Page - Keysight Technologies E4980A-001 Datasheet HTML 4Page - Keysight Technologies E4980A-001 Datasheet HTML 5Page - Keysight Technologies E4980A-001 Datasheet HTML 6Page - Keysight Technologies E4980A-001 Datasheet HTML 7Page - Keysight Technologies E4980A-001 Datasheet HTML 8Page - Keysight Technologies E4980A-001 Datasheet HTML 9Page - Keysight Technologies E4980A-001 Datasheet HTML 10Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
Measurement display ranges
Table 10 shows the range of measured value that can be displayed on the screen.
For the effective measurement ranges, refer to Figure 1 impedance measurement
accuracy example.
Table 10. Allowable display ranges for measured values
Parameter
Measurement display range
Cs, Cp
± 1.000000 aF to 999.9999 EF
Ls, Lp
± 1.000000 aH to 999.9999 EH
D
± 0.000001 to 9.999999
Q
± 0.01 to 99999.99
R, Rs, Rp, X, Z, Rdc
± 1.000000 aΩ to 999.9999 EΩ
G, B, Y
± 1.000000 aS to 999.9999 ES
Vdc
± 1.000000 aV to 999.9999 EV
Idc
± 1.000000 aA to 999.9999 EA
θr
± 1.000000 arad to 3.141593 rad
θd
± 0.0001 deg to 180.0000 deg
Δ%
± 0.0001 % to 999.9999 %
a: 1 x 10-18, E: 1 x 1018
06 | Keysight | E4980A Precision LCR Meter 20 Hz to 2 MHz, E4980AL Precision LCR Meter 20 Hz to 300 kHz/500 kHz/1 MHz – Data Sheet


Similar Part No. - E4980A-001

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E4980A-002 KEYSIGHT-E4980A-002 Datasheet
1Mb / 38P
   Precision LCR Meter
More results

Similar Description - E4980A-001

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
4285A-202 KEYSIGHT-4285A-202 Datasheet
1Mb / 21P
   Precision LCR Meter
E4980AL KEYSIGHT-E4980AL Datasheet
1Mb / 38P
   Precision LCR Meter
logo
IET Labs Inc.
7660 IET-7660 Datasheet
527Kb / 3P
   Precision LCR Meter
February 2023
logo
Keysight Technologies
4285A-002 KEYSIGHT-4285A-002 Datasheet
1Mb / 21P
   Precision LCR Meter
E4980A-301 KEYSIGHT-E4980A-301 Datasheet
1Mb / 38P
   Precision LCR Meter
4285A-001 KEYSIGHT-4285A-001 Datasheet
1Mb / 21P
   Precision LCR Meter
4285A-004 KEYSIGHT-4285A-004 Datasheet
1Mb / 21P
   Precision LCR Meter
logo
IET Labs Inc.
7600PLUS IET-7600PLUS Datasheet
252Kb / 3P
   Precision LCR Meter
March 2017
logo
Keysight Technologies
4285A-301 KEYSIGHT-4285A-301 Datasheet
1Mb / 21P
   Precision LCR Meter
E4980A-002 KEYSIGHT-E4980A-002 Datasheet
1Mb / 38P
   Precision LCR Meter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com