Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U2741B Datasheet(PDF) 7 Page - ATMEL Corporation

Part # U2741B
Description  UHF ASK/FSK TRANSMITTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U2741B Datasheet(HTML) 7 Page - ATMEL Corporation

  U2741B Datasheet HTML 1Page - ATMEL Corporation U2741B Datasheet HTML 2Page - ATMEL Corporation U2741B Datasheet HTML 3Page - ATMEL Corporation U2741B Datasheet HTML 4Page - ATMEL Corporation U2741B Datasheet HTML 5Page - ATMEL Corporation U2741B Datasheet HTML 6Page - ATMEL Corporation U2741B Datasheet HTML 7Page - ATMEL Corporation U2741B Datasheet HTML 8Page - ATMEL Corporation U2741B Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
U2741B
4733A–RKE–11/03
Oscillator frequency XTO
M-version: at T
amb = 25°C
N-version: full temperature range
(monitoring)
Crystal frequency = 13.56 MHz
Crystal frequency = 6.78 MHz
Load capacity of the crystal must be
selected accordingly
f
XTO
f
XTO
13.56 -
30 ppm
6.78 -
30 ppm
13.56
6.78
13.56 +
30 ppm
6.78 +
30 ppm
MHz
MHz
Loop bandwidth
For best LO noise
Loop filter components:
C
2 = 3.9 nF, C1 = 15 nF, R4 = 220 W
B
Loop
100
kHz
Phase noise PLL
Referring to the phase comparator
f
PC = 6.78 MHz
PN
PLL
-111
-105
dBC/Hz
Phase noise VCO
at 1 MHz
at 36 MHz
PN
VCO
PN
VCO
-91
-123
-87
-119
dBC/Hz
Frequency range of the VCO
f
VCO
300
450
MHz
Clock output
(CMOS microcontroller compatible)
Clk
out
f
out/128
MHz
Load capacitance at CLK
C
CLK
10
pF
Series resonance R of the crystal
f
XTO = 13.56 MHz
f
XTO = 9.84 MHz
f
XTO = 6.78 MHz
f
XTO = 4.90 MHz
Rs
Rs
Rs
Rs
80
100
150
225
W
FSK modulation frequency rate
Duty cycle of the
modulation signal = 50%
f
modFSK
020
kHz
ASK modulation frequency rate
Duty cycle of the
modulation signal = 50%
f
modASK
020
kHz
CLK output
- Output current Low
- Output current Low
- Output current High
- Output current High
V
CLK = 0.2 ´ VS
V
CLK = 0.3 ´ VS
V
CLK = 0.8 ´ VS
V
CLK = 0.7 ´ VS
I
ol
I
ol
I
oh
I
oh
150
200
-150
-200
100
µA
µA
µA
µA
ASK input
- Low level input voltage
- High level input voltage
- Input current High
V
ASKl
V
ASKh
I
ASKh
1.7
0.3
140
V
V
µA
FSK input
- Low level input voltage
- High level input voltage
- Input current High
V
FSKl
V
FSKh
I
FSKh
1.7
0.3
140
V
V
µA
Electrical Characteristics (Continued)
All parameters are refered to GND (pin 5). The possible operating ranges refer to different circuit conditions:
VS = 2.0 V to 5.5 V at Tamb = -20°C to +70°C, VS = 2.2 V to 5.5 V at Tamb = -40°C to +85°C (typically 25°C, 3 V)
Parameters
Test Conditions
Symbol
Min.
Typ.
Max.
Unit


Similar Part No. - U2741B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U2741B-NFBG3Y ATMEL-U2741B-NFBG3Y Datasheet
200Kb / 11P
   UHF ASK/FSK TRANSMITTER
U2741B-NFBY ATMEL-U2741B-NFBY Datasheet
200Kb / 11P
   UHF ASK/FSK TRANSMITTER
U2741B ATMEL-U2741B_05 Datasheet
200Kb / 11P
   UHF ASK/FSK TRANSMITTER
More results

Similar Description - U2741B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5756 ATMEL-ATA5756 Datasheet
321Kb / 20P
   UHF ASK/FSK TRANSMITTER
U2741B ATMEL-U2741B_05 Datasheet
200Kb / 11P
   UHF ASK/FSK TRANSMITTER
T5750 ATMEL-T5750_07 Datasheet
211Kb / 13P
   UHF ASK/FSK Transmitter
T5753 ATMEL-T5753_08 Datasheet
270Kb / 13P
   UHF ASK/FSK Transmitter
ATA5756 ATMEL-ATA5756_08 Datasheet
340Kb / 20P
   UHF ASK/FSK Transmitter
T5754C ATMEL-T5754C_14 Datasheet
672Kb / 13P
   UHF ASK/FSK Transmitter
T5753 ATMEL-T5753 Datasheet
213Kb / 13P
   UHF ASK/FSK TRANSMITTER
T5750 ATMEL-T5750 Datasheet
212Kb / 12P
   UHF ASK/FSK TRANSMITTER
T5754 ATMEL-T5754 Datasheet
215Kb / 13P
   UHF ASK/FSK TRANSMITTER
ATA8404 ATMEL-ATA8404_14 Datasheet
924Kb / 18P
   UHF ASK/FSK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com