Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KP17 Datasheet(PDF) 5 Page - Hirose Electric

Part # KP17
Description  2.0mmPitch, 4.3mm height, Single contact, Non ZIP Type, Card(=PCB) Edge Connectors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

KP17 Datasheet(HTML) 5 Page - Hirose Electric

  KP17 Datasheet HTML 1Page - Hirose Electric KP17 Datasheet HTML 2Page - Hirose Electric KP17 Datasheet HTML 3Page - Hirose Electric KP17 Datasheet HTML 4Page - Hirose Electric KP17 Datasheet HTML 5Page - Hirose Electric KP17 Datasheet HTML 6Page - Hirose Electric KP17 Datasheet HTML 7Page - Hirose Electric KP17 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
■ KP17 - 18S - 1.5H
■ PCB LAYOUT
■ Packaging Specification
◆ 포장 방법 : Embossed Carrier tape(Anti-static)
◆ 포장 수량 : 1,000pcs/Reel
A
2.5
6S
HIROSE KOREA
Page5


Similar Part No. - KP17

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
KP1700A LUGUANG-KP1700A Datasheet
3Mb / 4P
   Phase control thyristor
More results

Similar Description - KP17

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
TF09 HIROSE-TF09 Datasheet
130Kb / 6P
   0.5mmPitch, 2.0mm Height, Single contact, Non ZIP type FFC FPC Connectors
logo
List of Unclassifed Man...
IL-S-2S-S2C2 ETC1-IL-S-2S-S2C2 Datasheet
604Kb / 3P
   2.0mm (.079) Contact Spocing, PCB-to-Cable (Crimp Type) Connectors
logo
Japan Aviation Electron...
IL-WX-10SB-VF-BE JAE-IL-WX-10SB-VF-BE Datasheet
868Kb / 4P
   0.8MM9.031)CONTACT SPACING PCB-TO-PCB SMT CONNECTORS
logo
TOCOSAMERICA, INC.
RSM134 TOCOS-RSM134 Datasheet
341Kb / 5P
   Single Output, Non-Contact Angle/Position Sensors
logo
ALPS ELECTRIC CO.,LTD.
SKQM ALPS-SKQM_15 Datasheet
847Kb / 3P
   Tall height (4.3mm and 5.0mm) and surface mount type
logo
List of Unclassifed Man...
IL-G-15P-S3C2-E ETC1-IL-G-15P-S3C2-E Datasheet
590Kb / 3P
   2.5mm Contact Spacing PCB-to-Cable Connectors
logo
Allen-Bradley
440N-C02068 ALLEN-BRADLEY-440N-C02068 Datasheet
126Kb / 4P
   Non contact Switches
GS1 ALLEN-BRADLEY-GS1 Datasheet
84Kb / 4P
   Non contact Switches
440N-S32013 ALLEN-BRADLEY-440N-S32013 Datasheet
95Kb / 4P
   Non contact Switches
FRS1 ALLEN-BRADLEY-FRS1 Datasheet
90Kb / 4P
   Non contact Switches
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com