Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N4001A Datasheet(PDF) 3 Page - Keysight Technologies

Part # N4001A
Description  SNS Series Noise Sources
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N4001A Datasheet(HTML) 3 Page - Keysight Technologies

  N4001A Datasheet HTML 1Page - Keysight Technologies N4001A Datasheet HTML 2Page - Keysight Technologies N4001A Datasheet HTML 3Page - Keysight Technologies N4001A Datasheet HTML 4Page - Keysight Technologies N4001A Datasheet HTML 5Page - Keysight Technologies N4001A Datasheet HTML 6Page - Keysight Technologies N4001A Datasheet HTML 7Page - Keysight Technologies N4001A Datasheet HTML 8Page - Keysight Technologies N4001A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
03 | Keysight | N4000A, N4001A, N4002A SNS Series Noise Sources - Technical Overview
N4000A for Low Noise Figure or Mismatch Sensitive
Devices Up to 18 GHz
The N4000A is designed to accurately measure devices with low noise figure, or devices
whose gain is especially sensitive to small changes in source impedance. This includes
most GaAs FET’s. The N4000A maintains the same impedance whether turned on or
off. By maintaining the same impedance at the input to the device under test (DUT)
gain changes are reduced. These gain changes can often masquerade as DUT noise and
cause noise figure measurement errors.
The ENR of this noise source is nominally 6 dB from 10 MHz to 18 GHz. DUTs with
noise figures up to 20 dB can be accurately and reliably measured with this device. The
N4000A noise source has a choice of connectors, with an APC 3.5 (m) as standard.
N4001A for General Purpose Measurements from
10 MHz to 18 GHz
The N4001A noise source is ideal for general purpose use with a low reflection coeffi-
cient and a nominal ENR of 15 dB from 10 MHz to 18 GHz. DUT’s with noise figures up
to 30 dB can be measured accurately and reliably with this device. The N4001A has a
selection of connectors, with an APC 3.5 (m) as standard.
N4002A for Measurements Up to 26.5 GHz
The N4002A noise source was designed to measure DUT noise figures reliably and accu-
rately up to 30 dB from 10 MHz up to 26.5 GHz accurately and reliably. This noise source
comes with an APC 3.5 connector as standard.


Similar Part No. - N4001A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
N4001 FAIRCHILD-N4001 Datasheet
176Kb / 3P
   General Purpose Rectifiers
logo
ON Semiconductor
N4001 ONSEMI-N4001 Datasheet
30Kb / 4P
   Axial Lead Standard Recovery Rectifiers
December, 2004 ??Rev. 9
logo
First Components Intern...
N4001GP FCI-N4001GP Datasheet
155Kb / 2P
   1.0 Amp MEGARECTIFIERS
logo
Pan Jit International I...
N4001S PANJIT-N4001S Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Diotech Company.
N4001S DIOTECH-N4001S Datasheet
666Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
More results

Similar Description - N4001A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N4000A KEYSIGHT-N4000A Datasheet
2Mb / 13P
   SNS Series Noise Sources
N4002A KEYSIGHT-N4002A Datasheet
2Mb / 13P
   SNS Series Noise Sources
logo
Fairchild Semiconductor
AN-6605 FAIRCHILD-AN-6605 Datasheet
703Kb / 5P
   Noise of Sources
logo
Clare, Inc.
TN-46 CLARE-TN-46 Datasheet
90Kb / 5P
   MICROWAVE NOISE TUBES & NOISE SOURCES
logo
Micronetics, Inc.
NZG-5-20K MICRONETICS-NZG-5-20K Datasheet
551Kb / 1P
   NOIZEG BASEBAND NOISE SOURCES
NSL2 MICRONETICS-NSL2 Datasheet
452Kb / 2P
   BROADBAND COAXIAL MICROWAVE NOISE SOURCES
RFN25L MICRONETICS-RFN25L Datasheet
517Kb / 2P
   FULLBAND CALIBRATED MICROWAVE NOISE SOURCES
NS5100 MICRONETICS-NS5100 Datasheet
572Kb / 3P
   SMALL HERMETIC HYBRID NOISE SOURCES
RFN55L MICRONETICS-RFN55L Datasheet
91Kb / 3P
   FULLBAND HIGH ENR MICROWAVE NOISE SOURCES
NC501SM-12 MICRONETICS-NC501SM-12 Datasheet
263Kb / 2P
   Surface Mount Noise Sources 200 kHz to 500 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com