Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28221PW Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28221PW
Description  INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28221PW Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCC28221PW Datasheet HTML 3Page - Texas Instruments UCC28221PW Datasheet HTML 4Page - Texas Instruments UCC28221PW Datasheet HTML 5Page - Texas Instruments UCC28221PW Datasheet HTML 6Page - Texas Instruments UCC28221PW Datasheet HTML 7Page - Texas Instruments UCC28221PW Datasheet HTML 8Page - Texas Instruments UCC28221PW Datasheet HTML 9Page - Texas Instruments UCC28221PW Datasheet HTML 10Page - Texas Instruments UCC28221PW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
UCC28220, UCC28221
SLUS544A − SEPTEMBER 2003 − REVISED AUGUST 2004
7
www.ti.com
Terminal Functions
TERMINAL
PIN NUMBER
FUNCTION
UCC28220D
UCC28220PW
UCC28221D
UCC28221PW
NAME
I/O
FUNCTION
1
1
2
LINEOV
I
Input for line over voltage comparator
2
2
3
LINEHYS
I
Sets line comparator hysteresis
3
3
4
VDD
I
Device supply input
4
4
5
CS1
I
Channel 1 current sense input
5
5
6
SLOPE
I
Sets slope compensation
6
6
7
CS2
I
Channel 2 current sense input
7
7
8
SS
I
Soft-start input
8
8
9
CTRL
I
Feedback control input
9
9
12
DISCHG
I
Sets oscillator discharge current
10
10
13
CHG
I
Sets oscillator charge current
11
11
14
GND
Device ground
12
12
15
OUT2
O
PWM output from channel 2
13
13
16
OUT1
O
PWM output from channel 1
14
14
17
REF
O
Reference voltage output
15
15
18
LINEUV
I
Input for line under voltage comparator
16
20
VIN
I
High voltage start-up input
16
1, 10, 11, 19
N/C
No connection
PIN DESCRIPTIONS
VDD: This is used to supply power to the device, monitoring this pin is a the UVLO circuit. This is used to insure
glitch-free startup operation. Until VDD reaches its UVLO threshold, it remains in a low power mode, drawing
approximately 150
µA of current and forcing pins, SS, CS1, CS2, OUT1, and OUT2 to logic 0 states. If the VDD
falls below 8 V after reaching turn-on, it will go back into this low power state. In the case of the UCC28221, the
UVLO threshold is 13 V. It is 10 V for the UCC28220. Both versions have a turn-off threshold of 8 V.
VIN (UCC28221 only): This pin has an internal high voltage JFET used for startup. The drain is connected to
VIN, while its’ source is connected to VDD. During startup, this JFET delivers 12 mA typically with a minimum
of 4 mA to VDD, which in turn, charges up the VDD bypass capacitor. When VDD gets to 13 V, the JFET is turned
off.
CS1 and CS2: These 2 pins are the current sense inputs to the device. The signals are internally level shifted
by 0.5 V before the signal gets to the PWM comparator. Internally the slope compensation ramp is added to this
signal. The linear operating range on this input is 0 to 1.5 V. Also, this pin gets pulled to ground each time its
respective output goes low. (ie: OUT1 and OUT2).
SLOPE: This pin sets up a current used for the slope compensation ramp. A resistor to ground sets up a current,
which is internally divided by 25 and then applied to an internal 10-pF capacitor. Under normal operation th dc
voltage on this pin is 2.5 V..
SS: A capacitor to ground sets up the soft-start time for the open loop soft-start function. The source and sink
current from this pin is equal to 3/7th of the oscillator charge current set by the resistor on the CHG pin. The
soft start capacitor is held low during UVLO and during a Line OV or UV condition. Once an OV or UV fault
occurs, the soft-start capacitor is discharged by a current equal to its charging current. The capacitor does NOT
quickly discharge during faults. In this way, the controller has the ability to recover quickly from very short line
transients. This pin can also be used as an Enable/Disable function.


Similar Part No. - UCC28221PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28221PW TI-UCC28221PW Datasheet
616Kb / 30P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
UCC28221PW TI1-UCC28221PW Datasheet
918Kb / 32P
[Old version datasheet]   INTERILEAVED DUAL PWM CONTROLLER
UCC28221PWG4 TI-UCC28221PWG4 Datasheet
616Kb / 30P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
UCC28221PWR TI-UCC28221PWR Datasheet
616Kb / 30P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
UCC28221PWRG4 TI-UCC28221PWRG4 Datasheet
616Kb / 30P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
More results

Similar Description - UCC28221PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28220 TI-UCC28220_15 Datasheet
897Kb / 32P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
UCC28220 TI-UCC28220_07 Datasheet
616Kb / 30P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
UCC28220-Q1 TI1-UCC28220-Q1 Datasheet
780Kb / 26P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAXIMUM DUTY CYCLE
UCC28220-Q1 TI-UCC28220-Q1_15 Datasheet
940Kb / 27P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAXIMUM DUTY CYCLE
UCC1807 TI-UCC1807 Datasheet
314Kb / 11P
[Old version datasheet]   Programmable Maximum Duty Cycle PWM Controller
logo
Vishay Siliconix
SI9118 VISHAY-SI9118_11 Datasheet
174Kb / 11P
   Programmable Duty Cycle Controller
Rev. E, 16-May-11
SI9118 VISHAY-SI9118_V01 Datasheet
187Kb / 11P
   Programmable Duty Cycle Controller
01-Jan-2022
SI9118 VISHAY-SI9118 Datasheet
91Kb / 8P
   Programmable Duty Cycle Controller
Rev. B, 05 Apr-99
logo
Texas Instruments
UCC1807-1 TI1-UCC1807-1 Datasheet
3Mb / 16P
[Old version datasheet]   Programmable Maximum Duyt Cycle PWM Controller
logo
Cherry Semiconductor Co...
CS52845 CHERRY-CS52845 Datasheet
142Kb / 6P
   Current Mode PWM Control Circuit with 50% Max Duty Cycle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com