Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCA8613YT Datasheet(PDF) 10 Page - Texas Instruments

Part # VCA8613YT
Description  8-Channel VARIABLE GAIN AMPLIFIER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VCA8613YT Datasheet(HTML) 10 Page - Texas Instruments

Back Button VCA8613YT Datasheet HTML 6Page - Texas Instruments VCA8613YT Datasheet HTML 7Page - Texas Instruments VCA8613YT Datasheet HTML 8Page - Texas Instruments VCA8613YT Datasheet HTML 9Page - Texas Instruments VCA8613YT Datasheet HTML 10Page - Texas Instruments VCA8613YT Datasheet HTML 11Page - Texas Instruments VCA8613YT Datasheet HTML 12Page - Texas Instruments VCA8613YT Datasheet HTML 13Page - Texas Instruments VCA8613YT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
VCA8613
10
SBOS200C
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, fIN = 2MHz, ATN = 00, PG = 01, VCNTRL = 1.7V, unless otherwise noted. Differential output, 750mVPP, and AVDD = DVDD = 3.0V.
600
500
400
300
200
100
0
OUTPUT REFERRED NOISE vs V
CNTRL
(ATN = 00, f
IN = 2MHz)
V
CNTRL (V)
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
PG = 01
PG = 00
600
500
400
300
200
100
0
OUTPUT REFERRED NOISE vs V
CNTRL
(ATN = 00, f
IN = 5MHz)
V
CNTRL (V)
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
PG = 01
PG = 00
14
12
10
8
6
4
2
0
INPUT REFERRED NOISE vs V
CNTRL
(ATN = 00, f
IN = 2MHz)
V
CNTRL (V)
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
PG = 01
PG = 00
14
12
10
8
6
4
2
0
INPUT REFERRED NOISE vs V
CNTRL
(ATN = 00, f
IN = 5MHz)
V
CNTRL (V)
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
PG = 01
PG = 00
45
42
39
36
33
30
27
24
21
18
15
NOISE FIGURE vs V
CNTRL
(ATN = 00, f
IN = 2MHz)
V
CNTRL (V)
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
PG = 01
PG = 00
45
42
39
36
33
30
27
24
21
18
15
NOISE FIGURE vs V
CNTRL
(ATN = 00, f
IN = 5MHz)
V
CNTRL (V)
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
PG = 01
PG = 00


Similar Part No. - VCA8613YT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VCA8617 BURR-BROWN-VCA8617 Datasheet
400Kb / 26P
   8-Channel VARIABLE GAIN AMPLIFIER
logo
Texas Instruments
VCA8617 TI1-VCA8617 Datasheet
723Kb / 35P
[Old version datasheet]   8-Channel VARIABLE GAIN AMPLIFIER
logo
Burr-Brown (TI)
VCA8617PAGR BURR-BROWN-VCA8617PAGR Datasheet
400Kb / 26P
   8-Channel VARIABLE GAIN AMPLIFIER
logo
Texas Instruments
VCA8617PAGR TI1-VCA8617PAGR Datasheet
723Kb / 35P
[Old version datasheet]   8-Channel VARIABLE GAIN AMPLIFIER
logo
Burr-Brown (TI)
VCA8617PAGT BURR-BROWN-VCA8617PAGT Datasheet
400Kb / 26P
   8-Channel VARIABLE GAIN AMPLIFIER
More results

Similar Description - VCA8613YT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VCA8617 BURR-BROWN-VCA8617 Datasheet
400Kb / 26P
   8-Channel VARIABLE GAIN AMPLIFIER
logo
Texas Instruments
VCA8617 TI1-VCA8617_14 Datasheet
723Kb / 35P
[Old version datasheet]   8-Channel VARIABLE GAIN AMPLIFIER
logo
Hittite Microwave Corpo...
HMC997LC4 HITTITE-HMC997LC4_12 Datasheet
581Kb / 8P
   VARIABLE GAIN AMPLIFIER
logo
Analog Devices
HMC997LC4 AD-HMC997LC4 Datasheet
453Kb / 8P
   VARIABLE GAIN AMPLIFIER
logo
NXP Semiconductors
OM7922 NXP-OM7922 Datasheet
104Kb / 2P
   Variable gain amplifier
5/21/2012
logo
Cooper Bussmann, Inc.
HMC6187LP4E COOPER-HMC6187LP4E Datasheet
1Mb / 8P
   VARIABLE GAIN AMPLIFIER
logo
Analog Devices
HMC996LP4E AD-HMC996LP4E Datasheet
479Kb / 8P
   VARIABLE GAIN AMPLIFIER
HMC6187LP4E AD-HMC6187LP4E Datasheet
1,008Kb / 8P
   VARIABLE GAIN AMPLIFIER
logo
RFHIC
2AM0405S RFHIC-2AM0405S Datasheet
890Kb / 9P
   Variable Gain Amplifier
logo
Analog Devices
AD8330 AD-AD8330_16 Datasheet
1Mb / 32P
   Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com