Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM136 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM136
Description  2.5V REFERENCE DIODE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM136 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM136 Datasheet HTML 1Page - National Semiconductor (TI) LM136 Datasheet HTML 2Page - National Semiconductor (TI) LM136 Datasheet HTML 3Page - National Semiconductor (TI) LM136 Datasheet HTML 4Page - National Semiconductor (TI) LM136 Datasheet HTML 5Page - National Semiconductor (TI) LM136 Datasheet HTML 6Page - National Semiconductor (TI) LM136 Datasheet HTML 7Page - National Semiconductor (TI) LM136 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MICROCIRCUIT DATA SHEET
MNLM136-2.5-X REV 0A0
Features
- Low temperature coefficient
- Wide operating current of 400uA to 10mA
- 0.2 Ohms dynamic impedance
- +1% initial tolerance available
- Guaranteed temperature stability
- Easily trimmed for minimum temperature drift
- Fast turn-on
- Three lead transistor package
2


Similar Part No. - LM136

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM136-2.5 NSC-LM136-2.5 Datasheet
223Kb / 12P
   Reference Diode
logo
Linear Technology
LM136-2.5 LINER-LM136-2.5 Datasheet
131Kb / 4P
   2.5V Reference
logo
National Semiconductor ...
LM136-2.5 NSC-LM136-2.5 Datasheet
679Kb / 12P
   Reference Diode
logo
Texas Instruments
LM136-2.5 TI1-LM136-2.5 Datasheet
676Kb / 14P
[Old version datasheet]   Reference Diode
LM136-2.5 TI-LM136-2.5 Datasheet
676Kb / 14P
[Old version datasheet]   LM136-2.5/LM236-2.5/LM336-2.5V Reference Diode
More results

Similar Description - LM136

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM136A-2.5QML TI1-LM136A-2.5QML_16 Datasheet
453Kb / 17P
[Old version datasheet]   2.5V Reference Diode
LM136A-2.5QML TI1-LM136A-2.5QML_17 Datasheet
493Kb / 18P
[Old version datasheet]   LM136A-2.5QML 2.5V Reference Diode
LM136A-2.5QML-SP TI-LM136A-2.5QML-SP_15 Datasheet
423Kb / 17P
[Old version datasheet]   LM136A-2.5QML 2.5V Reference Diode
LM136A-2.5QML TI1-LM136A-2.5QML Datasheet
304Kb / 16P
[Old version datasheet]   LM136A-2.5QML 2.5V Reference Diode
LM136A-2.5QML TI-LM136A-2.5QML_15 Datasheet
423Kb / 17P
[Old version datasheet]   LM136A-2.5QML 2.5V Reference Diode
logo
Linear Technology
LT1009 LINER-LT1009 Datasheet
140Kb / 8P
   2.5V Reference
RH1009 LINER-RH1009 Datasheet
125Kb / 2P
   2.5V Reference
LM136-2.5 LINER-LM136-2.5_15 Datasheet
137Kb / 4P
   2.5V Reference
LT1009 LINER-LT1009_05 Datasheet
119Kb / 8P
   2.5V Reference
LM136-2.5 LINER-LM136-2.5 Datasheet
131Kb / 4P
   2.5V Reference
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com