Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCA8613YR Datasheet(PDF) 1 Page - Texas Instruments

Part # VCA8613YR
Description  8-Channel VARIABLE GAIN AMPLIFIER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VCA8613YR Datasheet(HTML) 1 Page - Texas Instruments

  VCA8613YR Datasheet HTML 1Page - Texas Instruments VCA8613YR Datasheet HTML 2Page - Texas Instruments VCA8613YR Datasheet HTML 3Page - Texas Instruments VCA8613YR Datasheet HTML 4Page - Texas Instruments VCA8613YR Datasheet HTML 5Page - Texas Instruments VCA8613YR Datasheet HTML 6Page - Texas Instruments VCA8613YR Datasheet HTML 7Page - Texas Instruments VCA8613YR Datasheet HTML 8Page - Texas Instruments VCA8613YR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
8-Channel
VARIABLE GAIN AMPLIFIER
FEATURES
q 3V OPERATION
q LOW INPUT NOISE: 1.2nV
√Hz at f
IN = 5MHz
q EXTREMELY LOW POWER OPERATION:
75mW/CHANNEL
q INTEGRATED LOW-PASS, 2-POLE FILTER
14MHz BANDWIDTH
VCA8613
SBOS200C – APRIL 2003 – REVISED MARCH 2004
www.ti.com
Copyright © 2003-2004, Texas Instruments Incorporated
OutP(1)
OutN(1)
LNAIN1
LNA
V
LNA
V
LNA
Attenuator
Analog
Control
PGA
2-Pole
Filter
CW(1-10)
D(0-3)
CW Processor
5x8
FIFO
OutP(8)
OutN(8)
LNAIN8
LNA
Attenuator
PGA
2-Pole
Filter
DATA
CLK
CS
Serial
Interface
DESCRIPTION
The VCA8613 is an 8-channel variable gain amplifier ideally
suited to portable ultrasound applications. Excellent dynamic
performance enables use in low-power, high-performance
portable applications. Each channel consists of a Low-Noise
pre-Amplifier (LNA) and a Variable Gain Amplifier (VGA). The
differential outputs of the LNA can be switched through the
8x10 cross-point switch, which is programmable through the
serial interface input port.
The output of the LNA is fed directly into the VGA stage. The
VGA consists of two parts, a Voltage Controlled Attenuator
(VCA) and a Programmable Gain Amplifier (PGA). The gain and
q INTEGRATED INPUT CLAMP DIODES
q DIFFERENTIAL OUTPUT
q INTEGRATED INPUT LNA
q READABLE CONTROL REGISTERS
q INTEGRATED CONTINUOUS WAVE (CW)
PROCESSOR
gain range of the PGA can be digitally configured separately. The
gain of the PGA can be varied between two discrete settings of
21dB and 26dB. The VCA has four programmable maximum
attenuation settings: 29dB, 33dB, 36.5dB, and 40dB. Also, the
VCA can be continuously varied by a control voltage from 0dB to
a maximum of 29dB, 33dB, 36.5dB, and 40dB.
The output of the PGA feeds directly into an integrated
2-pole, low-pass filter, allowing for direct connection to a
differential input Analog-to-Digital Converter (ADC), such as
the ADS5121 or ADS5122 from Texas Instruments. The
VCA8613 is available in a TQFP-64 package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
VCA8613 ®
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - VCA8613YR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VCA8617 BURR-BROWN-VCA8617 Datasheet
400Kb / 26P
   8-Channel VARIABLE GAIN AMPLIFIER
logo
Texas Instruments
VCA8617 TI1-VCA8617 Datasheet
723Kb / 35P
[Old version datasheet]   8-Channel VARIABLE GAIN AMPLIFIER
logo
Burr-Brown (TI)
VCA8617PAGR BURR-BROWN-VCA8617PAGR Datasheet
400Kb / 26P
   8-Channel VARIABLE GAIN AMPLIFIER
logo
Texas Instruments
VCA8617PAGR TI1-VCA8617PAGR Datasheet
723Kb / 35P
[Old version datasheet]   8-Channel VARIABLE GAIN AMPLIFIER
logo
Burr-Brown (TI)
VCA8617PAGT BURR-BROWN-VCA8617PAGT Datasheet
400Kb / 26P
   8-Channel VARIABLE GAIN AMPLIFIER
More results

Similar Description - VCA8613YR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VCA8617 BURR-BROWN-VCA8617 Datasheet
400Kb / 26P
   8-Channel VARIABLE GAIN AMPLIFIER
logo
Texas Instruments
VCA8617 TI1-VCA8617_14 Datasheet
723Kb / 35P
[Old version datasheet]   8-Channel VARIABLE GAIN AMPLIFIER
logo
Hittite Microwave Corpo...
HMC997LC4 HITTITE-HMC997LC4_12 Datasheet
581Kb / 8P
   VARIABLE GAIN AMPLIFIER
logo
Analog Devices
HMC997LC4 AD-HMC997LC4 Datasheet
453Kb / 8P
   VARIABLE GAIN AMPLIFIER
logo
NXP Semiconductors
OM7922 NXP-OM7922 Datasheet
104Kb / 2P
   Variable gain amplifier
5/21/2012
logo
Cooper Bussmann, Inc.
HMC6187LP4E COOPER-HMC6187LP4E Datasheet
1Mb / 8P
   VARIABLE GAIN AMPLIFIER
logo
Analog Devices
HMC996LP4E AD-HMC996LP4E Datasheet
479Kb / 8P
   VARIABLE GAIN AMPLIFIER
HMC6187LP4E AD-HMC6187LP4E Datasheet
1,008Kb / 8P
   VARIABLE GAIN AMPLIFIER
logo
RFHIC
2AM0405S RFHIC-2AM0405S Datasheet
890Kb / 9P
   Variable Gain Amplifier
logo
Analog Devices
AD8330 AD-AD8330_16 Datasheet
1Mb / 32P
   Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com